Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8806PWPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8806PWPR
Description  QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8806PWPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8806PWPR Datasheet HTML 4Page - Texas Instruments DRV8806PWPR Datasheet HTML 5Page - Texas Instruments DRV8806PWPR Datasheet HTML 6Page - Texas Instruments DRV8806PWPR Datasheet HTML 7Page - Texas Instruments DRV8806PWPR Datasheet HTML 8Page - Texas Instruments DRV8806PWPR Datasheet HTML 9Page - Texas Instruments DRV8806PWPR Datasheet HTML 10Page - Texas Instruments DRV8806PWPR Datasheet HTML 11Page - Texas Instruments DRV8806PWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
OCP,
Open load,
Gate Drive
SCLK
RESET
OUT1
Q
S
R
Q
S
R
OCP
Open
load
From output SR
from output 2
from output 3
from output 4
OCP_FAULT
OPEN_FAULT
25µA
nFAULT
from
other ch.
Overtemp
SDATOUT
1
0
Q
D
CLR
1
0
SDATIN
1
0
1
0
1
0
LD
Q
D
CLR
LD
Q
D
CLR
LD
Q
D
CLR
LD
Q
D
CLR
LATCH
from output register
4.5V
DRV8806
SLVSBA3 – JUNE 2012
www.ti.com
Fault Output Register
The DRV8806 contains circuitry to detect open or shorted loads. The status of the loads can be read via the
serial interface. The logic is shown in Figure 3.
Figure 3. Fault Output
To overcome any leakage currents to accurately sense an open load, a small current source is connected to
each output pin. This source pulls approximately 25-µA of current to ground. The voltage on the output pin is
sensed during the time that the output is off, and if the voltage on the pin is less than 1.2 V (indicating that there
is no load connected) after the open load deglitch time, the OPEN_FAULT latch is set. This latch is cleared
whenever the output bit is set.
When the output is turned on, if an overcurrent (OCP) fault is detected, the channel will be turned off and the
OCP_FAULT latch is set. This latch will be cleared whenever the output bit is cleared.
The state of the OCP_FAULT and OPEN_FAULT signals is combined into a single fault bit per channel, and
loaded into a shift register while the LATCH pin is low. When the LATCH pin is taken high, the fault data is
latched into the shift register at the first falling edge of SCLK. Data may then be shifted out on the SDATOUT pin
on each falling edge of the SCLK pin.
Note that the LATCH signal must be high for a minimum of 200 ns before valid data can be clocked out.
The nFAULT pin will be driven active low whenever any of the OCP_FAULT or OPEN_FAULT latches are set, as
well as whenever there is an overtemperature condition.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): DRV8806


Similar Part No. - DRV8806PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8806PWPR TI1-DRV8806PWPR Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
More results

Similar Description - DRV8806PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8804 TI-DRV8804_15 Datasheet
956Kb / 21P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8804PWP TI1-DRV8804PWP Datasheet
765Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8806 TI1-DRV8806 Datasheet
703Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8804 TI1-DRV8804 Datasheet
581Kb / 15P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
NOVEMBER2011
DRV8804 TI1-DRV8804_16 Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
DRV8806 TI1-DRV8806_16 Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
DRV8806 TI-DRV8806_15 Datasheet
896Kb / 21P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8803 TI-DRV8803_15 Datasheet
933Kb / 20P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
DRV8803 TI1-DRV8803_16 Datasheet
1Mb / 26P
[Old version datasheet]   Quad Low-Side Driver IC
DRV8803PWP TI-DRV8803PWP Datasheet
887Kb / 19P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com