Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCX1149A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FCX1149A
Description  SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCX1149A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FCX1149A Datasheet HTML 1Page - Fairchild Semiconductor FCX1149A Datasheet HTML 2Page - Fairchild Semiconductor FCX1149A Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FCX1149A
1m
100
1m
100
1m
100
100m
100
100
1m
1m
100
IC - Collector Current (A)
VCE(sat) v IC
0
1.0
IC/IB=10
IC/IB=50
IC/IB=100
+25°C
-55°C
750
+100°C
0
IC - Collector Current (A)
hFE v IC
+25°C
+100°C
1.2
-55°C
0
IC - Collector Current (A)
VBE(on) v IC
+100°C
1.0
+25°C
0
IC - Collector Current (A)
VCE(sat) v IC
+100°C
1.6
0.8
+25°C
0
IC - Collector Current (A)
VBE(sat) v IC
1s
100ms
10
DC
10m
VCE - Collector Emitter Voltage (V)
Safe Operating Area
10ms
1ms
100us
VCE=2V
+25°C
-55°C
IC/IB=100
VCE=2V
-55°C
IC/IB=100
10m
100m
1
10
0.2
0.4
0.6
0.8
IC/IB=200
10m
100m
1
10
0.2
0.4
0.6
0.8
10m
100m
1
10
250
500
10m
100m
1
10
0.4
0.8
10m
100m
1
10
0.4
1.2
110
100m
1
TYPICAL CHARACTERISTICS


Similar Part No. - FCX1149A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX1149A ZETEX-FCX1149A Datasheet
108Kb / 3P
   PNP SILICON POWER (SWITCHING) TRANSISTOR
logo
Guangdong Kexin Industr...
FCX1149A KEXIN-FCX1149A Datasheet
52Kb / 2P
   PNP Silicon Power Switching Transistor
logo
Diodes Incorporated
FCX1149A DIODES-FCX1149A Datasheet
124Kb / 3P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
FCX1149A DIODES-FCX1149A_15 Datasheet
124Kb / 3P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
More results

Similar Description - FCX1149A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FCX1151ATA ETC2-FCX1151ATA Datasheet
66Kb / 3P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
logo
Diodes Incorporated
FCX790ATA DIODES-FCX790ATA Datasheet
48Kb / 4P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
FCX1147A DIODES-FCX1147A Datasheet
92Kb / 3P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
FCX718 DIODES-FCX718_15 Datasheet
71Kb / 3P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
FCX1147A DIODES-FCX1147A_15 Datasheet
92Kb / 3P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
FCX1149A DIODES-FCX1149A_15 Datasheet
124Kb / 3P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
FCX1151A DIODES-FCX1151A_15 Datasheet
66Kb / 3P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
FCX717 DIODES-FCX717 Datasheet
65Kb / 2P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
FCX1151A DIODES-FCX1151A Datasheet
66Kb / 3P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
logo
List of Unclassifed Man...
FCX1147ATA ETC2-FCX1147ATA Datasheet
92Kb / 3P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com