Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GQM1885C1H101JB01D Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # GQM1885C1H101JB01D
Description  Application Specific Capacitors High Frequency Ceramic Capacitors ??GQM Series
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GQM1885C1H101JB01D Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  GQM1885C1H101JB01D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GQM1885C1H101JB01D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GQM1885C1H101JB01D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GQM1885C1H101JB01D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GQM1885C1H101JB01D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GQM1885C1H101JB01D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GQM1885C1H101JB01D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GQM1885C1H101JB01D Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GQM1885C1H101JB01D Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
GQM Series: Featuring improved
low power consumption for mobile
telecommunications, the GQM Series is
typically used in frequencies from 500MHz
to 10GHz. The copper electrodes allow for
ultra low ESR, high Q in the GHz frequencies
and high RF current handling capability. This
series is the best choice for high performance,
high power RF designs requiring voltages up
to 500VDC. Offered in EIA sizes 0603, 0805
and the new 1111 size with a capacitance
range of 0.1 to 100pF, there are a variety of
tight tolerance versions available.
Features:
Size: 0603, 0805 and 1111
Voltage: 50, 100, 250 and 500VDC
Cap Range: 0.1 to 100pF
Internal Electrode: Cu
Termination: Cu + Ni/Sn plating
ESR: Ultra Low
Power: High Power (>15W)
Frequency Range: 500MHz –10GHz. High Q and Low ESR at VHF, UHF, and
Microwave Frequencies
Tolerance: Tight Tolerance Available ([W]=+/-0.05pF for <=5pF, [B]=+/-0.1pF for
5 - 9.1pF, [C]=+/-0.25pF for 5 - 9.1pF, [F]=+/-1% for 10 - 20pF)
Temp. Characteristics: C0G (-55ºC to 125ºC with 0 ±30ppm/ ºC)
Applications:
Base stations
for cellular, broadcast satellites,
cable TV and telecommunication
networks, GPS, Bluetooth® and
TV set-top boxes
Application Specific Capacitors
High Frequency Ceramic Capacitors – GQM Series
GQM Product Summary
20 – Innovator in Electronics
C-29-C
www .murata.com
20 – Innovator in Electronics
C-29-C
www .murata.com
www .murata.com
www .murata.com
www .murata.com


Similar Part No. - GQM1885C1H101JB01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GQM1885C1H100RB01 MURATA-GQM1885C1H100RB01 Datasheet
578Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
More results

Similar Description - GQM1885C1H101JB01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
1303353 MURATA-1303353 Datasheet
1Mb / 30P
   Application Specific Capacitors
GJM1555C1H2R7BB01D MURATA-GJM1555C1H2R7BB01D Datasheet
2Mb / 14P
   Application Specifi c Capacitors High Frequency Ceramic Capacitors
ERB1885C2E100GDX5D MURATA-ERB1885C2E100GDX5D Datasheet
2Mb / 20P
   Application Spec ifi c Capacitors High Frequency Ceramic Capacitors
MA18101 MURATA-MA18101 Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
logo
Murata Manufacturing Co...
ERB1885C2D100RDX1D MURATA1-ERB1885C2D100RDX1D Datasheet
2Mb / 20P
   High Frequency Ceramic Capacitors
logo
List of Unclassifed Man...
MHP3150 ETC1-MHP3150 Datasheet
564Kb / 5P
   High Frequency Poser Ceramic Capacitors
MHP1151 ETC1-MHP1151 Datasheet
555Kb / 5P
   High Frequency Power Ceramic Capacitors
logo
International Rectifier
IRF6668PBF IRF-IRF6668PBF_15 Datasheet
636Kb / 10P
   Application Specific MOSFETs
logo
Taiyo Yuden (U.S.A.), I...
TMF212B7104KGHT TAIYO-YUDEN-TMF212B7104KGHT Datasheet
402Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
UMF212B7224KGHT TAIYO-YUDEN-UMF212B7224KGHT Datasheet
402Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com