Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GQM188 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # GQM188
Description  Application Specific Capacitors High Frequency Ceramic Capacitors ??GQM Series
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GQM188 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  GQM188 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GQM188 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GQM188 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GQM188 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GQM188 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GQM188 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GQM188 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GQM188 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GQM188 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Unit: mm
Chip Structure
Chip Dimensions
L
T
e
e
g
Chip Capacitor
c
ba
Land
Solder
Resist
Land Pattern
Dimensions
GQM Data Sheet
Capacitance Range
Dielectric
(Ceramic)
Plating
(Sn)
Barrier
(Ni)
Termination
(Cu)
Inner Electrode
(Cu)
Series
EIA size
L
W
T
e
g min.
GQM187
0603
1.6+/-0.15 0.8+/-0.15
0.7+/-0.1
0.2 to 0.5
0.5
GQM188
0603
1.6+/-0.1
0.8+/-0.1
0.8+/-0.1
GQM219
0805
2.0+/-0.15 1.25+/-0.15 0.85+/-0.15 0.2 to 0.7
0.7
NEW
GQM22M
1111
2.8+/-0.5
2.8+/-0.4
1.15+/-0.2 0.3 min.
1.0
Flow Soldering
Series
a
b
c
GQM18 0.6 ~ 1.0 0.8 ~ .0.9
0.6 ~ 0.8
GQM21 1.0 ~ 1.2 0.9 ~ 1.0
0.8 ~ 1.1
GQM22
n/a
n/a
n/a
Re-Flow Soldering
Series
a
b
c
GQM18 0.6 ~ 1.0 0.8 ~ .0.9
0.6 ~ 0.8
GQM21 1.0 ~ 1.2 0.9 ~ 1.0
0.8 ~ 1.1
GQM22 2.2 ~ 2.5 0.8 ~ 1.0
1.9 ~ 2.3
Chip Dimensions Table
Series
TC
WV
Capacitance Range
1pF
10pF
100pF
pF
GQM187 C0G
250V
0.1 to 47 pF
GQM188 C0G
100V
0.1 to 6.8 pF
50V
7.0 to 100 pF
GQM219 C0G
250V
0.2 to 100 pF
100V
0.2 to 18 pF
50V
20 to 100 pF
GQM22M C0G
500V
0.5 to 100 pF
Product ID
Series
Dimension (LxW)
Dimension (T)
Code
Product
GQ
High Q
Code
Product
M
Tin Plated Termination
Code
Dimension (LxW)
18
1.6x0.8mm
21
2.0x1.25mm
22
2.8x2.8mm
Code Dimension (T)
7
0.7mm
8
0.8mm
9
0.85mm
M
1.15mm
Temperature Characteristics
Rated Voltage
Capacitance
Code TC Cap. Change
Operating Temp.Range
5C C0G 0+/-30ppm/°C
-55 to 125°C
Code Rated Voltage
1H
DC 50V
2A
DC 100V
2E
DC 250V
2H
DC 500V
Code Capacitance
R50
0.5pF
1R0
1.0pF
5R6
5.6pF
100
10pF
Capacitance Tolerance
Code Cap. Tol.
TC
W
+/-0.05pF
C0G (<=5pF)
B
+/-0.1pF
C0G (<=5pF)
C
+/-0.25pF
C0G (<=9pF)
D
+/-0.5pF
C0G (6 to 9pF)
F
+/-1%
C0G (>=10pF)
G
+/-2%
J
+/-5%
Individual Specification Code
Packaging
Code
Packaging
B
Bulk in nylon bag
D
180mm Paper Taping
L
180mm Paper Taping
J
330mm Paper Taping
K
330mm Paper Taping
Capacitance Range
Global Part Numbering
Series
EIA size
L
W
T
e
g min.
GQM187
0603
1.6+/-0.15 0.8+/-0.15
0.7+/-0.1
0.2 to 0.5
0.5
GQM188
0603
1.6+/-0.1
0.8+/-0.1
0.8+/-0.1
GQM219
0805
2.0+/-0.15 1.25+/-0.15 0.85+/-0.15 0.2 to 0.7
0.7
NEW
GQM22M
1111
2.8+/-0.5
2.8+/-0.4
1.15+/-0.2 0.3 min.
1.0
Flow Soldering
Series
a
b
c
GQM18 0.6 ~ 1.0 0.8 ~ .0.9
0.6 ~ 0.8
GQM21 1.0 ~ 1.2 0.9 ~ 1.0
0.8 ~ 1.1
GQM22
n/a
n/a
n/a
Re-Flow Soldering
Series
a
b
c
GQM18 0.6 ~ 1.0 0.8 ~ .0.9
0.6 ~ 0.8
GQM21 1.0 ~ 1.2 0.9 ~ 1.0
0.8 ~ 1.1
GQM22 2.2 ~ 2.5 0.8 ~ 1.0
1.9 ~ 2.3
Chip Dimensions Table
Series
TC
WV
Capacitance Range
1pF
10pF
100pF
pF
GQM187 C0G
250V
0.1 to 47 pF
GQM188 C0G
100V
0.1 to 6.8 pF
50V
7.0 to 100 pF
GQM219 C0G
250V
0.2 to 100 pF
100V
0.2 to 18 pF
50V
20 to 100 pF
GQM22M C0G
500V
0.5 to 100 pF
Product ID
Series
Dimension (LxW)
Dimension (T)
Code
Product
GQ
High Q
Code
Product
M
Tin Plated Termination
Code
Dimension (LxW)
18
1.6x0.8mm
21
2.0x1.25mm
22
2.8x2.8mm
Code Dimension (T)
7
0.7mm
8
0.8mm
9
0.85mm
M
1.15mm
Temperature Characteristics
Rated Voltage
Capacitance
Code TC Cap. Change
Operating Temp.Range
5C C0G 0+/-30ppm/°C
-55 to 125°C
Code Rated Voltage
1H
DC 50V
2A
DC 100V
2E
DC 250V
2H
DC 500V
Code Capacitance
R50
0.5pF
1R0
1.0pF
5R6
5.6pF
100
10pF
Capacitance Tolerance
Code Cap. Tol.
TC
W
+/-0.05pF
C0G (<=5pF)
B
+/-0.1pF
C0G (<=5pF)
C
+/-0.25pF
C0G (<=9pF)
D
+/-0.5pF
C0G (6 to 9pF)
F
+/-1%
C0G (>=10pF)
G
+/-2%
J
+/-5%
Individual Specification Code
Packaging
Code
Packaging
B
Bulk in nylon bag
D
180mm Paper Taping
L
180mm Paper Taping
J
330mm Paper Taping
K
330mm Paper Taping
Capacitance Range
Global Part Numbering
Series
EIA size
L
W
T
e
g min.
GQM187
0603
1.6+/-0.15 0.8+/-0.15
0.7+/-0.1
0.2 to 0.5
0.5
GQM188
0603
1.6+/-0.1
0.8+/-0.1
0.8+/-0.1
GQM219
0805
2.0+/-0.15 1.25+/-0.15 0.85+/-0.15 0.2 to 0.7
0.7
NEW
GQM22M
1111
2.8+/-0.5
2.8+/-0.4
1.15+/-0.2 0.3 min.
1.0
Flow Soldering
Series
a
b
c
GQM18 0.6 ~ 1.0 0.8 ~ .0.9
0.6 ~ 0.8
GQM21 1.0 ~ 1.2 0.9 ~ 1.0
0.8 ~ 1.1
GQM22
n/a
n/a
n/a
Re-Flow Soldering
Series
a
b
c
GQM18 0.6 ~ 1.0 0.8 ~ .0.9
0.6 ~ 0.8
GQM21 1.0 ~ 1.2 0.9 ~ 1.0
0.8 ~ 1.1
GQM22 2.2 ~ 2.5 0.8 ~ 1.0
1.9 ~ 2.3
Chip Dimensions Table
Series
TC
WV
Capacitance Range
1pF
10pF
100pF
pF
GQM187 C0G
250V
0.1 to 47 pF
GQM188 C0G
100V
0.1 to 6.8 pF
50V
7.0 to 100 pF
GQM219 C0G
250V
0.2 to 100 pF
100V
0.2 to 18 pF
50V
20 to 100 pF
GQM22M C0G
500V
0.5 to 100 pF
Product ID
Series
Dimension (LxW)
Dimension (T)
Code
Product
GQ
High Q
Code
Product
M
Tin Plated Termination
Code
Dimension (LxW)
18
1.6x0.8mm
21
2.0x1.25mm
22
2.8x2.8mm
Code Dimension (T)
7
0.7mm
8
0.8mm
9
0.85mm
M
1.15mm
Temperature Characteristics
Rated Voltage
Capacitance
Code TC Cap. Change
Operating Temp.Range
5C C0G 0+/-30ppm/°C
-55 to 125°C
Code Rated Voltage
1H
DC 50V
2A
DC 100V
2E
DC 250V
2H
DC 500V
Code Capacitance
R50
0.5pF
1R0
1.0pF
5R6
5.6pF
100
10pF
Capacitance Tolerance
Code Cap. Tol.
TC
W
+/-0.05pF
C0G (<=5pF)
B
+/-0.1pF
C0G (<=5pF)
C
+/-0.25pF
C0G (<=9pF)
D
+/-0.5pF
C0G (6 to 9pF)
F
+/-1%
C0G (>=10pF)
G
+/-2%
J
+/-5%
Individual Specification Code
Packaging
Code
Packaging
B
Bulk in nylon bag
D
180mm Paper Taping
L
180mm Paper Taping
J
330mm Paper Taping
K
330mm Paper Taping
Capacitance Range
Global Part Numbering
Unit: mm
Chip Structure
Chip Dimensions
L
T
e
e
g
Chip Capacitor
c
ba
Land
Solder
Resist
Land Pattern
Dimensions
GQM Data Sheet
Capacitance Range
Dielectric
(Ceramic)
Plating
(Sn)
Barrier
(Ni)
Termination
(Cu)
Inner Electrode
(Cu)
Unit: mm
Chip Structure
Chip Dimensions
L
T
e
e
g
Chip Capacitor
c
ba
Land
Solder
Resist
Land Pattern
Dimensions
GQM Data Sheet
Capacitance Range
Dielectric
(Ceramic)
Plating
(Sn)
Barrier
(Ni)
Termination
(Cu)
Inner Electrode
(Cu)
Application Specific Capacitors
High Frequency Ceramic Capacitors – GQM Series
GQM Data Sheet
Innovator in Electronics – 21
C-29-C
www .murata.com
Innovator in Electronics – 21
C-29-C
www .murata.com
www .murata.com
www .murata.com
www .murata.com
C-34-B


Similar Part No. - GQM188

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GQM1885C1H100RB01 MURATA-GQM1885C1H100RB01 Datasheet
578Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C1H470GB01D MURATA-GQM1885C1H470GB01D Datasheet
85Kb / 2P
   ?180, 330mm Paper taping
GQM1885C1H470GB01J MURATA-GQM1885C1H470GB01J Datasheet
85Kb / 2P
   ?180, 330mm Paper taping
logo
NXP Semiconductors
GQM1885C2A2R2CB01B NXP-GQM1885C2A2R2CB01B Datasheet
457Kb / 13P
   RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 7/2014
logo
Murata Manufacturing Co...
GQM1885C2A2R4BB01D MURATA-GQM1885C2A2R4BB01D Datasheet
80Kb / 2P
   Capacitor data sheet
More results

Similar Description - GQM188

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
1303353 MURATA-1303353 Datasheet
1Mb / 30P
   Application Specific Capacitors
GJM1555C1H2R7BB01D MURATA-GJM1555C1H2R7BB01D Datasheet
2Mb / 14P
   Application Specifi c Capacitors High Frequency Ceramic Capacitors
ERB1885C2E100GDX5D MURATA-ERB1885C2E100GDX5D Datasheet
2Mb / 20P
   Application Spec ifi c Capacitors High Frequency Ceramic Capacitors
MA18101 MURATA-MA18101 Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
logo
Murata Manufacturing Co...
ERB1885C2D100RDX1D MURATA1-ERB1885C2D100RDX1D Datasheet
2Mb / 20P
   High Frequency Ceramic Capacitors
logo
List of Unclassifed Man...
MHP3150 ETC1-MHP3150 Datasheet
564Kb / 5P
   High Frequency Poser Ceramic Capacitors
MHP1151 ETC1-MHP1151 Datasheet
555Kb / 5P
   High Frequency Power Ceramic Capacitors
logo
International Rectifier
IRF6668PBF IRF-IRF6668PBF_15 Datasheet
636Kb / 10P
   Application Specific MOSFETs
logo
Taiyo Yuden (U.S.A.), I...
TMF212B7104KGHT TAIYO-YUDEN-TMF212B7104KGHT Datasheet
402Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
UMF212B7224KGHT TAIYO-YUDEN-UMF212B7224KGHT Datasheet
402Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com