Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3N263 Datasheet(PDF) 5 Page - OPTEK Technologies

Part # 3N263
Description  Hi-Reliability Optically Coupled Isolator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

3N263 Datasheet(HTML) 5 Page - OPTEK Technologies

  3N263 Datasheet HTML 1Page - OPTEK Technologies 3N263 Datasheet HTML 2Page - OPTEK Technologies 3N263 Datasheet HTML 3Page - OPTEK Technologies 3N263 Datasheet HTML 4Page - OPTEK Technologies 3N263 Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.3
11/09
Page 5 of 5
Hi-Reliability Optically Coupled Isolator
3C91C, 3C92C, 3N243, 3N244, 3N245, 3N261, 3N262, 3N263
(TX, TXV)
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Coupled
CIO
Input-to-Output Capacitance
3C91C, 3C92C (TX, TXV)
3N243, 3N244, 3N245 (TX, TXV)
3N261, 3N262, 3N263 (TX, TXV)
-
-
-
2
-
-
2.5
5.0
5.0
pF
f = 1 MHz
VIO = 0 V, f = 1.00 MHz
(1)
VIO = 0 V, f = 1.00 MHz
(1)
IIO
Leakage Input -to-Output
3N243, 3N244, 3N245 (TX, TXV)
3N261, 3N262, 3N263 (TX, TXV)
-
-
-
-
100
10
nA
VIO = ± 1.00 kVDC
(1)
VIO = ± 1.00 kVDC
(1)
RIO
Isolation Resistance
3C91C, 3C92C (TX, TXV)
109
-
-
VIO = +1 kV
tr
Output Rise Time
3N243, 3N244, 3N245 (TX, TXV)
3N261, 3N262 (TX, TXV)
3N263 (TX, TXV)
-
-
-
-
-
-
10
20
25
µs
VCC = 10.0 V, IF = 10.0 mA, RL = 100 Ω
(2)
VCC = 10.0 V, IF = 5.0 mA, RL = 100 Ω
(2)
VCC = 10.0 V, IF = 5.0 mA, RL = 100 Ω
(2)
tf
Output Fall Time
3N243, 3N244, 3N245 (TX, TXV)
3N261, 3N262 (TX, TXV)
3N263 (TX, TXV)
-
-
-
-
-
-
10
10
25
µs
VCC = 10.0 V, IF = 10.0 mA, RL = 100 Ω
(2)
VCC = 10.0 V, IF = 5.0 mA, RL = 100 Ω
(2)
VCC = 10.0 V, IF = 5.0 mA, RL = 100 Ω
(2)
Notes:
1. Measured with input leads shorted together and output leads shorted together.
2. The input waveform is supplied by a generator with the following characteristics:
ZOUT = 50 Ω, tr ≤ 15 ns, duty cycle ~ 1%, pulse width ~ 100 ms
VF vs IF vs TA
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
0
1020
304050
IF (mA)
-55
-35
-15
+5
+25
+45
+65
+85
+105
+125
+135
IC(ON) vs IF vs TA
0.0
0.5
1.0
1.5
2.0
2.5
0
1020
3040
50
IF (mA)
-55
-35
-15
+5
+25
+45
+65
+85
+105
+125
+135
Normalized @ 20 mA and 25° C


Similar Part No. - 3N263

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
3N263 OPTEK-3N263 Datasheet
285Kb / 2P
   HIGH RELIABILITY OPTICALLY COUPLED ISOLATORS
logo
TT Electronics.
3N263 TTELEC-3N263 Datasheet
748Kb / 5P
   Hi-Reliability Optically Coupled Isolator
logo
OPTEK Technologies
3N263TX OPTEK-3N263TX Datasheet
285Kb / 2P
   HIGH RELIABILITY OPTICALLY COUPLED ISOLATORS
More results

Similar Description - 3N263

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
4N22ATX OPTEK-4N22ATX Datasheet
206Kb / 6P
   Hi-Reliability Optically Coupled Isolator
logo
TT Electronics.
4N22 TTELEC-4N22 Datasheet
349Kb / 6P
   Hi-Reliability Optically Coupled Isolator
3C91C TTELEC-3C91C Datasheet
748Kb / 5P
   Hi-Reliability Optically Coupled Isolator
logo
OPTEK Technologies
JAN4N22 OPTEK-JAN4N22 Datasheet
216Kb / 4P
   Hi-Reliability Optically Coupled Isolator
OPI120TX OPTEK-OPI120TX Datasheet
242Kb / 2P
   Hi-Rel Optically Coupled Isolator
logo
TT Electronics.
OPI150TX TTELEC-OPI150TX Datasheet
276Kb / 3P
   High Reliability Optically Coupled Isolator
OPI120TX TTELEC-OPI120TX Datasheet
260Kb / 3P
   High Reliability Optically Coupled Isolator
logo
OPTEK Technologies
OPI125 OPTEK-OPI125 Datasheet
199Kb / 2P
   HI REL PHOTOLOGIC OPTICALLY COUPLED ISOLATOR
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
   Optically Coupled Isolator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com