Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANTXV4N23 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # JANTXV4N23
Description  Hi-Reliability Optically Coupled Isolator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

JANTXV4N23 Datasheet(HTML) 1 Page - OPTEK Technologies

  JANTXV4N23 Datasheet HTML 1Page - OPTEK Technologies JANTXV4N23 Datasheet HTML 2Page - OPTEK Technologies JANTXV4N23 Datasheet HTML 3Page - OPTEK Technologies JANTXV4N23 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue F
02/2014
Page 1 of 4
Hi-Reliability Optically Coupled Isolator
JAN / JANTX / JANTXV 4N22, 4N23, 4N24 [A]
Features:
 TO-78 hermetically sealed package
 High current transfer ratio
 1 kV electrical isolation
 Base contact provided for conventional transistor biasing
 JAN, JANTX and JANTXV devices processed to MIL-PRF-19500
 Patent No. 4124860
Description:
Each isolator in this series consists of an infrared emitting diode and a NPN silicon phototransistor, which are mounted in
a hermetically sealed TO-78 package. Devices are designed for military and/or harsh environments. The suffix letter
“A” denotes the collector is electrically isolated from the case.
The JAN / JANTX / JANTXV 4N22, 4N22A, 4N23, 4N23A, 4N24, and 4N24A devices are processed to MIL-PRF-
19500/486.
This series of 4N products are JEDEC registered, DSCC qualified.
Please contact your local representative or OPTEK for more information.
Applications:
 High-voltage isolation between input and output
 Electrical isolation in dirty environments
 Industrial equipment
 Medical equipment
 Office
Pin #
Function
Pin #
Function
3
Collector
5
Anode
2
Base
6
Open
1
Emitter
7
Cathode
This product is built, tested and shipped from the USA


Similar Part No. - JANTXV4N23

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
JANTXV4N23 MICROPAC-JANTXV4N23 Datasheet
94Kb / 4P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
JANTXV4N23A MICROPAC-JANTXV4N23A Datasheet
88Kb / 3P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
More results

Similar Description - JANTXV4N23

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
3C91CTX OPTEK-3C91CTX Datasheet
220Kb / 5P
   Hi-Reliability Optically Coupled Isolator
4N22ATX OPTEK-4N22ATX Datasheet
206Kb / 6P
   Hi-Reliability Optically Coupled Isolator
logo
TT Electronics.
4N22 TTELEC-4N22 Datasheet
349Kb / 6P
   Hi-Reliability Optically Coupled Isolator
3C91C TTELEC-3C91C Datasheet
748Kb / 5P
   Hi-Reliability Optically Coupled Isolator
logo
OPTEK Technologies
OPI120TX OPTEK-OPI120TX Datasheet
242Kb / 2P
   Hi-Rel Optically Coupled Isolator
logo
TT Electronics.
OPI150TX TTELEC-OPI150TX Datasheet
276Kb / 3P
   High Reliability Optically Coupled Isolator
OPI120TX TTELEC-OPI120TX Datasheet
260Kb / 3P
   High Reliability Optically Coupled Isolator
logo
OPTEK Technologies
OPI125 OPTEK-OPI125 Datasheet
199Kb / 2P
   HI REL PHOTOLOGIC OPTICALLY COUPLED ISOLATOR
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
   Optically Coupled Isolator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com