Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP290A Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OP290A
Description  Plastic Infrared Emitting Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP290A Datasheet(HTML) 2 Page - OPTEK Technologies

  OP290A Datasheet HTML 1Page - OPTEK Technologies OP290A Datasheet HTML 2Page - OPTEK Technologies OP290A Datasheet HTML 3Page - OPTEK Technologies OP290A Datasheet HTML 4Page - OPTEK Technologies OP290A Datasheet HTML 5Page - OPTEK Technologies OP290A Datasheet HTML 6Page - OPTEK Technologies OP290A Datasheet HTML 7Page - OPTEK Technologies OP290A Datasheet HTML 8Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue C
03/2012
Page 2 of 8
Plastic Infrared Emitting Diode
OP290 Series
1
2
TO-18, TO-46 Package
OP293 & OP298
Part Number Guide — OP290 - OP299 Series
OP 2 9 X X W
Optek Assembly
Photodiode Output Family
Maximum Forward Current
Electrical Specification Variations:
0, 5 — 5 amps
A — Parameter A
1, 6 — 2 amps
B — Parameter B
2, 7 — 1 amps
C — Parameter C
3, 8 — 200 milli-amps
D — Parameter D
4, 9 — 750 milli-amps
AA — Parameter BA
AB — Parameter BB
AC — Parameter BC
AD — Parameter BD
T-1¾ Package
OP290, OP291, OP292, OP294,
OP295, OP296, OP297, OP299
1
2
Electrical Connection
A, B, C, AA, AB, AC, AD
Pin #
LED
X=0.060” (1.52 mm)
1
Anode
2
Cathode
INCHES
[MILLIMETERS]
DIMENSIONS ARE IN:
Pin #
LED
X=0.060” (1.52 mm)
1
Anode
2
Cathode
Electrical Connection A, B, C, D
Pin #
LED
X=0.060” (1.52 mm)
1
Cathode
2
Anode
Electrical Connection OP297AB


Similar Part No. - OP290A

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP290A OPTEK-OP290A Datasheet
343Kb / 8P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP290A TTELEC-OP290A Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
OP290AA TTELEC-OP290AA Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
OP290AB TTELEC-OP290AB Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
OP290AC TTELEC-OP290AC Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
More results

Similar Description - OP290A

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP265 OPTEK-OP265_14 Datasheet
232Kb / 4P
   Plastic Infrared Emitting Diode
OP265 OPTEK-OP265_06 Datasheet
334Kb / 4P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265FAA TTELEC-OP265FAA Datasheet
376Kb / 3P
   Plastic Infrared Emitting Diode
OP168F TTELEC-OP168F Datasheet
380Kb / 6P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP168 OPTEK-OP168_14 Datasheet
230Kb / 6P
   Plastic Infrared Emitting Diode
OP240 OPTEK-OP240_14 Datasheet
235Kb / 3P
   Plastic Infrared Emitting Diode
OP165 OPTEK-OP165_06 Datasheet
387Kb / 4P
   Plastic Infrared Emitting Diode
OP290 OPTEK-OP290 Datasheet
343Kb / 8P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265WPS TTELEC-OP265WPS Datasheet
339Kb / 3P
   Plastic Infrared Emitting Diode
OP290 TTELEC-OP290 Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP165 OPTEK-OP165_14 Datasheet
277Kb / 4P
   Plastic Infrared Emitting Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com