Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB720A-06Z Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OPB720A-06Z
Description  Long Distance Reflective Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB720A-06Z Datasheet(HTML) 3 Page - OPTEK Technologies

  OPB720A-06Z Datasheet HTML 1Page - OPTEK Technologies OPB720A-06Z Datasheet HTML 2Page - OPTEK Technologies OPB720A-06Z Datasheet HTML 3Page - OPTEK Technologies OPB720A-06Z Datasheet HTML 4Page - OPTEK Technologies OPB720A-06Z Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Long Distance Reflective Switch
OPB720A and OPB720B Series
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue F.1
01/08
Page 3 of 5
Voltage Response vs Displacement
OPB720A-06Z
0
2
4
6
8
10
12
0''
2''
4''
6''
8''
10''
Typical Displacement (inches)
Kodak 90% toward
Kodak 90% away
Coporate toward
Coporate away
Avery 5160 toward
Avery 5160 away
Voltage Response vs Displacement
OPB720A-06Z
0
2
4
6
8
10
12
40''
45''
50''
55''
60''
65''
70''
Typical Displacement (inches)
Nippon Crystallite toward
Nippon Crystallite away
3M 3870 toward
3M 3870 away
OPB720A-06Z or OPB720B-06Z
OPB720A-06Z or OPB720B-06Z


Similar Part No. - OPB720A-06Z

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB720A-06Z OPTEK-OPB720A-06Z Datasheet
305Kb / 5P
   Long Distance Reflective Switch
logo
TT Electronics.
OPB720A-06Z TTELEC-OPB720A-06Z Datasheet
989Kb / 5P
   Long Distance Reflective Switch
More results

Similar Description - OPB720A-06Z

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB720 TTELEC-OPB720 Datasheet
161Kb / 2P
   Long Distance Reflective Switch
logo
OPTEK Technologies
OPB720 OPTEK-OPB720 Datasheet
155Kb / 2P
   Long Distance Reflective Switch
OPB732 OPTEK-OPB732 Datasheet
135Kb / 3P
   Long Distance Reflective Switch
OPB725 OPTEK-OPB725 Datasheet
195Kb / 3P
   Long Distance Reflective Switch
logo
TT Electronics.
OPB725 TTELEC-OPB725 Datasheet
200Kb / 3P
   Long Distance Reflective Switch
OPB732 TTELEC-OPB732 Datasheet
968Kb / 4P
   Long Distance Reflective Switch
logo
OPTEK Technologies
OPB720A OPTEK-OPB720A Datasheet
305Kb / 5P
   Long Distance Reflective Switch
logo
TT Electronics.
OPB720A TTELEC-OPB720A Datasheet
989Kb / 5P
   Long Distance Reflective Switch
logo
Sharp Corporation
GP2S29 SHARP-GP2S29 Datasheet
67Kb / 5P
   Long Focal Distance, Reflective Type Photointerrupter
GP2A12F SHARP-GP2A12F Datasheet
84Kb / 3P
   Long Focal Distance, Open Collector Output, Reflective type OPIC Photointerrupter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com