Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB720B-12Z Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPB720B-12Z
Description  Long Distance Reflective Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB720B-12Z Datasheet(HTML) 1 Page - OPTEK Technologies

  OPB720B-12Z Datasheet HTML 1Page - OPTEK Technologies OPB720B-12Z Datasheet HTML 2Page - OPTEK Technologies OPB720B-12Z Datasheet HTML 3Page - OPTEK Technologies OPB720B-12Z Datasheet HTML 4Page - OPTEK Technologies OPB720B-12Z Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Long Distance Reflective Switch
OPB720A and OPB720B Series
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue F.1
01/08
Page 1 of 5
Description:
The OPB720A and OPB720B Series reflective switches detects objects as far away as 12” (305 mm) using
standard 90% reflective material, and can detect objects as small as 0.08” (2 mm). The OPB720 series consist of
three standard reflective switching distances -06Z for typically 6” (152 mm), -12Z for typically 12” (305 mm) and
-30VZ for typically 30” (762 mm). The power supply voltage range of the OPB720A series is 10 to 30 volts while
the power supply voltage range for the OPB720B is 4 to 7 volts.
The OPA720A and OPB720B sensors are NOT affected by ambient light in most conditions. Ambient light
conditions are compensated by using a synchronous driver detection scheme.
This sensor has a logical output that switches from a high level with reflective target to a low level with no reflective
target. With the addition of hysteresis, the OPB720 series minimizes output switching oscillations. The type of
material used for the target is very dependent on the distance that can be achieved for the sensor. Taking this into
consideration, the OPB720 series can be used in either a reflective or interruptive mode. As an example, the
OPB720A-12Z can easily be used in a reflective mode for distances around 12” (305 mm) while when reflecting off
a retro-reflective target similar to 3M 3870 or Nippon Crystallite at distances around 85” (216 mm) the device
works well in the interruptive mode. See the included charts for typical distances with different reflective material
for other versions of the OPB720 series devices.
The OPB720 series has an open collector output transistor and power requirements are compatible with most
PLCs and TTL gates.
Features:
0.04” to 12” (1 mm to 305 mm) with 90% reflective material.
(Typical Maximum detection distance to be set at factory)
Recognizes objects as small as 0.08” (2 mm)
Ambient light rejection < 100K Lux
Open collector output
Cable length 39” (990 mm) lead length 28 AWG wire
RoHS
Applications:
Conveyer belt package recognition
Personnel movement recognition
Near-focus security systems
Hand wash and soap dispensing stations
Toilet and urinal sensors
Product dispensing systems
Electronics
Vcc
Output
Ground
Ordering Information
Part Number
Description
OPB720A-06Z
OPB720B-06Z
Maximum detection of 0.04” to 6” (1.0 mm to 152 mm)
39” (991 mm) lead length with 28 AWG wire, using white 90%
reflective paper
OPB720A-12Z
OPB720B-12Z
Maximum detection of 0.04” to 12” (1.0 mm to 305 mm)
39” (991 mm) lead length with 28 AWG wire, using white 90%
reflective paper
OPB720A-30VZ
OPB720B-30VZ
Maximum detection of 0.04” to 30” (1.0 mm to 762 mm)
39” (991 mm) lead length with 28 AWG wire, using white 90%
reflective paper
Additional laser safety information can be found
on the Optek website. See application #221.
Classification is not marked on the device due to
space limitations. See package outline for
centerline of optical radiance. Operating de-
vices beyond maximum rating may cause de-
vices to exceed rated classification
OPB720A-30VZ & OPB720B-30VZ ONLY


Similar Part No. - OPB720B-12Z

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB720B-12Z OPTEK-OPB720B-12Z Datasheet
305Kb / 5P
   Long Distance Reflective Switch
logo
TT Electronics.
OPB720B-12Z TTELEC-OPB720B-12Z Datasheet
989Kb / 5P
   Long Distance Reflective Switch
More results

Similar Description - OPB720B-12Z

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB720 TTELEC-OPB720 Datasheet
161Kb / 2P
   Long Distance Reflective Switch
logo
OPTEK Technologies
OPB720 OPTEK-OPB720 Datasheet
155Kb / 2P
   Long Distance Reflective Switch
OPB732 OPTEK-OPB732 Datasheet
135Kb / 3P
   Long Distance Reflective Switch
OPB725 OPTEK-OPB725 Datasheet
195Kb / 3P
   Long Distance Reflective Switch
logo
TT Electronics.
OPB725 TTELEC-OPB725 Datasheet
200Kb / 3P
   Long Distance Reflective Switch
OPB732 TTELEC-OPB732 Datasheet
968Kb / 4P
   Long Distance Reflective Switch
logo
OPTEK Technologies
OPB720A OPTEK-OPB720A Datasheet
305Kb / 5P
   Long Distance Reflective Switch
logo
TT Electronics.
OPB720A TTELEC-OPB720A Datasheet
989Kb / 5P
   Long Distance Reflective Switch
logo
Sharp Corporation
GP2S29 SHARP-GP2S29 Datasheet
67Kb / 5P
   Long Focal Distance, Reflective Type Photointerrupter
GP2A12F SHARP-GP2A12F Datasheet
84Kb / 3P
   Long Focal Distance, Open Collector Output, Reflective type OPIC Photointerrupter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com