Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPI123 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPI123
Description  Optically Coupled Isolator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPI123 Datasheet(HTML) 2 Page - OPTEK Technologies

  OPI123 Datasheet HTML 1Page - OPTEK Technologies OPI123 Datasheet HTML 2Page - OPTEK Technologies OPI123 Datasheet HTML 3Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A .2
04/08
Page 2 of 3
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optically Coupled Isolator
OPI120, OPI123
OPI120
4 - Base
1
5
2
3
1
5
2
3
OPI123
Absolute Maximum Ratings (TA = 25
o C unless otherwise noted)
Storage Temperature
-55° C to +125° C
Operating Temperature
-55° C to +100° C
Input-to-Output Isolation Voltage
(1)(2)
± 15 kVDC
Lead Soldering Temperature (1/16” (1.6 mm) from case for 5 seconds with soldering iron)
(3)
260° C
Input Diode
Forward DC Current
(4)
150 mA
Reverse DC Voltage
3 V
Power Dissipation
(5)
200 mW
Output Photosensor
Collector-Emitter Voltage
OPI120
OPI123
25 V
20 V
Power Dissipation
(6)
250 mW
Collector-Base Voltage
OPI120
25 V
Emitter-Collector Voltage
5 V
Notes:
(1)
Measured with input and output leads shorted in air with a maximum relative humidity of 50%. If suitably encapsulated or oil-
immersed, the isolation voltage is increased to 25 kV minimum.
(2)
UL recognition is for 3750 VAC to 100° C.
(3)
RMA flux is recommended. The duration can be extended to 10 seconds maximum when flow soldering.
(4)
Derate linearly 2.0 mA/°C above 25°C.
(5)
Derate linearly 2.67 mA/°C above 25°C.
(6)
Derate linearly 3.33 mA/°C above 25°C.
Pin #
LED
Pin # Transistor
Pin #
Darlington
1
Anode
3
Emitter
3
Emitter
2
Cathode
4
Base
4
Open
5
Collector
5
Collector
INCHES
[MILLIMETERS]
DIMENSIONS ARE IN:
4—Not Connected


Similar Part No. - OPI123

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPI123 OPTEK-OPI123 Datasheet
244Kb / 2P
   OPTICALLY COUPLED ISOLATORS
logo
TT Electronics.
OPI123 TTELEC-OPI123 Datasheet
599Kb / 3P
   Optically Coupled Isolator
More results

Similar Description - OPI123

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
   Optically Coupled Isolator
logo
ISOCOM COMPONENTS
4N35 ISOCOM-4N35 Datasheet
78Kb / 3P
   OPTICALLY COUPLED ISOLATOR
CNX72A ISOCOM-CNX72A_10 Datasheet
753Kb / 3P
   OPTICALLY COUPLED ISOLATOR
CQY80X ISOCOM-CQY80X_10 Datasheet
771Kb / 3P
   OPTICALLY COUPLED ISOLATOR
H11AV1X ISOCOM-H11AV1X_08 Datasheet
77Kb / 3P
   OPTICALLY COUPLED ISOLATOR
logo
Bedford Opto Technology...
OPI3000P BOT-OPI3000P_11 Datasheet
36Kb / 2P
   Optically Coupled Isolator
logo
Fairchild Semiconductor
FCD820 FAIRCHILD-FCD820 Datasheet
80Kb / 2P
   OPTICALLY-COUPLED ISOLATOR
logo
TT Electronics.
OPI7002 TTELEC-OPI7002 Datasheet
582Kb / 3P
   Optically Coupled Isolator
logo
OPTEK Technologies
3C92C OPTEK-3C92C Datasheet
230Kb / 2P
   OPTICALLY COUPLED ISOLATOR
logo
List of Unclassifed Man...
K102P ETC1-K102P Datasheet
364Kb / 7P
   Optically Coupled Isolator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com