Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP296B Datasheet(PDF) 4 Page - OPTEK Technologies

Part # OP296B
Description  Plastic Infrared Emitting Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP296B Datasheet(HTML) 4 Page - OPTEK Technologies

  OP296B Datasheet HTML 1Page - OPTEK Technologies OP296B Datasheet HTML 2Page - OPTEK Technologies OP296B Datasheet HTML 3Page - OPTEK Technologies OP296B Datasheet HTML 4Page - OPTEK Technologies OP296B Datasheet HTML 5Page - OPTEK Technologies OP296B Datasheet HTML 6Page - OPTEK Technologies OP296B Datasheet HTML 7Page - OPTEK Technologies OP296B Datasheet HTML 8Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue C
03/2012
Page 4 of 8
Plastic Infrared Emitting Diode
OP290 Series
Notes:
1. Measurement is taken at the end of a single 100 µs pulse. Heating due to increased pulse rate or pulse width will cause a decrease
in reading.
2. Measurement of the average apertured radiant energy incident upon a sensing area 0.250” (6.35 mm) in diameter perpendicular to
and centered on the mechanical axis of the lens and the specified distance from the end of the device. On all models in this series,
EE(APT) is not necessarily uniform within the measured area.
3. Measurement is taken at the end of a single 10 ms pulse. Heating due to increased pulse rate or pulse width will cause a decrease in
reading.
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
EE (APT)
(2)
Apertured Radiant Incidence
OP290A
OP290B
OP290C
210
180
150
-
-
-
-
300
-
IF = 1.50 A
(1)(2)
Measured into a 0.250” [6.35mm] aperture
0.2” (5.08 mm) from the tip of the lens.
OP291A
OP291B
OP291C
16
13
10
-
-
-
-
26
-
IF = 100 mA
(1)(2)
Measured into a 0.250” [6.35mm] aperture
0.2” (5.08 mm) from the tip of the lens.
OP292A
OP292B
OP292C
2.7
2.2
1.7
-
3.6
-
-
4.4
-
IF = 20 mA
(1)(2)
Measured into a 0.250” [6.35mm] aperture
0.2” (5.08 mm) from the tip of the lens.
OP293A
OP293B
OP293C
16
13
10
-
22
-
-
26
-
IF = 100 mA
(1)(2)
Measured into a 0.250” [6.35mm] aperture
0.2” (5.08 mm) from the tip of the lens.
OP294
0.50
-
1.50
IF = 5 mA
(1)(2)
Measured into a 0.250” [6.35mm] aperture
0.200” (5.08mm) from the tip of the lens.
OP295A
OP295B
OP295C
44
33
22
-
-
-
-
77
-
IF = 1.50 A
(1)(2)
Measured into a 0.250” [6.35mm] aperture
1.129” (28.7 mm) from the tip of the lens.
OP296A
OP296B
OP296C
3.6
2.6
1.6
-
-
-
-
6.6
-
IF = 100 mA
(1)(2)
Measured into a 0.250” [6.35mm] aperture
1.129” (28.7 mm) from the tip of the lens.
OP297FAB
OP297A
OP297B
OP297C
2.4
0.7
0.5
0.3
-
-
1.0
-
-
-
1.3
-
IF = 20 mA
(1)(2)
Measured into a 0.250” [6.35mm] aperture
1.129” (28.7 mm) from the tip of the lens.
OP298A
OP298B
OP298C
3.0
2.4
1.8
-
-
-
-
4.8
-
IF = 100 mA
(1)(2)
Measured into a 0.250” [6.35mm] aperture
0.2” (5.08 mm) from the tip of the lens.
OP298AA
OP298AB
OP298AC
OP298AD
3.5
3.5
6.5
8.5
-
-
-
-
-
8.5
11.5
-
IF = 100 mA
(1)(2)
Measured into a 0.250” [6.35mm] aperture
1.129” (28.7 mm) from the tip of the lens.
OP299
0.15
-
0.45
IF = 100 mA
(1)(2)
Measured into a 0.250” [6.35mm] aperture
1.129” (28.7 mm) from the tip of the lens.
mW/cm2


Similar Part No. - OP296B

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP296B OPTEK-OP296B Datasheet
343Kb / 8P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP296B TTELEC-OP296B Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
More results

Similar Description - OP296B

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP265 OPTEK-OP265_14 Datasheet
232Kb / 4P
   Plastic Infrared Emitting Diode
OP265 OPTEK-OP265_06 Datasheet
334Kb / 4P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265FAA TTELEC-OP265FAA Datasheet
376Kb / 3P
   Plastic Infrared Emitting Diode
OP168F TTELEC-OP168F Datasheet
380Kb / 6P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP168 OPTEK-OP168_14 Datasheet
230Kb / 6P
   Plastic Infrared Emitting Diode
OP240 OPTEK-OP240_14 Datasheet
235Kb / 3P
   Plastic Infrared Emitting Diode
OP165 OPTEK-OP165_06 Datasheet
387Kb / 4P
   Plastic Infrared Emitting Diode
OP290 OPTEK-OP290 Datasheet
343Kb / 8P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265WPS TTELEC-OP265WPS Datasheet
339Kb / 3P
   Plastic Infrared Emitting Diode
OP290 TTELEC-OP290 Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP165 OPTEK-OP165_14 Datasheet
277Kb / 4P
   Plastic Infrared Emitting Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com