Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX5004 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # HX5004
Description  Designed to Support 1:1 Turns Ratio Transceivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

HX5004 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  HX5004 Datasheet HTML 1Page - Pulse A Technitrol Company HX5004 Datasheet HTML 2Page - Pulse A Technitrol Company HX5004 Datasheet HTML 3Page - Pulse A Technitrol Company HX5004 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.pulseeng.com
1
HC500.O (6/08)
1000BASE-T
MAGNETICS MODULES
Designed to Support 1:1
Turns Ratio Transceivers
SUGGESTED PAD LAYOUT
.500
12,70
.650
16,51
.550
13,97
11X .050
1,27
24X .030
0,76
24X .045
1,14
0°–8°
.010
0,25
.225
5,51
.004
24 SURFACES
DATECODE CNTRYOFMFG
.690
17,53
.550
13,97
11X .050
1,27
24X .020
0,51
.480
12,20
.630
16,00
H5004/7
HX5004/7
RoHS-5 4
RoHS-6 5
Number
Insertion
Return Loss
Differential to Common
Crosstalk
Hipot
Compliant
Compliant
of
Loss
(dB MIN)
Mode Rejection
(dB MIN)
(VRMS
Part
Part
Ports
(dB MAX)
(dB MIN)
MIN)
Number
Number
1-100MHz 1-30MHz
40MHz
50MHz
60-80MHz 100MHz
30MHz
60MHz
100MHz
30MHz 60MHz 100MHz
H5004 3c
H5004NL 3d
1
1
-18
-18
-16
-12
-10
-43
-37
-33
-43
-37
-33
1500
HX5004 1, 3c HX5004NL 1, 3d
1
1
-18
-18
-16
-12
-10
-43
-37
-33
-43
-37
-33
1500
H5007 3c
H5007NL 3d
1
1
-18
-18
-16
-12
-10
-43
-37
-33
-43
-37
-33
1500
H5008 3a
H5008NL 3a
1
1
-18
-18
-16
-12
-10
-43
-37
-33
-43
-37
-33
1500
HX5008 1, 3a HX5008NL 1, 3a
1
1
-18
-18
-16
-12
-10
-43
-37
-33
-43
-37
-33
1500
H5009 3a
H5009NL 3a
1
1
-18
-18
-16
-12
-10
-43
-37
-33
-43
-37
-33
1500
H5012 3a
H5012NL 3a
2
1.4
-16
-14.4
-13.1
-12
-10
-45
-40
-35
-43.5
-37.5
-33
1500
H5014 3a
H5014NL 3a
2
1.4
-16
-14.4
-13.1
-12
-10
-45
-40
-35
-43.5
-37.5
-33
1500
HX5014 1, 3a HX5014NL 1, 3a
2
1.4
-16
-14.4
-13.1
-12
-10
-45
-40
-35
-43.5
-37.5
-33
1500
H5015 3a
H5015NL 3a
1
1
-18
-18
-16
-12
-10
-43
-37
-33
-43
-37
-33
1500
H5020 3a
H5020NL 3a
2
1
-18
-14.4
-13.1
-12
-10
-40
-35
-30
-40
-33
-28
1500
HX5020 1, 3a HX5020NL 1, 3a
2
1
-18
-14.4
-13.1
-12
-10
-40
-35
-30
-40
-33
-28
1500
H5089 3a
H5089NL 3a
2
1.4
-16
-14.4
-13.1
-12
-10
-45
-40
-35
-43.5
-37.5
-33
1500
1. HX: Extended temperature version -40°C to +85° C
2
For Tape & Reel packaging, add a “T” suffix at the end of the part number, e.g. H5007T.
3. MSL=Moisture Sensitivity Level: a=1 b=2 c=3 d=4
4. RoHS-5: Product does not contain 5 out of the 6 banned substances specified in the RoHS directive (product contains lead in applications considered solder).
5. RoHS-6: Product does not contain 5 out of the 6 banned substances specified in the RoHS directive. Some internal connections may contain lead in
high-temperature solder (solder alloys containing more than 85% lead)
Electrical Specifications @ 25°C — Operating Temperature 0°C to 70°C
* HX5004 and H5004/7 are footprint compatible
to 10/100BASE-TX part H1267.
Mechanicals
H5004, HX5004, H5007*
H5008, HX5008, H5009
H500X
HX500X
Date Code
Country of Origin
.537
13,64
.039
0,99
11X
24X.015
0,38
.429
10,90
24 Surfaces
.004/0,10
0°-8°
24X .045
1,14
.010
0,25
.225
5,72
.600
15,24
.740
18,80
.620
15,75
.770
19,56
SUGGESTED PAD LAYOUT
11X .039
0,99
24X .025
0,64
.429
10,90
Weight . . . . . . . . . .1.6 grams
Tape & Reel . . . . . . . . . . .300
Tube . . . . . . . . . . . . . . . . . .35
RoHS-5 peak reflow temperature rating 235°C
RoHS-6 peak reflow temperature rating 245°C°
Meets IEEE 802.3 specification
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 32181071 •• China 86 755 33966678 •• Taiwan 886 3 4643715


Similar Part No. - HX5004

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HX5004 HBH-HX5004 Datasheet
21Kb / 1P
   5.4 - 5.9 GHz GaAs Double Balanced Mixer
logo
Pulse A Technitrol Comp...
HX5004 PULSE-HX5004 Datasheet
203Kb / 4P
   1000BASE-T MAGNETICS MODULES Designed to Support 1:1 Turns Ratio Transceivers
HX5004 PULSE-HX5004 Datasheet
203Kb / 4P
   1000BASE-T MAGNETICS MODULES
HX5004EFNL PULSE-HX5004EFNL Datasheet
472Kb / 3P
   MDL,SIN,1GD,1:1,SM,TU
HX5004ENL PULSE-HX5004ENL Datasheet
325Kb / 3P
   MDL,SIN,1GD,1:1,SM,TU
More results

Similar Description - HX5004

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
HX5004NLT PULSE-HX5004NLT Datasheet
203Kb / 4P
   1000BASE-T MAGNETICS MODULES Designed to Support 1:1 Turns Ratio Transceivers
H5007NLT PULSE-H5007NLT Datasheet
1Mb / 4P
   1000BASE-T Magnet icSmodules Designed to Support 1:1 Turns Ratio Transceivers
H5079NL PULSE-H5079NL Datasheet
474Kb / 2P
   1000Base-T, Single Port Mini-Magnetics Modules Designed to Support 1:1 Turns Ratio Transceivers
H5084NL PULSE-H5084NL Datasheet
96Kb / 2P
   Designed to Support Gigabit Transceivers
H7018NLT PULSE-H7018NLT Datasheet
123Kb / 3P
   Designed to Support 10GBASE-T Transceivers
logo
Rhombus Industries Inc.
T-1041 RHOMBUS-IND-T-1041 Datasheet
35Kb / 1P
   Turns Ratio: 10 Turns : 3 Turns
logo
Pulse A Technitrol Comp...
H1028NLT PULSE-H1028NLT Datasheet
580Kb / 4P
   For Use with Transceivers Requiring 1:1 Transmit and Receive Turns Ratios
H5120NL PULSE-H5120NL Datasheet
140Kb / 2P
   1000base -t magnetics module Designed to Support Gigabit Transceivers
H5120NLT PULSE-H5120NLT Datasheet
140Kb / 2P
   1000base -t magnet ics module Designed to Support Gigabit Transceivers
logo
Laird Tech Smart Techno...
S24517PT LSTD-S24517PT Datasheet
700Kb / 1P
   Designed specifically to support 802.11n networks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com