Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM220 Datasheet(PDF) 1 Page - Dc Components

Part # SM220
Description  TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SM220 Datasheet(HTML) 1 Page - Dc Components

  SM220 Datasheet HTML 1Page - Dc Components SM220 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE - 20 to 60 Volts
CURRENT - 2.0 Amperes
FEATURES
* Ideal for surface mounted applications
* Low leakage current for high efficiency
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SM220
THRU
SM260
SM-1(DO-213AB)
NOTES : 1. Thermal Resistance (Junction to Ambient), .24in2 (6.0mm2) copper pads to each terminal.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
Dimensions in inches and (millimeters)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA=90
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Typical Thermal Resistance (Note1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TJ, TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
2.0
40
Amps
0 C/ W
0 C
Storage Operating Temperature Range
R
θJA
IO
-65 to + 125
pF
Maximum DC Reverse Current at
Rated DC Blocking Voltage
VF
IR
mAmps
Maximum Instantaneous Forward Voltage at 2.0A DC
2.0
20
@TA = 25
oC
@TA = 100
oC
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Mounting position: Any
* Weight: 0.12 gram
*Terminals: Solder plated solderable per
MIL-STD-202E, Method 208 guaranteed
* Polarity: Color band denotes cathode end
* High current capability
40
200
SM220
SM230
SM240
SM250
SM260
20
30
40
50
60
14
21
28
35
42
20
30
40
50
60
.45
.55
.60
.75
280
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - SM220

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
SM220-CFAST APACER-SM220-CFAST Datasheet
676Kb / 5P
   flash memory card
SM220-M242 APACER-SM220-M242 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
logo
Nanjing International G...
SM220.2A-DO-213AB DGNJDZ-SM220.2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
logo
SeCoS Halbleitertechnol...
SM2200A SECOS-SM2200A Datasheet
255Kb / 2P
   2.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SM2200A GWSEMI-SM2200A Datasheet
63Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SM220

ManufacturerPart #DatasheetDescription
logo
Dc Components
SK12 DCCOM-SK12 Datasheet
489Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK32 DCCOM-SK32 Datasheet
431Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SM120M DCCOM-SM120M Datasheet
348Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SM150 DCCOM-SM150 Datasheet
415Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SM5817 DCCOM-SM5817 Datasheet
399Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SS12 DCCOM-SS12 Datasheet
425Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK22 DCCOM-SK22 Datasheet
2Mb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SM320 DCCOM-SM320 Datasheet
389Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD103AWS DCCOM-SD103AWS Datasheet
261Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS40 DCCOM-BAS40 Datasheet
75Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com