Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-2212 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-2212
Description  Very High CMR, Wide VCC Logic Gate Optocouplers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2212 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-2212 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-2212 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-2212 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-2212 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-2212 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2212 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2212 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2212 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-2212 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
8-Pin Widebody DIP Package with Gull Wing Surface Mount Option 300 (HCNW2201/11)
Solder Reflow Temperature Profile
1.00 ± 0.15
(0.039 ± 0.006)
7o NOM.
12.30 ± 0.30
(0.484 ± 0.012)
0.75 ± 0.25
(0.030 ± 0.010)
11.00
(0.433)
5
6
7
8
4
3
2
1
11.23 ± 0.15
(0.442 ± 0.006)
9.00 ± 0.15
(0.354 ± 0.006)
1.3
(0.051)
13.56
(0.534)
2.29
(0.09)
LAND PATTERN RECOMMENDATION
1.80 ± 0.15
(0.071 ± 0.006)
4.00
(0.158) MAX.
1.55
(0.061)
MAX.
2.54
(0.100)
BSC
DIMENSIONS IN MILLIMETERS (INCHES).
LEAD COPLANARITY = 0.10 mm (0.004 INCHES).
NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
0.254 + 0.076
- 0.0051
(0.010 + 0.003)
- 0.002)
MAX.
0
TIME (SECONDS)
200
100
50
150
100
200
250
300
0
30
SEC.
50 SEC.
30
SEC.
160
°C
140
°C
150
°C
PEAK
TEMP.
245
°C
PEAK
TEMP.
240
°C
PEAK
TEMP.
230
°C
SOLDERING
TIME
200
°C
PREHEATING TIME
150
°C, 90 + 30 SEC.
2.5 C ± 0.5
°C/SEC.
3
°C + 1 °C/–0.5 °C
TIGHT
TYPICAL
LOOSE
ROOM
TEMPERATURE
PREHEATING RATE 3
°C + 1 °C/–0.5 °C/SEC.
REFLOW HEATING RATE 2.5
°C ± 0.5 °C/SEC.
NOTE: NON-HALIDE FLUX SHOULD BE USED.


Similar Part No. - HCPL-2212

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-2212 HP-HCPL-2212 Datasheet
204Kb / 11P
   Low Input Current Logic Gate Optocouplers
HCPL-2212 HP-HCPL-2212 Datasheet
239Kb / 15P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2212 HP-HCPL-2212 Datasheet
260Kb / 16P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2212 AVAGO-HCPL-2212 Datasheet
389Kb / 18P
   The HCPL-22XX, HCPL-02XX, and HCNW22XX are optically coupled logic gates. The HCPL??2XX, and HCPL-02XX contain a GaAsP LED while the HCNW22XX contains an AlGaAs LED.
HCPL-2212 AVAGO-HCPL-2212 Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
More results

Similar Description - HCPL-2212

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2211-300 AVAGO-HCPL-2211-300 Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2232-300E AVAGO-HCPL-2232-300E Datasheet
321Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2202-300E AVAGO-HCPL-2202-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2201 HP-HCPL-2201 Datasheet
239Kb / 15P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0201-000E AVAGO-HCPL-0201-000E Datasheet
321Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2201-560E AVAGO-HCPL-2201-560E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2231-300E AVAGO-HCPL-2231-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL2201 HP-HCPL2201 Datasheet
260Kb / 16P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com