Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP298B Datasheet(PDF) 6 Page - OPTEK Technologies

Part # OP298B
Description  Plastic Infrared Emitting Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP298B Datasheet(HTML) 6 Page - OPTEK Technologies

  OP298B Datasheet HTML 1Page - OPTEK Technologies OP298B Datasheet HTML 2Page - OPTEK Technologies OP298B Datasheet HTML 3Page - OPTEK Technologies OP298B Datasheet HTML 4Page - OPTEK Technologies OP298B Datasheet HTML 5Page - OPTEK Technologies OP298B Datasheet HTML 6Page - OPTEK Technologies OP298B Datasheet HTML 7Page - OPTEK Technologies OP298B Datasheet HTML 8Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue C
03/2012
Page 6 of 8
Plastic Infrared Emitting Diode
OP290 Series
Forward Voltage vs Forward Current vs Temp.
0.8
1.0
1.2
1.4
1.6
1.8
0
1020
30
405060
70
8090
100
Forward Current (mA)
-40° C
-20° C
0° C
20° C
40° C
60° C
80°C
100°C
OP290, OP291, OP292, OP293, OP294, (A, C)
Optical Power vs Forward Current vs Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
102030405060708090
100
Forward Current (mA)
-40° C
-20° C
0° C
20° C
40° C
60° C
80° C
100°C
Normalized at 50 mA and 20°C
Distance vs Output Power vs Forward Current
0
1
2
3
4
5
6
0.2 '' 0.4 '' 0.6 '' 0.8 '' 1.0 '' 1.2 '' 1.4 '' 1.6 '' 1.8 '' 2.0 ''
Distance (inches)
10 mA
20 mA
30 mA
40 mA
50 mA
60 mA
70 mA
80 mA
90 mA
100 mA
Normalized at 1" and 50 mA
Forward Current
Relative Radiant Intensity vs. Angular
Displacement
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-80
-60
-40
-20
0
20
40
60
80
Angular Displacement (Degrees)


Similar Part No. - OP298B

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP298B OPTEK-OP298B Datasheet
505Kb / 4P
   GaAlAs Plastic Infrared Emitting Diodes
OP298B OPTEK-OP298B Datasheet
343Kb / 8P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP298B TTELEC-OP298B Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
More results

Similar Description - OP298B

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP265 OPTEK-OP265_14 Datasheet
232Kb / 4P
   Plastic Infrared Emitting Diode
OP265 OPTEK-OP265_06 Datasheet
334Kb / 4P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265FAA TTELEC-OP265FAA Datasheet
376Kb / 3P
   Plastic Infrared Emitting Diode
OP168F TTELEC-OP168F Datasheet
380Kb / 6P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP168 OPTEK-OP168_14 Datasheet
230Kb / 6P
   Plastic Infrared Emitting Diode
OP240 OPTEK-OP240_14 Datasheet
235Kb / 3P
   Plastic Infrared Emitting Diode
OP165 OPTEK-OP165_06 Datasheet
387Kb / 4P
   Plastic Infrared Emitting Diode
OP290 OPTEK-OP290 Datasheet
343Kb / 8P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265WPS TTELEC-OP265WPS Datasheet
339Kb / 3P
   Plastic Infrared Emitting Diode
OP290 TTELEC-OP290 Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP165 OPTEK-OP165_14 Datasheet
277Kb / 4P
   Plastic Infrared Emitting Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com