Electronic Components Datasheet Search
Selected language     English  â–Ľ


9-146297-0 Datasheet(PDF) 2 Page - Tyco Electronics

Part No. 9-146297-0
Description  Breakaway and Retention Headers—Unshrouded
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 2 page
background image
102
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Breakaway Headers—Unshrouded, Single-Row, .100 [2.54] Centerline
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
*±.003 [±0.08] tolerances not to accumulate within one connector pattern.
Headers with Solder Tails
Material and Finish
Housing — Black thermoplastic, 94V-0
rated, high temperature compatible
Posts — Phosphor bronze, plated as
follows:
Plating A — Duplex plated .000030
[0.00076] gold on contact area, .000100-
.000200 [0.00254-0.00508] tin on solder
tail, with entire post underplated .000050
[0.00127] nickel
Plating B — Duplex plated .000015
[0.00038] gold on contact area, .000100-
.000200 [0.00254-0.00508] tin on solder
tail, with entire post underplated .000050
[0.00127] nickel
Plating C — .000100-.000200
[0.00254-0.00508] tin over .000050
[0.00127] nickel
Performance Characteristics
(Board Retention Tails)
Insertion Force — 12 lb [53.4N] max.
Retention Force — .25 lb [1.11N] min.
Related Product Data
Mateable Connectors —
Refer to the Mating Post Selection
Guide — page 90
Technical Documents — page 276
See mating connector for applicable
product and application specifications.
.025 [0.64] Square
Straight Posts
A
B
E Ref.
(Contact Area)
B
.025
[0.64]
Typ.
.045
[1.14]
Typ.
.090±.002
[2.29±0.05]
D
C
.090
[2.29]
C = .090 [2.29]
C = .120 [3.05]
C = .125 [3.18]
Header
No. of
Dimensions
D = .230 [5.84]
D = .230 [5.84]
D = .318 [8.08]
Style
Pos.
A
B
E = .185 [4.70]
E = .185 [4.70]
E = .200 [5.08]
Post Plating/Part Nos.
Post Plating/Part Nos.
Post Plating/Part Nos.
Plating A
Plating B
Plating C
Plating A
Plating B
Plating C
Plating A
Plating B
Plating C
With
—
5-146285-1
5-146284-1
5-146282-1
5-146281-1
5-146280-1
5-146278-1
5-146277-1
5-146276-1
5-146274-1
Solder Tails
1
.084 [2.13]
(See Notes
40
9-146285-0
9-146284-0
9-146282-0
9-146281-0
9-146280-0
9-146278-0
9-146277-0
9-146276-0
9-146274-0
1 and 2.)
3.984 [101.19]
3.900 [99.06]
With Board
5-146297-3
5-146296-3
5-146294-3
5-146293-3
5-146292-3
5-146290-3
5-146289-3
5-146288-3
5-146286-3
Retention Tails
3
.284 [7.21]
.200 [5.08]
(See Notes
40
9-146297-0
9-146296-0
9-146294-0
9-146293-0
9-146292-0
9-146290-0
9-146289-0
9-146288-0
9-146286-0
2 and 3.)
3.984 [101.19]
3.900 [99.06]
Notes: 1. Headers without retention tails may be broken to the desired number of positions using Tool Kit No. 314818-1 (not shown).
2. Headers are also available in sizes 2 thru 39 positions (with Solder Tails) and 4 thru 39 positions (with Board Retention Tails). When ordering, add the prefix and/or suffix (dash)
numbers plus 5- -0 to the base part number that corresponds with the desired size. For example, the complete part number for an 8-position header with solder tails (C dimension
.090 [2.29], post plating A) would be 5-146285-8. The complete part number for a 26-position header with board retention tails (C dimension .120 [3.05], post plating B) would
be 7-146292-6. This part numbering system applies only to this page.
3. For C dimensions .120 [3.05] and .125 [3.18], board retention using kinked tails are for headers 6 positions and smaller; headers 7 positions and larger use swaged tails.
Headers with a C dimension of .090 [2.29] have swaged tails for all sizes.
.030±.002
[0.76±0.05]
.035±.003
[0.89±0.08]
Dia. Typ.
(Plated)
Recommended Hole Size
Before Plating
.045±.001
[1.14±0.02]
Dia. Typ.
Recommended PC Board Mounting Pattern
(for .062 [1.57] thick PC board; .008 [.203] thick stencil)
*±.003 [±0.08] tolerances not to accumulate within one connector pattern.
A
B
E Ref.
(Contact Area)
B
.025
[0.64]
Typ.
.045
[1.14]
Typ.
.150±.002
[3.81±0.05]
D
C
(see
note 3)
.090
[2.29]
.030±.002
[0.76±0.05]
.040±.003
[1.02±0.08]
Dia. Typ.
(Plated)
Recommended Hole Size
Before Plating
.045±.001
[1.14±0.02]
Dia. Typ.
Recommended PC Board Mounting Pattern
(for .062 [1.57] thick PC board; .008 [.203] thick stencil)
Headers with Board Retention Tails
.100*
[2.54]
.100*
[2.54]




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl