Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-0201 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0201
Description  Very High CMR, Wide VCC Logic Gate Optocouplers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0201 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0201 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0201 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0201 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0201 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-0201 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-0201 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-0201 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-0201 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-0201 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
Electrical Specifications
-40°C ≤ T
A ≤ 85°C, 4.5 V ≤ VCC ≤ 20 V, 1.6 mA ≤ IF(ON)* ≤ 5 mA, 0 V ≤ VF(OFF) ≤ 0.8 V, unless otherwise specified.
All Typicals at T
A = 25°C. See Note 7.
Parameter
Sym.
Min.
Typ.
Max.
Units
Test ConditionsFig.
Note
Fig
Logic Low Output Voltage
V
OL
0.5
V
I
OL = 6.4 mA (4 TTL Loads)
1, 3
1
Logic High Output Voltage
V
OH
2.4
**
V
I
OH = -2.6 mA
2, 3,
1
2.7
I
OH = -0.4 mA
Output Leakage Current
I
OHH
100
µA
V
O = 5.5 V
I
F = 5 mA
1
500
V
O = 20 V
Logic Low Supply
I
CCL
3.7
6.0
mA
V
CC = 5.5 V
V
F = 0 V
4.3
7.0
V
CC = 20 V
HCPL-223X
7.4
12.0
V
CC = 5.5 V
8.6
14.0
V
CC = 20 V
Logic High Supply
I
CCH
2.4
4.0
mA
V
CC = 5.5 V
I
F = 5 mA
2.7
5.0
V
CC = 20 V
HCPL-223X
4.8
8.0
V
CC = 5.5 V
5.4
10.0
V
CC = 20 V
Logic Low Short Circuit
I
OSL
15
mA
V
O = VCC = 5.5 V
V
F = 0 V
1, 3
20
V
O = VCC = 20 V
V
O = GND
Logic High Short Circuit
I
OSH
-10
mA
V
CC = 5.5 V
I
F = 5 mA
1, 3
-20
V
CC = 20 V
Input Forward Voltage
V
F
1.5
1.7
V
T
A = 25°C
I
F = 5 mA
4
1
1.85
HCNW22XX
1.5
1.82
T
A = 25°C
1.95
Input Reverse Breakdown
BV
R
5
V
I
R = 10 µA
1
HCNW22XX
3
I
R = 100 µA
Input Diode Temperature
∆V
F
-1.7
mV/°C I
F = 5 mA
HCNW22XX
∆T
A
-1.4
Input Capacitance
C
IN
60
pF
f = 1 MHz, V
F = 0 V
1, 4
HCNW22XX
70
*For HCPL-223X, 1.8 mA ≤ I
F(ON) ≤ 5 mA.
**Typical V
OH = VCC - 2.1 V.
(V
OUT < VCC)
Current
Current
Output Current
Voltage
Coefficient
Output Current
I
O = Open
I
O = Open


Similar Part No. - HCPL-0201

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-0201 HP-HCPL-0201 Datasheet
204Kb / 11P
   Low Input Current Logic Gate Optocouplers
HCPL-0201 HP-HCPL-0201 Datasheet
239Kb / 15P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-0201 HP-HCPL-0201 Datasheet
260Kb / 16P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0201 AVAGO-HCPL-0201 Datasheet
389Kb / 18P
   The HCPL-22XX, HCPL-02XX, and HCNW22XX are optically coupled logic gates. The HCPL??2XX, and HCPL-02XX contain a GaAsP LED while the HCNW22XX contains an AlGaAs LED.
HCPL-0201 AVAGO-HCPL-0201 Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results

Similar Description - HCPL-0201

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2211-300 AVAGO-HCPL-2211-300 Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2232-300E AVAGO-HCPL-2232-300E Datasheet
321Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2202-300E AVAGO-HCPL-2202-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2201 HP-HCPL-2201 Datasheet
239Kb / 15P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0201-000E AVAGO-HCPL-0201-000E Datasheet
321Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2201-560E AVAGO-HCPL-2201-560E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2231-300E AVAGO-HCPL-2231-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL2201 HP-HCPL2201 Datasheet
260Kb / 16P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com