Selected language     English  â–Ľ


9-146284-0 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. 9-146284-0
Description  Breakaway and Retention Headers—Unshrouded
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
101
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Breakaway and Retention Headers—Unshrouded
AMPMODU Interconnection System
5
Product Facts
I Design and inventory
versatility—headers can be
broken into any size needed
I Variety of popular sizes
available
I Substantial time/labor
savings can install all posts
at one time
I Vertical and right-angle
versions available in
single- and double-row
configurations
I Phosphor bronze posts
I Choice of gold duplex or
tin plated posts
I Post lengths include .230
[5.84] and .318 [8.08] for
connector mating
I Board retention feature
available
I Black, glass-filled
thermoplastic housings;
high temperature
compatible
I Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E28476
I Certified by Canadian
Standards
Association,
File No. LR 7189
Performance
Characteristics
Electrical
Insulation Resistance — 5,000
megohms minimum initial
Dielectric Withstanding Voltage —
750 V rms at sea level
Environmental
Operating Temperature —
-65°C to +105°C (black thermoplastic
housings)
Current — 3 amperes maximum
per contact (dependent upon mating
receptacle)
R
R




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl