Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCI-2350-001 Datasheet(PDF) 2 Page - Spectrum Microwave, Inc.

Part # SCI-2350-001
Description  Hermetically Sealed Threaded Case Filters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

SCI-2350-001 Datasheet(HTML) 2 Page - Spectrum Microwave, Inc.

  SCI-2350-001 Datasheet HTML 1Page - Spectrum Microwave, Inc. SCI-2350-001 Datasheet HTML 2Page - Spectrum Microwave, Inc. SCI-2350-001 Datasheet HTML 3Page - Spectrum Microwave, Inc. SCI-2350-001 Datasheet HTML 4Page - Spectrum Microwave, Inc. SCI-2350-001 Datasheet HTML 5Page - Spectrum Microwave, Inc. SCI-2350-001 Datasheet HTML 6Page - Spectrum Microwave, Inc. SCI-2350-001 Datasheet HTML 7Page - Spectrum Microwave, Inc. SCI-2350-001 Datasheet HTML 8Page - Spectrum Microwave, Inc. SCI-2350-001 Datasheet HTML 9Page - Spectrum Microwave, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Hermetically Sealed
Threaded Case Filters
85°C
125°C
Rated Voltage
DC
AC
15
20
26
6
7
28
34
40
19
6
14
20
5
33
39
46
25
15
19
28
10
44
50
55
36
26
6
30
39
18
60
60
60
55
42
25
50
55
38
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
¦ Also available through Spectrum Control’s authorized distributors.
.375 ø C Circuit Standard
¦ 54-367-008
54-370-007
54-371-001
54-367-005
¦ 9920-100-6002
54-367-007
¦ 54-367-006
54-370-006
9923-100-6004
See
Pg. 84
for Fig.
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
1
1
1
1
1
1
1
15
15
15
15
15
15
15
15
15
1.400
2.800
4.000
0.450
0.150
0.015
0.250
0.500
0.060
70
70
70
70
55
45
65
70
55
70
70
70
70
70
50
70
70
70
80
80
80
150
200
250
250
250
400
50
50
50
100
150
200
200
200
400
125
125
125
125
240
DC
AC
MIL
No
Max
L
0.387
0.576
0.688
0.387
0.387
0.387
0.387
0.630
0.415
(9.830)
(14.630)
(17.475)
(9.830)
(9.830)
(9.830)
(9.830)
(16.002)
(10.541)
In
(mm)
DCR
Max
Ohms
0.005
0.005
0.005
0.005
0.005
0.005
0.005
0.005
0.005
Thd
Lgth
A
A
A
A
A
A
A
A
A
85°C
125°C
Rated Voltage
DC
AC
15
15
20
10
7
6
6
28
28
33
24
19
19
19
14
10
10
2
33
33
40
30
25
25
25
20
16
16
7
40
40
50
40
35
36
36
31
26
26
17
40
40
65
40
55
40
40
40
40
40
37
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
.375 ø C Circuit MIL Qualified
(See MIL index on page 244-246 for complete MIL part number listing)
54-367-054
54-367-049
54-370-032
54-367-055
54-370-030
54-367-051
54-367-056
54-367-057
54-367-053
54-367-058
54-370-034
See
Pg. 84
for Fig.
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
1
1
2
1
1
1
1
1
1
15
15
15
15
10
15
15
15
15
15
15
1.200
1.200
2.100
0.700
0.300
0.450
0.450
0.250
0.150
0.150
0.062
70
70
70
64
70
60
60
56
52
52
55
70
70
70
70
70
70
70
70
70
70
70
50
50
50
70
100
100
100
150
200
200
330
125
125
DC
AC
M15733
M28861
MIL No
1-012
1-002
49-0008
1-014
34-0035
1-006
1-016
1-018
1-010
1-020
49-0010
Max
L
0.410
0.410
0.576
0.410
0.474
0.410
0.410
0.410
0.410
0.410
0.680
(10.414)
(10.414)
(14.630)
(10.414)
(12.040)
(10.414)
(10.414)
(10.414)
(10.414)
(10.414)
(17.272)
In
(mm)
DCR
Max
Ohms
0.008
0.008
0.010
0.008
0.004
0.008
0.008
0.008
0.008
0.008
0.004
Thd
Lgth
B
A
A
B
A
A
B
B
A
B
A
SPECTRUM CONTROL INC. • 8031 Avonia Rd. • Fairview, PA 16415 • Phone: 814-474-2207 • Fax: 814-474-2208 • Web site: www.spectrumcontrol.com
SPECTRUM CONTROL GmbH • Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
87
*1566 PRINTER 063-120 v2
12/4/06
9:13 AM
Page 23


Similar Part No. - SCI-2350-001

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SCI-1020-000 APITECH-SCI-1020-000 Datasheet
1Mb / 16P
   Hermetically Sealed Threaded Case Filters
SCI-1020-000 APITECH-SCI-1020-000 Datasheet
62Kb / 1P
   LOW Pass EMI Filter
SCI-1020-020 APITECH-SCI-1020-020 Datasheet
1Mb / 16P
   Hermetically Sealed Threaded Case Filters
SCI-1020-020 APITECH-SCI-1020-020 Datasheet
64Kb / 2P
   LOW Pass EMI Filter
SCI-1021-000 APITECH-SCI-1021-000 Datasheet
1Mb / 16P
   Hermetically Sealed Threaded Case Filters
More results

Similar Description - SCI-2350-001

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
51-311-308 APITECH-51-311-308 Datasheet
1Mb / 16P
   Hermetically Sealed Threaded Case Filters
logo
List of Unclassifed Man...
CL700 ETC2-CL700 Datasheet
39Kb / 1P
   HERMETICALLY SEALED TO-5 CASE
logo
Microsemi Corporation
1N4614 MICROSEMI-1N4614 Datasheet
120Kb / 2P
   Hermetically sealed glass case. DO - 35 outline.
logo
Thinki Semiconductor Co...
1N60 THINKISEMI-1N60 Datasheet
3Mb / 2P
   Hermetically Sealed Glass Case Point Contact Germanium Diode
logo
Vishay Siliconix
TSTS730 VISHAY-TSTS730 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS750 VISHAY-TSTS750 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7100 VISHAY-TSTA7100 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7300 VISHAY-TSTA7300 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7500 VISHAY-TSTA7500 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS710 VISHAY-TSTS710 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com