Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70G-ODC24MA Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 70G-ODC24MA
Description  Integral Three Position Manual On/Manual Off and Automatic Control Toggle Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

70G-ODC24MA Datasheet(HTML) 1 Page - Grayhill, Inc

  70G-ODC24MA Datasheet HTML 1Page - Grayhill, Inc 70G-ODC24MA Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Manual Override Output Modules
FEATURES
• Integral Three Position Manual
On/Manual Off and Automatic
Control Toggle Switch
• Transient Protection: Meets the
requirements of IEEE 472, “Surge
Withstanding Capability Test”
• UL, CSA Certified
• Optical Isolation
• G5 Modules Provide Replaceable
5x20 mm Glass Fuse
• Built-in Status LED
CIRCUITRY
Maximum Current Versus
Ambient Temperature
The chart indicates continuous current to limit
the junction temperatures to 100°C. Information
is based on steady state heat transfer in a two
cubic foot sealed enclosure.
Figure 1
FUSES
G5 Fuses are 5 Amp Littelfuse part number
217005 or equivalent.
Figure 2
Maximum Peak Surge Current
Versus Surge Duration (AC Outputs)
Information is based on a supply frequency of
60 Hz sinusoidal and a resistive or inductive
load. Application of maximum surge current
may not be repeated until the module
temperature has returned to its steady state
value.
4
3
2
1
-40˚
-20˚
0
20˚
40˚
60˚
80˚
100˚
AMBIENT TEMPERATURE (˚C)
G5 PACKAGE
80
40
60
30
20
10
6
4
3
1
1
12 3 4 6
20
10
40 60 100
1000
300
200
100
NUMBER OF FULL CYCLES AT 60 HERTZ
STANDARD,
MINI,
G5
OPENLINE
1
2
3
4
Rx
VAC
DC CONTROL
TRIGGER
CIRCUIT
SNUBBER
LOAD
LOAD
+
5
OFF
AUTO
ON
1
2
3
4
Rx
VDC
DC CONTROL
VOLTAGE
SPIKE
PROTECTION
LOAD
LOAD
DRIVER
CIRCUIT
+
+
5
OFF
AUTO
ON
AC Outputs
DC Outputs
I/O
12


Similar Part No. - 70G-ODC24MA

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70G-ODC24MA GRAYHILL-70G-ODC24MA Datasheet
109Kb / 2P
   Manual Override Output Modules
More results

Similar Description - 70G-ODC24MA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V3398 IDT-IDT82V3398 Datasheet
75Kb / 10P
   Supports manual and automatic selected input clock switch
IDT82V3911 IDT-IDT82V3911 Datasheet
138Kb / 12P
   Supports manual and automatic selected input clock switch
IDT82V3399 IDT-IDT82V3399 Datasheet
52Kb / 5P
   Supports manual and automatic selected input clock switch
logo
Analog Devices
AD5228 AD-AD5228_15 Datasheet
440Kb / 20P
   32-Position Manual Up/Down Control Potentiometer
REV. A
AD5228 AD-AD5228 Datasheet
341Kb / 20P
   32-Position Manual Up/Down Control Potentiometer
REV. 0
AD5228BUJZ50 AD-AD5228BUJZ50 Datasheet
440Kb / 20P
   32-Position Manual Up/Down Control Potentiometer
REV. A
logo
Honeywell Accelerometer...
BZ-2RW822244-A2 HONEYWELL-ACC-BZ-2RW822244-A2 Datasheet
520Kb / 9P
   Manual Switches Sealed Toggle Switches
HPX030GD HONEYWELL-ACC-HPX030GD Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
BZ-2RQ-A2 HONEYWELL-ACC-BZ-2RQ-A2 Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
CSNX25 HONEYWELL-ACC-CSNX25 Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com