Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

91813-9111 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 91813-9111
Description  5.08 Pitch, KK짰, CRP Terminal HSG, Glow Wire compatible, 11 Circuits, White, with
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

91813-9111 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  91813-9111 Datasheet HTML 1Page - Molex Electronics Ltd. 91813-9111 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 09/16/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
91813-9111
Status:
Active
Overview:
KK® Interconnect System
Description:
5.08 Pitch, KK®, CRP Terminal HSG, Glow Wire compatible, 11 Circuits, White, with
Ramp, Glow Wire Compatible
Documents:
3D Model
Product Specification PS-99020-0087 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
91813
Application
Power, Wire-to-Board
Comments
This Molex product is manufactured from material
that has the following ratings, tested by independent
agencies :. a) A Glow Wire Ignition Temperature (GWIT)
of at least 775 deg C per IEC 60695-2-13.. b) A Glow
Wire Flammability Index (GWFI) above 850 deg C
per IEC 60695-2-12.and hence complies with the
requirements set out in the International Standard IEC
60335-1 5th edition - household and similar electrical
appliances - safety; section 30 Resistance to heat
and fire.<P><P>The customers using this product
must determine its suitability for use in their particular
application through testing or other acceptable means
as described in end-product glow-wire flammability
test standard IEC 60695-2-11 and any applicable
product end-use standard(s).<P>If it is determined
during the customer’s evaluation of suitability, that
higher performance is required, please contact Molex for
possible product options.
Overview
KK® Interconnect System
Product Name
KK®
UPC
800756784861
Physical
Breakaway
No
Circuits (maximum)
11
Color - Resin
Natural (White)
Gender
Female
Glow-Wire Compliant
Yes
Material - Resin
Nylon
Net Weight
3.132/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
5.08mm
Pitch - Termination Interface
5.08mm
Polarized to Mating Part
Yes
Ports
1
Stackable
No
Temperature Range - Operating
See Product Specification
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
91813Series
Mates With
KK® Header 3003 , 2599
Use With
KK® Crimp Terminal 2478 , 2578


Similar Part No. - 91813-9111

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
91813-9110 MOLEX11-91813-9110 Datasheet
63Kb / 2P
   5.08 Pitch, KK짰, CRP Terminal HSG, Glow Wire compatible, 10 Circuits, White, with
91813-9112 MOLEX11-91813-9112 Datasheet
133Kb / 2P
   5.08 (.200") Pitch, KK, CRP Terminal HSG, Glow Wire compatible, 12 Circuits, White, with Ramp
91813-9112 MOLEX11-91813-9112 Datasheet
63Kb / 2P
   5.08 Pitch, KK짰, CRP Terminal HSG, Glow Wire compatible, 12 Circuits, White, with
More results

Similar Description - 91813-9111

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
91813-9011 MOLEX11-91813-9011 Datasheet
63Kb / 2P
   5.08 Pitch, KK짰, CRP Terminal HSG, Glow Wire compatible, 11 Circuits, White, Glow
91813-9012 MOLEX11-91813-9012 Datasheet
63Kb / 2P
   5.08 Pitch, KK짰, CRP Terminal HSG, Glow Wire compatible, 12 Circuits, White, Glow
91813-9002 MOLEX11-91813-9002 Datasheet
63Kb / 2P
   5.08 Pitch, KK짰, CRP Terminal HSG, Glow Wire compatible, 2 Circuits, White, Glow
91813-9007 MOLEX11-91813-9007 Datasheet
63Kb / 2P
   5.08 Pitch, KK짰, CRP Terminal HSG, Glow Wire compatible, 7 Circuits, White, Glow
91813-9010 MOLEX11-91813-9010 Datasheet
63Kb / 2P
   5.08 Pitch, KK짰, CRP Terminal HSG, Glow Wire compatible, 10 Circuits, White, Glow
91813-9110 MOLEX11-91813-9110 Datasheet
63Kb / 2P
   5.08 Pitch, KK짰, CRP Terminal HSG, Glow Wire compatible, 10 Circuits, White, with
91813-9106 MOLEX11-91813-9106 Datasheet
63Kb / 2P
   5.08 Pitch, KK짰, CRP Terminal HSG, Glow Wire compatible, 6 Circuits, White, with
91813-9003 MOLEX11-91813-9003 Datasheet
63Kb / 2P
   5.08 Pitch, KK짰, CRP Terminal HSG, Glow Wire compatible, 3 Circuits, White, Glow
91813-9006 MOLEX11-91813-9006 Datasheet
63Kb / 2P
   5.08 Pitch, KK짰, CRP Terminal HSG, Glow Wire compatible, 6 Circuits, White, Glow
91813-9008 MOLEX11-91813-9008 Datasheet
63Kb / 2P
   5.08 Pitch, KK짰, CRP Terminal HSG, Glow Wire compatible, 8 Circuits, White, Glow
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com