Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

500SSP1S3M6QEA Datasheet(PDF) 1 Page - E-SWITCH

Part # 500SSP1S3M6QEA
Description  SERIES 500 SWITCHES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

500SSP1S3M6QEA Datasheet(HTML) 1 Page - E-SWITCH

  500SSP1S3M6QEA Datasheet HTML 1Page - E-SWITCH 500SSP1S3M6QEA Datasheet HTML 2Page - E-SWITCH 500SSP1S3M6QEA Datasheet HTML 3Page - E-SWITCH 500SSP1S3M6QEA Datasheet HTML 4Page - E-SWITCH 500SSP1S3M6QEA Datasheet HTML 5Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Phone: 800-867-2717
Fax: 763-531-8235
178
SERIES 500 SWITCHES
Specifications subject to change without notice.
SERIES
SSP1
SSP2
SSP3
MODEL NO.
500
Example Ordering Number
500_ SSP2_ S4_ M1_ Q _E_ B
SLIDE SWITCHES
SPECIFICATIONS
Contact Rating:
Gold, 0.4 VA @ 20 VAC or DC
Silver, 5A @ 120 VAC, 2A @ 250 VAC
Life Expectancy:
50,000 make-and-break cycles at full load
Contact Resistance:
10 mΩ max. typical @ 2-4 VDC
100mA for both silver and gold plated contacts
Insulation Resistance:
1,000 MΩ min.
Dielectric Strength:
1,000 V rms at sea level
Operating Temperature: -30°C to 85°C
MATERIALS
Case:
Diallyl phthalate (DAP), UL 94V0
Housing:
Stainless steel
Slide Handle:
Nylon UL 94HB
Contacts:
Silver or gold plated copper alloy
HOW TO ORDER
FEATURES & BENEFITS
Single & double pole options
Multiple actuator height options
Panel & PC board mountable
APPLICATIONS/MARKETS
Computer servers/peripherals
Consumer electronics
Instrumentation
Test & measurement
CONTACT
MATERIAL
Q = Silver
R = Gold
M1
M2
M3
M5-1
M5-2
M5-3
M5-4
M6
M7
VS2
TERMINATION
SEAL
E
E = Epoxy
Sealed
S1
S2
S3
S4
ACTUATOR
MOUNTING
TAB
A = Without Tabs
B = With Tabs
Example Ordering Number
500_ SDP1_ S1_ M6_ R_E_ A
SDP1
SDP3
Q = Silver
R = Gold
M1
M2
M3
M5-1
M5-2
M5-3
M5-4
M6
M7
VS2
E = Epoxy
Sealed
S1
S2
S3
S4
S5
A = Without Tabs
B = With Tabs


Similar Part No. - 500SSP1S3M6QEA

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
500SSP1S1M1QEA E-SWITCH-500SSP1S1M1QEA Datasheet
315Kb / 4P
   SLIDE SWITCHES
500SSP1S1M1QEB E-SWITCH-500SSP1S1M1QEB Datasheet
315Kb / 4P
   SLIDE SWITCHES
500SSP1S1M1REA E-SWITCH-500SSP1S1M1REA Datasheet
315Kb / 4P
   SLIDE SWITCHES
500SSP1S1M1REB E-SWITCH-500SSP1S1M1REB Datasheet
315Kb / 4P
   SLIDE SWITCHES
500SSP1S1M2QEA E-SWITCH-500SSP1S1M2QEA Datasheet
315Kb / 4P
   SLIDE SWITCHES
More results

Similar Description - 500SSP1S3M6QEA

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
500-0110 LSTD-500-0110 Datasheet
640Kb / 2P
   TflexTM 500 Series
logo
E-SWITCH
TD1104 E-SWITCH-TD1104 Datasheet
274Kb / 2P
   SERIES TD SWITCHES
LS0851505F250C1A E-SWITCH-LS0851505F250C1A Datasheet
267Kb / 3P
   SERIES LS SWITCHES
SS0750301F020P1A E-SWITCH-SS0750301F020P1A Datasheet
1Mb / 2P
   SERIES SS SWITCHES
logo
Systemsensor advanced i...
MDDS743 SYSTEMSENSOR-MDDS743 Datasheet
171Kb / 2P
   500 Series Intelligent Modules
logo
3M Electronics
525 3M-525 Datasheet
377Kb / 5P
   500-Series Polyurethane Products:
logo
TRACO Electronic AG
TXLN500 TRACOPOWER-TXLN500 Datasheet
944Kb / 5P
   AC/DC Power Supply TXLN 500 Series, 500 Watt
Rev. March 16, 2023
logo
E-SWITCH
TL1105AF160Q E-SWITCH-TL1105AF160Q Datasheet
240Kb / 3P
   SERIES TL1105 SWITCHES TACT SWITCHES - 6mm x 6mm
logo
C&K Components
302719P02 CK-COMPONENTS-302719P02 Datasheet
381Kb / 8P
   3 Series Thumbwheel Switches
logo
Carling Technologies
P27L-BL CARLINGTECH-P27L-BL Datasheet
116Kb / 1P
   P27-Series Pushbutton Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com