Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBS13405 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS13405
Description  133.9MHz SAW Filter 6MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS13405 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS13405 Datasheet HTML 1Page - SIPAT Co,Ltd LBS13405 Datasheet HTML 2Page - SIPAT Co,Ltd LBS13405 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS13405
Rev. Date
2008-12-08
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
133.9MHz SAW Filter
6MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBS13405
Features
For IF SAW filter
High attenuation
Single-ended operation
Dual In-line Package
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
133.75
133.9
134.05
Insertion Loss
dB
-
27.4
28
3 dB Bandwidth
MHz
5.55
5.56
-
40 dB Bandwidth
MHz
-
6.4
-
Passband Variation
dB
-
0.8
1.5
Absolute Delay
usec
-
3
4
f0±3.2MHz
dB
35
36
-
f0±3.4MHz
dB
45
48
-
f0±3.8MHz
dB
45
48
-
Ultimate Rejection
f0±7.8MHz
dB
50
52
-
Material Temperature coefficient
KHz/°C
0.13
Substrate Material
-
Qz
Ambient Temperature
°C
25
Operating Temperature Range
°C
-40
-
+85
Storage Temperature Range
°C
-45
-
+105
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBS13405

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS13405 SIPAT-LBS13405 Datasheet
148Kb / 3P
   133.9MHz SAW Filter 6MHz Bandwidth
More results

Similar Description - LBS13405

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS13405 SIPAT-LBS13405 Datasheet
148Kb / 3P
   133.9MHz SAW Filter 6MHz Bandwidth
LBT42301 SIPAT-LBT42301 Datasheet
194Kb / 3P
   422.5MHz SAW Filter 6MHz Bandwidth
LB140DS32 SIPAT-LB140DS32 Datasheet
178Kb / 3P
   140MHz SAW Filter 6MHz Bandwidth
LBT14078 SIPAT-LBT14078 Datasheet
283Kb / 3P
   140MHz SAW Filter 6MHz Bandwidth
LBS12044 SIPAT-LBS12044 Datasheet
133Kb / 3P
   120MHz SAW Filter 6MHz Bandwidth
LBT12005 SIPAT-LBT12005 Datasheet
149Kb / 3P
   120MHz SAW Filter 6MHz Bandwidth
LBT10603 SIPAT-LBT10603 Datasheet
149Kb / 3P
   106.2MHz SAW Filter 6MHz Bandwidth
LBT11521 SIPAT-LBT11521 Datasheet
145Kb / 3P
   115MHz SAW Filter 6MHz Bandwidth
LBT42301 SIPAT-LBT42301 Datasheet
194Kb / 3P
   422.5MHz SAW Filter 6MHz Bandwidth
LBT08802 SIPAT-LBT08802 Datasheet
159Kb / 4P
   88MHz SAW Filter 6MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com