Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIH6131-021-001 Datasheet(PDF) 9 Page - Honeywell Accelerometers

Part # HIH6131-021-001
Description  Honeywell HumidIcon??Digital Humidity/Temperature Sensors HIH6100 Series ??짹4.0 %RH Accuracy
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

HIH6131-021-001 Datasheet(HTML) 9 Page - Honeywell Accelerometers

Back Button HIH6131-021-001 Datasheet HTML 5Page - Honeywell Accelerometers HIH6131-021-001 Datasheet HTML 6Page - Honeywell Accelerometers HIH6131-021-001 Datasheet HTML 7Page - Honeywell Accelerometers HIH6131-021-001 Datasheet HTML 8Page - Honeywell Accelerometers HIH6131-021-001 Datasheet HTML 9Page - Honeywell Accelerometers HIH6131-021-001 Datasheet HTML 10Page - Honeywell Accelerometers HIH6131-021-001 Datasheet HTML 11Page - Honeywell Accelerometers HIH6131-021-001 Datasheet HTML 12Page - Honeywell Accelerometers HIH6131-021-001 Datasheet HTML 13Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
sensing.honeywell.com
figure 1. I2c timing diagram
SDA
SCL
tLOW
tHDSTA
tHDSTA
tHIGH
tHDDAT
tSUSTA
tSUSTO
tBUS
tSUDAT
characteristic
Abbr.
min.
typ.
max.
unit
SCLclockfrequency
F
SCL
100
400
kHz
StartconditionholdtimerelativetoSCLedge
t
HDSTA
0.1
µs
MinimumSCLclocklowwidth1
t
LOW
0.6
µs
MinimumSCLclockhighwidth1
t
HIGH
0.6
µs
StartconditionsetuptimerelativetoSCLedge
t
SUSTA
0.1
µs
DataholdtimeonSDArelativetoSCLedge
t
HDDAT
0
0.5
µs
DatasetuptimeonSDArelativetoSCLedge
t
SUDAT
0.1
µs
StopconditionsetuptimeonSCL
t
SUSTO
0.1
µs
Busfreetimebetweenstopandstartcondition
t
BUS
1
µs
Note:
1
CombinedlowandhighwidthsmustequalorexceedminimumSCLperiod.
figure 2. SpI timing diagram
tBUS
tCLKD
SCLK
MISO
SS
tHIGH
tSUSS
HiZ
HiZ
tHDSS
tLOW
tCLKD
characteristic
Abbr.
min.
typ.
max.
unit
SCLKclockfrequency
f
SCL
50
800
kHz
SS drop to first clock edge
t
HDSS
2.5
μs
MinimumSCLKclocklowwidth1
t
LOW
0.6
μs
MinimumSCLKclockhighwidth1
t
HIGH
0.6
μs
Clock edge to data transition
t
CLKD
0
0.5
μs
Rise of SS relative to last clock edge
t
SUSS
0.1
μs
BusfreetimebetweenriseandfallofSS
t
BUS
2
µs
Note:
1
CombinedlowandhighwidthsmustequalorexceedminimumSCLKperiod.
Honeywell HumidIconDigital Humidity/Temperature Sensors


Similar Part No. - HIH6131-021-001

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
HIH6131-021-001 HONEYWELL-ACC-HIH6131-021-001 Datasheet
1Mb / 15P
   Honeywell HumidIcon??Digital Humidity/Temperature Sensors
logo
Honeywell Solid State E...
HIH6131-021-001 HONEYWELL-HIH6131-021-001 Datasheet
1Mb / 15P
   Honeywell HumidIcon??Digital Humidity/Temperature Sensors
logo
Honeywell Accelerometer...
HIH6131-021-001S HONEYWELL-ACC-HIH6131-021-001S Datasheet
1Mb / 15P
   Honeywell HumidIcon??Digital Humidity/Temperature Sensors
logo
Honeywell Solid State E...
HIH6131-021-001S HONEYWELL-HIH6131-021-001S Datasheet
1Mb / 15P
   Honeywell HumidIcon??Digital Humidity/Temperature Sensors
More results

Similar Description - HIH6131-021-001

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
HIH6130-021-001S HONEYWELL-ACC-HIH6130-021-001S Datasheet
1Mb / 15P
   Honeywell HumidIcon??Digital Humidity/Temperature Sensors
logo
Honeywell Solid State E...
HIH-6130 HONEYWELL-HIH-6130 Datasheet
490Kb / 8P
   Honeywell HumidIcon??Digital Humidity/Temperature Sensors
HIH6100 HONEYWELL-HIH6100 Datasheet
1Mb / 15P
   Honeywell HumidIcon??Digital Humidity/Temperature Sensors
HAF HONEYWELL-HAF Datasheet
582Kb / 6P
   HONEYWELL ZEPHYR DIGITAL AIRFLOW SENSORS: HAF SERIES-HIGH ACCURACY
logo
Honeywell Accelerometer...
HAFUHM0020L4AXT HONEYWELL-ACC-HAFUHM0020L4AXT Datasheet
842Kb / 9P
   Honeywell Zephyr Digital Airflow Sensors: HAF Series?쵩igh Accuracy
logo
Honeywell Solid State E...
HAFUHM0010L2AXT HONEYWELL-HAFUHM0010L2AXT Datasheet
713Kb / 11P
   Honeywell ZephyrTM Digital Airflow Sensors
logo
Siemens Semiconductor G...
QFM31 SIEMENS-QFM31 Datasheet
236Kb / 8P
   Duct sensors for relative humidity (high accuracy) and temperature
2022-09-27
QFA31 SIEMENS-QFA31 Datasheet
285Kb / 8P
   Room sensors for relative humidity (high accuracy) and temperature
2016-07-21
logo
Texas Instruments
HDC2010 TI1-HDC2010 Datasheet
683Kb / 34P
[Old version datasheet]   Low Power Humidity and Temperature Digital Sensors
logo
IDEC Corporation
ABW-100-B IDEC-ABW-100-B Datasheet
3Mb / 41P
   Honeywell ZephyrTM Digital Airflow Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com