Electronic Components Datasheet Search |
|
551-0601 Datasheet(PDF) 6 Page - Dialight Corporation |
|
551-0601 Datasheet(HTML) 6 Page - Dialight Corporation |
6 / 8 page 4-60 Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com 3mm Discrete LED Low Current Diffused 521-9324, -9325, -9326 4.4 [.175] 1.01 [.040] 5.97 [.235] 26.67 [1.05] MIN. 1.00 [.040] .40 [.016] 3.3 [.130] 2.54 [.100] .40 [.016] CATHODE 1.0 [.040] PART NO. COLOR 521-9324 Red 521-9325 Yellow 521-9326 Green Red Yellow Green ABSOLUTE MAXIMUM RATINGS (T A=25°C) -9324 -9325 -9326 Power Dissipation (mW) 20 20 20 Forward Current (mA) 7 7 7 Derating (mA/°C) From 90°C .7 .7 .7 Peak Current (mA) 500 500 500 Pulse width = 10 µs Operating Temperature (°C) -55/+100 -55/+100 -55/+100 Storage Temperature (°C) -55/+100 -55/+100 -55/+100 Soldering Temperature 260°C, 5 seconds, 1.6 mm from case Red Yellow Green OPERATING CHARACTERISTICS (T A=25°C) -9324 -9325 -9326 Luminous Intensity (mcd) Min. 1 1 1 IF=2mA Typical 1.6 1.6 1.6 Peak Wavelength (nm) Typical 635 585 565 λ Peak Viewing Angle (2 Θ ½) Typical 60° 60° 60° Forward Voltage (V) Typical 1.7 1.8 1.9 IF=2mA Max. 2.2 2.7 2.2 Reverse Voltage (V), IR=50µA Min. 5 5 5 Dimensions in mm [inches] Θ is the off axis angle at which the luminous intensity is half the axial luminous intensity Solder Adherence per MIL-STD-202E, Method 208C MOUNTING CLIP: 515-0006 located on page 4-65 |
Similar Part No. - 551-0601 |
|
Similar Description - 551-0601 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |