Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBS14038 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS14038
Description  140MHz SAW Filter 0.3MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS14038 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS14038 Datasheet HTML 1Page - SIPAT Co,Ltd LBS14038 Datasheet HTML 2Page - SIPAT Co,Ltd LBS14038 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS14038
Rev. Date
2006-10-18
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
140MHz SAW Filter
0.3MHz Bandwidth
Part Number: LBS14038
Typical Performance
Frequency Respond
Passband Respond
137.5
138
138.5
139
139.5
140
140.5
141
141.5
142
142.5
-103.5946
-93.5946
-83.5946
-73.5946
-63.5946
-53.5946
-43.5946
-33.5946
-23.5946
139.5
139.6
139.7
139.8
139.9
140
140.1
140.2
140.3
140.4
140.5
-26
-25.5
-25
-24.5
-24
-23.5
-23
-22.5
-22
-21.5
Group Delay Variation(f0±0.1MHz)
Phase Linearity(f0±0.1MHz)
Smith Chart S11
Smith Chart S22


Similar Part No. - LBS14038

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS14038 SIPAT-LBS14038 Datasheet
136Kb / 3P
   140MHz SAW Filter 0.3MHz Bandwidth
More results

Similar Description - LBS14038

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS14042 SIPAT-LBS14042 Datasheet
138Kb / 3P
   140MHz SAW Filter 0.3MHz Bandwidth
LBS14038 SIPAT-LBS14038 Datasheet
136Kb / 3P
   140MHz SAW Filter 0.3MHz Bandwidth
LBS14042 SIPAT-LBS14042 Datasheet
143Kb / 3P
   140MHz SAW Filter 0.3MHz Bandwidth
LBS09614 SIPAT-LBS09614 Datasheet
314Kb / 3P
   96MHz SAW Filter 0.3MHz Bandwidth
LBS07203 SIPAT-LBS07203 Datasheet
269Kb / 3P
   72MHz SAW Filter 0.3MHz Bandwidth
SP24401 SIPAT-SP24401 Datasheet
191Kb / 4P
   243.95MHz SAW Filter 0.3MHz Bandwidth
SP24401 SIPAT-SP24401 Datasheet
196Kb / 4P
   243.95MHz SAW Filter 0.3MHz Bandwidth
LBS07203 SIPAT-LBS07203 Datasheet
275Kb / 3P
   72MHz SAW Filter 0.3MHz Bandwidth
LBT14066 SIPAT-LBT14066 Datasheet
269Kb / 3P
   140MHz SAW Filter 14.4MHz Bandwidth
LB140DS13 SIPAT-LB140DS13 Datasheet
271Kb / 3P
   140MHz SAW Filter 16MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com