Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

94529-4103 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 94529-4103
Description  5.00mm Pitch RAST, Receptacle, Natural Color, PA Polyamide (Nylon) 6/6, 3 Circuits,
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

94529-4103 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  94529-4103 Datasheet HTML 1Page - Molex Electronics Ltd. 94529-4103 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/08/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
94529-4103
Status:
Active
Description:
5.00mm Pitch RAST, Receptacle, Natural Color, PA Polyamide (Nylon) 6/6, 3 Circuits,
Glow Wire Compatible
Documents:
3D Model
Product Specification PS-94529-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-94529-001 (PDF)
General
Product Family
Crimp Housings
Series
94529
Application
Power, Wire-to-Board
Comments
This Molex product is manufactured from material
that has the following ratings, tested by independent
agencies :. a) A Glow Wire Ignition Temperature (GWIT)
of at least 775 deg C per IEC 60695-2-13.. b) A Glow
Wire Flammability Index (GWFI) above 850 deg C
per IEC 60695-2-12.and hence complies with the
requirements set out in the International Standard IEC
60335-1 5th edition - household and similar electrical
appliances - safety; section 30 Resistance to heat
and fire.<P><P>The customers using this product
must determine its suitability for use in their particular
application through testing or other acceptable means
as described in end-product glow-wire flammability
test standard IEC 60695-2-11 and any applicable
product end-use standard(s).<P>If it is determined
during the customer’s evaluation of suitability, that
higher performance is required, please contact Molex for
possible product options.
Product Name
Pitch 5 Edge Card
UPC
822350324380
Physical
Breakaway
No
Circuits (maximum)
3
Color - Resin
Natural
Gender
Female
Glow-Wire Compliant
Yes
Lock to Mating Part
Yes
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
5.00mm
Pitch - Termination Interface
5.00mm
Polarized to Mating Part
Yes
Ports
1
Stackable
No
Temperature Range - Operating
-40°C to +105°C, -40°C to +85°C
Electrical
Current - Maximum per Contact
6A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
94529Series
Mates With
PCB thickness 1.50mm
Use With
94529-1203 Terminal


Similar Part No. - 94529-4103

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
94529-4102 MOLEX11-94529-4102 Datasheet
42Kb / 2P
   5.00mm Pitch RAST, Receptacle, Natural Color, PA Polyamide (Nylon) 6/6, 2 Circuits,
94529-4104 MOLEX11-94529-4104 Datasheet
128Kb / 2P
   5.00mm (.197") Pitch RAST, Receptacle, Natural Color, PA Polyamide (Nylon) 6/6, 4 Circuits, Glow Wire Compatible
94529-4106 MOLEX11-94529-4106 Datasheet
133Kb / 2P
   5.00mm (.197") Pitch RAST, Receptacle, Natural Color, PA Polyamide (Nylon) 6/6, 6 Circuits
94529-4106 MOLEX11-94529-4106 Datasheet
42Kb / 2P
   5.00mm Pitch RAST, Receptacle, Natural Color, PA Polyamide (Nylon) 6/6, 6 Circuits,
94529-4107 MOLEX11-94529-4107 Datasheet
130Kb / 2P
   5.00mm (.197") Pitch RAST
More results

Similar Description - 94529-4103

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
94529-4106 MOLEX11-94529-4106 Datasheet
42Kb / 2P
   5.00mm Pitch RAST, Receptacle, Natural Color, PA Polyamide (Nylon) 6/6, 6 Circuits,
94529-4110 MOLEX11-94529-4110 Datasheet
42Kb / 2P
   5.00mm Pitch RAST, Receptacle, Natural Color, PA Polyamide (Nylon) 6/6, 10 Circuits,
94529-4112 MOLEX11-94529-4112 Datasheet
42Kb / 2P
   5.00mm Pitch RAST, Receptacle, Natural Color, PA Polyamide (Nylon) 6/6, 12 Circuits,
94529-4109 MOLEX11-94529-4109 Datasheet
42Kb / 2P
   5.00mm Pitch RAST, Receptacle, Natural Color, PA Polyamide (Nylon) 6/6, 9 Circuits,
0945299106 MOLEX11-0945299106 Datasheet
133Kb / 2P
   5.00mm (.197") Pitch RAST, Receptacle, Natural Color, PA Polyamide (Nylon) 6/6, 6 Circuits
0945297106 MOLEX11-0945297106 Datasheet
133Kb / 2P
   5.00mm (.197") Pitch RAST, Receptacle, Natural Color, PA Polyamide (Nylon) 6/6, 6 Circuits
0945294106 MOLEX11-0945294106 Datasheet
133Kb / 2P
   5.00mm (.197") Pitch RAST, Receptacle, Natural Color, PA Polyamide (Nylon) 6/6, 6 Circuits
94529-4102 MOLEX11-94529-4102 Datasheet
42Kb / 2P
   5.00mm Pitch RAST, Receptacle, Natural Color, PA Polyamide (Nylon) 6/6, 2 Circuits,
0945294105 MOLEX11-0945294105 Datasheet
128Kb / 2P
   5.00mm (.197") Pitch RAST, Receptacle, Natural Color, PA Polyamide (Nylon) 6/6, 5 Circuits
0945294110 MOLEX11-0945294110 Datasheet
132Kb / 2P
   5.00mm (.197") Pitch RAST, Receptacle, Natural Color, PA Polyamide (Nylon) 6/6, 10 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com