Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70M-OAC5A Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 70M-OAC5A
Description  Transient Protection: Meets the requirements of IEEE 472, Surge Withstanding Capability Test
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

70M-OAC5A Datasheet(HTML) 2 Page - Grayhill, Inc

  70M-OAC5A Datasheet HTML 1Page - Grayhill, Inc 70M-OAC5A Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Miniature, Normally Open, Random Turn-on
70M-OAC5A-11
Miniature, Normally Open, Zero Voltage Turn-on (ZVT)
70M-OAC5
70M-OAC5A
70M-OAC15
70M-OAC24
70M-OAC24A
Miniature, Normally Open, ZVT, Inductive Load
70M-OAC5-L
70M-OAC5A-L
Standard, Normally Closed, Random Turn-on
70-OAC5A5
Standard, Normally Open, Random Turn-on
70-OAC5A-11
70-OAC24A-11
Standard, Normally Open, ZVT
70-OAC5
70-OAC5A
70-OAC15
70-OAC15A
70-OAC24
70-OAC24A
Standard, Normally Open, ZVT, Inductive Load
70-OAC5-L
70-OAC5A-L
Specifications
Units
Nominal Line Voltage
Vac
120
240
120
240
120
240
Load Voltage Range
Vac
24-140
24-280
24-140
24-280
24-140
24-280
Minimum Peak Blocking Voltage
Volts
400
600
400
600
400
600
Maximum Off-state Leakage @ 60Hz
mA, rms
2
4
2
4
2
4
Nominal Logic Voltage (Vcc)
Vdc
5
5
15
15
24
24
Logic Voltage Range
Vdc
2.5-10
2.5-10
10-18
10-18
15-30
15-30
Max. Logic Supply Current @ Nominal Vcc
mA
16
16
9
9
9
9
Nominal Input Resistance (Rx)
W
240
240
1800
1800
2700
2700
Minimum Drop Out Voltage
Vdc
1
1
1
1
1
1
Maximum Reverse Logic Voltage
Vdc
-5
-5
-5
-5
-5
-5
Type/Function
Grayhill Part Number
Standard and Miniature Modules
SPECIFICATIONS: By Part Number
G5 Modules
Grayhill Part Number
70G-OAC5
70G-OAC5A
70G-OAC15
70G-OAC24
70G-OAC24A
70G-OAC5-L
70G-OAC5A-L
70G-OAC15-L
70G-OAC15A-L
Nominal Line Voltage
Vac
120
240
120
240
120
240
Load Voltage Range
Vac
24-140
24-280
24-140
24-280
24-140
24-280
Minimum Peak Blocking Voltage
Volts
400
600
400
600
400
600
Maximum Off-state Leakage @ 60Hz
mA, rms
2
4
2
4
2
4
Nominal Logic Voltage (Vcc)
Vdc
5
5
15
15
24
24
Logic Voltage Range
Vdc
4-6
4-6
8-20
8-20
18-32
18-32
Max. Logic Supply Current @ Nominal Vcc
mA
20
20
12
12
8
8
Nominal Input Resistance (Rx)
W
100
100
1000
1000
2700
2700
Minimum Drop Out Voltage
Vdc
1
1
1
1
1
1
Maximum Reverse Logic Voltage
Vdc
-5
-5
-5
-5
-5
-5
OpenLine® Modules
Type/Function
Grayhill Part Number
Dual, Fusible, Normally Open, ZVT
70L-OAC
70L-OACA
Dual, Fusible, Normally Open, ZVT, Inductive Load
70L-OAC-L
70L-OACA-L
Specifications
Units
Nominal Line Voltage
Vac
120
240
Load Voltage Range
Vac
24-140
24-280
Minimum Peak Blocking Voltage
Volts
600
600
Maximum Off-State Leakage @ 60 Hz
mA, rms
2
4
Nominal Logic Voltage
Vdc
5
5
Logic Voltage Range
Vdc
4.5-28
4.5-28
Max. Logic Supply Current @ Nominal Vcc
mA
7/CH
7/CH
Module ID Resistance to Logic Ground
W
2.15K
2.15K
Minimum Drop Out Voltage
Vdc
1
1
Available from your local Grayhill Distributor.
For
prices and discounts, contact a local Sales Office,
an authorized local Distributor or Grayhill.
Type/Function
G5 Fusible, Normally Open, ZVT
G5 Fusible, Normally Open, ZVT, Inductive Load
Specifications
Units
I/O
7


Similar Part No. - 70M-OAC5A

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70M-OAC5A GRAYHILL-70M-OAC5A Datasheet
119Kb / 2P
   AC Output Modules
70M-OAC5A-11 GRAYHILL-70M-OAC5A-11 Datasheet
119Kb / 2P
   AC Output Modules
70M-OAC5A-L GRAYHILL-70M-OAC5A-L Datasheet
119Kb / 2P
   AC Output Modules
More results

Similar Description - 70M-OAC5A

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70L-ODC GRAYHILL-70L-ODC Datasheet
76Kb / 2P
   Transient Protection: Meets the requirements of IEEE 472
70L-IAC GRAYHILL-70L-IAC_10 Datasheet
85Kb / 2P
   Transient Protection: Meets the requirements of IEEE 472
logo
JIEJIE MICROELECTRONICS...
P0080SC JIEJIE-P0080SC Datasheet
240Kb / 5P
   Excellent capability of absorbing transient surge
P0300AMBS JIEJIE-P0300AMBS Datasheet
196Kb / 4P
   Excellent capability of absorbing transient surge
P0080SD JIEJIE-P0080SD Datasheet
235Kb / 5P
   Excellent capability of absorbing transient surge
CP4200SB JIEJIE-CP4200SB Datasheet
214Kb / 5P
   Excellent capability of absorbing transient surge
P0080SB JIEJIE-P0080SB Datasheet
241Kb / 5P
   Excellent capability of absorbing transient surge
logo
Shanghai Leiditech Elec...
LP1101SB LEIDITECH-LP1101SB Datasheet
463Kb / 4P
   Excellent capability of absorbing transient surge
LP1301SB LEIDITECH-LP1301SB Datasheet
497Kb / 4P
   Excellent capability of absorbing transient surge
logo
JIEJIE MICROELECTRONICS...
P0080SA JIEJIE-P0080SA Datasheet
228Kb / 5P
   Excellent capability of absorbing transient surge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com