Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70M-OAC5-L Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 70M-OAC5-L
Description  Transient Protection: Meets the requirements of IEEE 472, Surge Withstanding Capability Test
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

70M-OAC5-L Datasheet(HTML) 1 Page - Grayhill, Inc

  70M-OAC5-L Datasheet HTML 1Page - Grayhill, Inc 70M-OAC5-L Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
AC Output Modules
FEATURES
• Transient Protection: Meets the
requirements of IEEE 472, “Surge
Withstanding Capability Test”
• SPST, Normally Open
• Zero Crossing Turn-On
• UL, CSA, CE, TÜV Certified
• Optical Isolation
• OpenLine® and G5 Modules
Provide Replaceable 5x20 mm
Glass Fuses
• Built-in Status LED
• Lifetime Warranty
Maximum Current Versus
Ambient Temperature
The chart indicates continuous current to limit
the junction temperatures to 100°C. Information
is based on steady state heat transfer in a 2
cubic foot sealed enclosure.
Figure 1
DIMENSIONS
For complete dimensional drawings, see pages
L-4 or L-5.
FUSES
G5 Fuses are 5 Amp Littelfuse part number
217005 or equivalent. OpenLine® fuses are
3.15 Amp Littelfuse part number 2173.15.
CIRCUITRY
70L-OAC
70G-OAC
70-OAC
70M-OAC
4
3
2
1
-40˚
-20˚
0
20˚
40˚
60˚
80˚
100˚
AMBIENT TEMPERATURE (˚C)
STANDARD, G5 PACKAGES
MINIATURE PACKAGE
OPENLINE PACKAGE/CH
Package Style
Std (70-)
Mini (70M-)
G5 (70G-)
OL (70L-)
Specifications
Units
Load Current Range1
A rms
0.03 to 3.5
0.03 to 3.0
0.03 to 3.5
0.03 to 2.0/CH
Maximum 1 Cycle Surge2
A rms
80
80
80
30
Maximum Turn-On-Time (60 Hz)3
mSec
8.33
8.33
8.33
8.33
Maximum Turn-Off Time (60 Hz)
mSec
8.33
8.33
8.33
8.33
Static dv/dt7
V/µsec
3000
3000
3000
3000
Typ. Power Dissipation
W/A
1.0
1.0
1.0
1.0
Isolation Voltage4
V rms
4000
4000
4000
2500
Vibration5
MIL-STD-202
MIL-STD-202
MIL-STD-202
IEC68-2-6
Mechanical Shock6
MIL-STD-202
MIL-STD-202
MIL-STD-202
IEC68-2-27
Storage Temp. Range
°C
-40 to 125
-40 to 125
-40 to 125
-40 to 100
Operating Temp. Range
°C
-40 to 100
-40 to 100
-40 to 100
-40 to 85
Warranty
Lifetime
Lifetime
Lifetime
Lifetime
1 See Figure 1 for derating.
2 Maximum 10 cycle surge is 50% of 1 cycle surge. Application of maximum surge may not be repeated until module temperature has returned
to its steady state value.
3 Except 70-OAC5A5 which is 200 µSec and 70-OAC5A-11, 70M-OAC5A-11, and 70G-OAC5A-11 which are 100 µSec.
4 Field to logic and channel-to-channel if Grayhill racks are used.
5 MIL-STD-202, Method 204, 20 , 10-2000 Hz or IEC68-2-6, 0.15 mm/sec2, 10-150 Hz.
6 MIL-STD-202, Method 213, Condition F, 1500G or IEC68-2-27, 11 mS, 15g.
7 Except part numbers with -L suffix which have a dv/dt rating of 200 V/µSec.
SPECIFICATIONS: By Package Style
Standard, Mini, G5
OpenLine®
1
2
3
4
Rx
VAC
DC CONTROL
TRIGGER
CIRCUIT
SNUBBER
LOAD
LOAD
+
Fuse and status LED in G5 and OpenLine modules only.
TYPICAL WIRING FOR MODULE 0
5
11
22
6
7
2.15K
MODULE
OPTICAL
ISOLATION
OPTICAL
ISOLATION
SNUBBER
SNUBBER
CHANNEL A
CHANNEL B
B
A
RACK
OR
BASE
LOAD
LOAD
33
44
TERMINAL
BLOCK #
I/O MODULE
PIN #
GND
Vcc
CH. A CONTROL
CH. B CONTROL
MODULE ID
I/O
6


Similar Part No. - 70M-OAC5-L

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70M-OAC5-L GRAYHILL-70M-OAC5-L Datasheet
119Kb / 2P
   AC Output Modules
More results

Similar Description - 70M-OAC5-L

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70L-ODC GRAYHILL-70L-ODC Datasheet
76Kb / 2P
   Transient Protection: Meets the requirements of IEEE 472
70L-IAC GRAYHILL-70L-IAC_10 Datasheet
85Kb / 2P
   Transient Protection: Meets the requirements of IEEE 472
logo
JIEJIE MICROELECTRONICS...
P0080SC JIEJIE-P0080SC Datasheet
240Kb / 5P
   Excellent capability of absorbing transient surge
P0300AMBS JIEJIE-P0300AMBS Datasheet
196Kb / 4P
   Excellent capability of absorbing transient surge
P0080SD JIEJIE-P0080SD Datasheet
235Kb / 5P
   Excellent capability of absorbing transient surge
CP4200SB JIEJIE-CP4200SB Datasheet
214Kb / 5P
   Excellent capability of absorbing transient surge
P0080SB JIEJIE-P0080SB Datasheet
241Kb / 5P
   Excellent capability of absorbing transient surge
logo
Shanghai Leiditech Elec...
LP1101SB LEIDITECH-LP1101SB Datasheet
463Kb / 4P
   Excellent capability of absorbing transient surge
LP1301SB LEIDITECH-LP1301SB Datasheet
497Kb / 4P
   Excellent capability of absorbing transient surge
logo
JIEJIE MICROELECTRONICS...
P0080SA JIEJIE-P0080SA Datasheet
228Kb / 5P
   Excellent capability of absorbing transient surge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com