Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1043-DEMO Datasheet(PDF) 4 Page - Honeywell Accelerometers

Part # HMC1043-DEMO
Description  Three-Axis Magnetic Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

HMC1043-DEMO Datasheet(HTML) 4 Page - Honeywell Accelerometers

  HMC1043-DEMO Datasheet HTML 1Page - Honeywell Accelerometers HMC1043-DEMO Datasheet HTML 2Page - Honeywell Accelerometers HMC1043-DEMO Datasheet HTML 3Page - Honeywell Accelerometers HMC1043-DEMO Datasheet HTML 4Page - Honeywell Accelerometers HMC1043-DEMO Datasheet HTML 5Page - Honeywell Accelerometers HMC1043-DEMO Datasheet HTML 6Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HMC1043
4
www.honeywell.com
PACKAGE OUTLINE
PACKAGE DRAWING HMC1043 (16-PIN LPCC, dimensions in millimeters)
MOUNTING CONSIDERATIONS
The following is the recommend printed circuit board (PCB) footprint for the HMC1043.
Each of the sixteen pads on the HMC1043 is spaced on 0.5mm centers with 4 pads per side. Each pad is nominally
0.23mm by 0.40mm with a tin over copper finish. Recommended PCB lands for the HMC1043 are outsized to 0.28mm by
0.65mm for 0.025mm sides plus 0.05mm inside and 0.20mm outside areas. The extra area is for good reflow attachment
and enough pad contact exposure for test probing if necessary.
NOMINAL PAD SIZE 0.40 X 0.23 MM
NOMINAL LAND SIZE 0.65 X 0.28MM
0.20
0.05
NOMINAL PAD SIZE 0.40 X 0.23 MM
NOMINAL LAND SIZE 0.65 X 0.28MM
0.20
0.05
3.00
0.50
0.40
0.23 (16)
HMC1043 BOTTOM VIEW
3.00
0.50
0.40
0.23 (16)
HMC1043 BOTTOM VIEW


Similar Part No. - HMC1043-DEMO

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMC1043-TR HONEYWELL-HMC1043-TR Datasheet
353Kb / 6P
   3-Axis Magnetic Sensor
More results

Similar Description - HMC1043-DEMO

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMC2003 HONEYWELL-HMC2003 Datasheet
532Kb / 4P
   THREE-AXIS MAGNETIC SENSOR HYBRID
HMC1042L HONEYWELL-HMC1042L Datasheet
409Kb / 6P
   2-Axis Magnetic Sensor
HMC1023 HONEYWELL-HMC1023 Datasheet
465Kb / 7P
   3-AXIS MAGNETIC SENSOR
HMC1041Z HONEYWELL-HMC1041Z Datasheet
284Kb / 6P
   One-Axis Magnetic Sensor
HMC1043-TR HONEYWELL-HMC1043-TR Datasheet
353Kb / 6P
   3-Axis Magnetic Sensor
logo
List of Unclassifed Man...
HMC1052L ETC-HMC1052L Datasheet
151Kb / 1P
   2-AXIS MAGNETIC SENSOR
HMC1041Z ETC-HMC1041Z Datasheet
248Kb / 6P
   1-Axis Magnetic Sensor
logo
Honeywell Solid State E...
HMC1043 HONEYWELL-HMC1043 Datasheet
127Kb / 6P
   3-Axis Magnetic Sensor
logo
Honeywell Accelerometer...
HMC1042L-TR HONEYWELL-ACC-HMC1042L-TR Datasheet
414Kb / 6P
   2-Axis Magnetic Sensor
logo
Willow Technologies Ltd
CRM500-510 WILLOW-CRM500-510 Datasheet
621Kb / 2P
   3-Axis Magnetic Field Sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com