Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF4002 Datasheet(PDF) 1 Page - Dc Components

Part # UF4002
Description  TECHNICAL SPECIFICATIONS OF ULTRA FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

UF4002 Datasheet(HTML) 1 Page - Dc Components

  UF4002 Datasheet HTML 1Page - Dc Components UF4002 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ED@QRODP
/ Jel fel\g behh1 _`^_ \]]`Z`\dZn
/ Jel b\XaX^\
/ Jel ]eglXg[ kebiX^\
/ G`^_ Zjgg\di ZXfXY`b`in
/ G`^_ hf\\[ hl`iZ_`d^
/ G`^_ hjg^\ ZXfXY`b`in
/ G`^_ g\b`XY`b`in
KDBG@LHB@J C@Q@
/ BXh\> Keb[\[ fbXhi`Z
/ Dfemn> RJ =8S24 gXi\ ]bXc\ g\iXg[Xdi
/ J\X[> KHJ2PQC2646D1 K\i_e[ 64< ^jXgXdi\\[
/ NebXg`in> Bebeg YXd[ [\dei\h ZXi_e[\ \d[
/ Kejdi`d^ feh`i`ed> @dn
/ T\`^_i> 4379 ^gXc
K@UHKRK O@QHLFP @LC DJDBQOHB@J BG@O@BQDOHPQHBP
OXi`d^h Xi 69 eB XcY`\di i\cf\gXijg\ jdb\hh ei_\gl`h\ hf\Z`]`\[3
P`d^b\ f_Xh\1 _Xb] lXk\1 :4 Go1 g\h`hi`k\ eg `d[jZi`k\ beX[3
Eeg ZXfXZ`i`k\ beX[1 [\gXi\ Zjgg\di Yn 64,3
RE8445
QGOR
RE844;
CM285
LMQDP > 53 Q\hi Bed[`i`edh> HE ? 439@1 HO ? 534@1 HOO ? 4369@
63 K\Xhjg\[ Xi 5 KGW Xd[ Xffb`\[ g\k\gh\ kebiX^\ e] 834 kebih
KXm`cjc O\Zjgg\di N\Xa O\k\gh\ SebiX^\
KXm`cjc OKP SebiX^\
KXm`cjc CB AbeZa`d^ SebiX^\
KXm`cjc @k\gX^\ EeglXg[ O\Zi`]`\[ Bjgg\di
Xi Q@?94eB
N\Xa EeglXg[ Pjg^\ Bjgg\di <37 ch h`d^b\ _Xb] h`d\2lXk\
hjf\g`cfeh\[ ed gXi\[ beX[ -IDCDB K\i_e[.
PVKAMJ
SOOK
SCB
HM
HEPK
SOKP
@cfh
534
74
@cfh
RE8445
RE8446
RE8447
RE8448
RE8449
RE844:
RE844;
RLHQP
644
94
79
94
544
;4
544
584
644
400
280
400
600
420
600
800
560
800
1000
800
1000
Sebih
Sebih
Sebih
934
QDBGLHB@J PNDBHEHB@QHMLP ME RJQO@ E@PQ ODBQHEHDO
SMJQ@FD O@LFD 2 94 ie 5444 Sebih
BROODLQ 2 534 @cf\g\
ODBQHEHDO PNDBH@JHPQP
O
DC COMPONENTS CO., LTD.
Mf\gXi`d^ Xd[ PiegX^\ Q\cf\gXijg\ OXd^\
QI1QPQF
2:9ie0594
4B
Qnf`ZXb IjdZi`ed BXfXZ`iXdZ\ -Lei\ 6.
BI
59
fE
56
94
KXm`cjc O\k\gh\ O\Zek\gn Q`c\ -Lei\ 5.
;9
dP\Z
Xi OXi\[ CB AbeZa`d^ SebiX^\ Q@ ?69eB
KXm`cjc Ejbb JeX[ O\k\gh\ Bjgg\di
@k\gX^\1 Ejbb BnZb\ 37;9q-=39cc. b\X[ b\d^i_ Xi QJ ?99eB
SE
HO
544
j@cfh
KXm`cjc CB O\k\gh\ Bjgg\di
KXm`cjc HdhiXdiXd\ejh EeglXg[ SebiX^\ Xi 534@ CB
Sebih
534
53;
j@cfh
C`c\dh`edh `d `dZ_\h Xd[ -c`bb`c\i\gh.
igg
+*
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - UF4002

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF4002 WTE-UF4002 Datasheet
49Kb / 3P
   1.0A ULTRAFAST RECOVERY RECTIFIER
logo
Nanjing International G...
UF4002 DGNJDZ-UF4002 Datasheet
139Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
EIC discrete Semiconduc...
UF4002 EIC-UF4002 Datasheet
52Kb / 2P
   UTRAFAST EFFICIENT RECTIFIER DIODES
logo
Won-Top Electronics
UF4002 WTE-UF4002 Datasheet
56Kb / 4P
   1.0A ULTRAFAST DIODE
logo
DONGGUAN YOU FENG WEI E...
UF4002 YFWDIODE-UF4002 Datasheet
426Kb / 3P
   High Efficiency Silicon Rectifiers
More results

Similar Description - UF4002

ManufacturerPart #DatasheetDescription
logo
Dc Components
UF5400 DCCOM-UF5400 Datasheet
413Kb / 2P
   TECHNICAL SPECIFICATIONS OF ULTRA FAST RECTIFIER
UF1A DCCOM-UF1A Datasheet
530Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ULTRA FAST RECTIFIER
UF2A DCCOM-UF2A Datasheet
553Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ULTRA FAST RECTIFIER
US1A DCCOM-US1A Datasheet
395Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ULTRA FAST RECTIFIER
UF3A DCCOM-UF3A Datasheet
522Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ULTRA FAST RECTIFIER
RL101F DCCOM-RL101F Datasheet
457Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
BA157 DCCOM-BA157 Datasheet
459Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
FR301 DCCOM-FR301 Datasheet
445Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
SF161 DCCOM-SF161 Datasheet
535Kb / 2P
   TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
SF31 DCCOM-SF31 Datasheet
479Kb / 2P
   TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com