Selected language     English  Ôľ╝


H-5331 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. H-5331
Description  HP5 CYCL-FLEX┬« Reset Timer
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 2 page
background image
T
O
T
A
L
I
Z
I
N
G
E
L
E
C
T
R
I
C
T
I
M
E
R
S
6
DANAHER SENSORS & CONTROLS 6.09
OPERATION
Standard and Reverse Start
Instantaneous contacts 9-10-C and 6-7-8 operate directly with the
clutch offering different sequences of operation depending on the
control circuit configuration.
Delayed contacts 4-3 and 11-A close and contacts 4-5 and 11-12
open when timer reaches a timed out condition. Contacts 4-5 and
11-12 close and contacts 4-3 and 11-A open when timer is reset.
HP5
15
A6
01
Reverse Clutch Arrangement
Dial Lock
Revision for Mtg. to HN383 Explosion Proof
Cabinet. Add when purchased without
cabinet. DOES NOT have pilot light.
Water Resistant Window & Housing
Enclosed in HN383 Explosion Proof Cabinet
17
15
14
0
1
2
3
4
0-5 Sec.
0-10 Sec.
0-15 Sec.
0-30 Sec.
0-60 Sec.
0-150 Sec.
0-5 Min.
0-10 Min.
Sym.
Description
0-15 Min.
0-30 Min.
0-60 Min.
0-150 Min.
0-5 Hr.
0-10 Hr.
0-30 Hr.
0-60 Hr.
Sym.
Description
18
5
6
7
8
9
10
11
TIME RANGE
Description
01
07
19
22
92*
Sym.
FEATURES
*Laboratory Testing: UL Recognition E61735
CSA Certification LR45132-1
ORDERING INFORMATION
A6
B6
120V, 60 Hz
240V, 60 Hz
Sym.
Description
VOLTAGE &
FREQUENCY
3.062
(77.77)
4.125
(104.78)
5.750
(146.05)
1.625
(41.27)
3.812
(96.82)
4.250
(107.95)
DRILL AND TAP FOUR
HOLES FOR 8-32 SCREWS
(INCLUDED W/UNIT)
3.187 .062
(80.95 1.57)
DIA. CUTOUT
+
+
1.406
(35.71)
1.406
(35.71)
1.406
(35.71)
1.406
(35.71)
MTG. HOLE
USED FOR
GROUNDING
CASE
MOUNTING
Model No.
NEMA Class
Description
HN308
1
Surface Mtg. with terminal block
HN364
1
Surface Mtg. without terminal block
HN368
!A
Dual unit cabinet with 9 position
terminal block, timer housings, and
DPST toggle switch
HN370
1A
Dual unit cabinet less unit cases and
toggle switch, with 9 terminal block
ENCLOSURES
Model No.
Description
H-5331
Mounting Brackets 2 req'd per timer
HP50-31
One Hole Mounting Ring
HP50-103
120 VAC, 50/60 Hz Repeat Cycle Kit
Not applicable with Feature 19
HP50-131
CYCL-FLEX® Water-Sealed Housing
HP50-133
Surface Mounting Adapter to use in place of brackets
HP50-295
Dial Lock
ACCESSORIES
Schematic Diagram
2
3
1
4
5
6
9
8
7
11
10
12
A
C
M




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved┬ę Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl