Selected language     English  ▼


H-5331 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. H-5331
Description  HP5 CYCL-FLEX® Reset Timer
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
EAGLE SIGNAL brand
Electric Timers
E
L
E
C
T
R
I
C
T
I
M
E
R
S
6
DANAHER SENSORS & CONTROLS
6.08
The HP5 CYCL-FLEX® series timer is a high quality, synchronous motor
driven reset timer housed in the standard CYCL-FLEX® plug-in housing.
s
16 standard time ranges from 5 seconds to 60 hours
s
Knob adjustable time ranges - progress pointer for each
s
Highly visible, calibrated dials (7.85 inch circumference)
s
Easily read and well-spaced calibrations
s
Red progress pointer displays remaining time interval
s
Pilot light indicates when timer motor is energized
s
Standard timers supplied with "power on" clutch operation
s
Optional reverse action clutch will not reset on power failure
s
15 terminal ABS (UL rated 94V-0) molded housing has high impact
resistance and will not support combustion
HP5 CYCL-FLEX® Reset Timer
Time Ranges Cont.:
Reset Time: 1/2 second at max. setting
Voltage/Frequency: 120V (+10, -15%), 60 Hz
240V (+10, -15%), 60 Hz
Burden: Motor: 2.45 VA, 120 VAC
Clutch: 10.5 VA
Output Rating: 10 amps, resistive, 120 VAC
5 amps, resistive, 240 VAC
Electrical Lifetime: Contingent on load characteristics. Average contact
life at full load is 250,000 operations. At 1 amp load, switch life increases
to 5 million cycles. Inrush current should not exceed 10 amps.
Power On Response: 28 ms average pull-in
17 ms average drop-out
Temperature Range: 0˚ to 140˚F (-18˚ to +60˚C)
Vibration: Unaffected by 2.5G sinusoidal vibration magnitudes in both
directions of three perpendicular mounting axes imposed from 10 to
900 Hz
Approximate Weight: 2 lb. 14 oz.
Agency Approvals: UL Recognition E61735
UL Recognition 71726 (Feature 92 only)
CSA Certification LR26861
CSA Certification (Feature 92 only)
FM Approval 15030
RoHS
OPERATION
Application of power to terminals 1, 2, and 11 energizes the clutch coil,
closes contacts 9-10 and 6-8, and starts the timing period. At time out,
contacts 4-3 close, 11-12 open, and the motor stops. The timer will
remain in this condition until power is removed from the clutch coil.
Contacts 6-7-8 and 9-10-C are instantaneous contacts and operate with
the application of power to the clutch coil. Contacts 3-4-5 and 11-12-A
operate at time out with contacts 3-4-5 operating prior to contacts
11-12-A.
SPECIFICATIONS
Time Ranges:
17
15
14
0
1
2
3
4
Sym.
5 Sec.
10 Sec.
15 Sec.
30 Sec.
60 Sec.
150 Sec.
5 Min.
10 Min.
Dial
Minimum
Setting
1/6 Sec.
1/3 Sec.
1/2 Sec.
1 Sec.
2 Sec.
4.5 Sec.
9 Sec.
20 Sec.
Dial
Divisions
.05 Sec.
1/6 Sec.
1/4 Sec.
1/2 Sec.
1 Sec.
2 Sec.
3 Sec.
10 Sec.
Repeat
Accuracy
±.05 Sec.
±.05 Sec.
±.08 Sec.
±.15 Sec.
±.3 Sec.
±.75 Sec.
±1.5 Sec.
±3 Sec.
18
5
6
7
8
9
10
11
Sym.
15 Min.
30 Min.
60 Min.
150 Min.
5 Hr.
10 Hr.
30 Hr.
60 Hr.
Dial
Minimum
Setting
30 Sec.
1 Min.
2 Min.
4.5 Min.
9 Min.
20 Min.
1 Hr.
2 Hr.
Dial
Divisions
15 Sec.
1/2 Min.
1 Min.
2 Min.
3 Min.
10 Min.
1/2 Hr.
1 Hr.
Repeat
Accuracy
±4.5 Sec.
±9 Sec.
±18 Sec.
±45 Sec.
±1.5 Min.
±3 Min.
±9 Min.
±18 Min.
CERTIFIED
RECOGNIZED
®
®
FM
APPROVED
The high quality timer
that has become an
industry standard...
knob setpoint, cycle
progress pointer, pilot
light, and patented
plug-in housing
Also see Series HP5E
in Section 5 for Solid-
State Model




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl