Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HP50-133 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HP50-133
Description  HP5 CYCL-FLEX짰 Reset Timer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HP50-133 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HP50-133 Datasheet HTML 1Page - List of Unclassifed Manufacturers HP50-133 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T
O
T
A
L
I
Z
I
N
G
E
L
E
C
T
R
I
C
T
I
M
E
R
S
6
DANAHER SENSORS & CONTROLS 6.09
OPERATION
Standard and Reverse Start
Instantaneous contacts 9-10-C and 6-7-8 operate directly with the
clutch offering different sequences of operation depending on the
control circuit configuration.
Delayed contacts 4-3 and 11-A close and contacts 4-5 and 11-12
open when timer reaches a timed out condition. Contacts 4-5 and
11-12 close and contacts 4-3 and 11-A open when timer is reset.
HP5
15
A6
01
Reverse Clutch Arrangement
Dial Lock
Revision for Mtg. to HN383 Explosion Proof
Cabinet. Add when purchased without
cabinet. DOES NOT have pilot light.
Water Resistant Window & Housing
Enclosed in HN383 Explosion Proof Cabinet
17
15
14
0
1
2
3
4
0-5 Sec.
0-10 Sec.
0-15 Sec.
0-30 Sec.
0-60 Sec.
0-150 Sec.
0-5 Min.
0-10 Min.
Sym.
Description
0-15 Min.
0-30 Min.
0-60 Min.
0-150 Min.
0-5 Hr.
0-10 Hr.
0-30 Hr.
0-60 Hr.
Sym.
Description
18
5
6
7
8
9
10
11
TIME RANGE
Description
01
07
19
22
92*
Sym.
FEATURES
*Laboratory Testing: UL Recognition E61735
CSA Certification LR45132-1
ORDERING INFORMATION
A6
B6
120V, 60 Hz
240V, 60 Hz
Sym.
Description
VOLTAGE &
FREQUENCY
3.062
(77.77)
4.125
(104.78)
5.750
(146.05)
1.625
(41.27)
3.812
(96.82)
4.250
(107.95)
DRILL AND TAP FOUR
HOLES FOR 8-32 SCREWS
(INCLUDED W/UNIT)
3.187 .062
(80.95 1.57)
DIA. CUTOUT
+
+
1.406
(35.71)
1.406
(35.71)
1.406
(35.71)
1.406
(35.71)
MTG. HOLE
USED FOR
GROUNDING
CASE
MOUNTING
Model No.
NEMA Class
Description
HN308
1
Surface Mtg. with terminal block
HN364
1
Surface Mtg. without terminal block
HN368
!A
Dual unit cabinet with 9 position
terminal block, timer housings, and
DPST toggle switch
HN370
1A
Dual unit cabinet less unit cases and
toggle switch, with 9 terminal block
ENCLOSURES
Model No.
Description
H-5331
Mounting Brackets 2 req'd per timer
HP50-31
One Hole Mounting Ring
HP50-103
120 VAC, 50/60 Hz Repeat Cycle Kit
Not applicable with Feature 19
HP50-131
CYCL-FLEX® Water-Sealed Housing
HP50-133
Surface Mounting Adapter to use in place of brackets
HP50-295
Dial Lock
ACCESSORIES
Schematic Diagram
2
3
1
4
5
6
9
8
7
11
10
12
A
C
M


Similar Part No. - HP50-133

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HP50-24 ETC2-HP50-24 Datasheet
29Kb / 1P
   Wire SPT1 2 and 3 conductor 105C, 300 volts
More results

Similar Description - HP50-133

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43USB320A ATMEL-AT43USB320A Datasheet
36Kb / 2P
   Missed Watchdog Timer Reset
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800_16 Datasheet
399Kb / 10P
   Reset Timer with Delay Time
APE6800 A-POWER-APE6800 Datasheet
386Kb / 10P
   Reset Timer with Delay Time
logo
Fairchild Semiconductor
FT10001 FAIRCHILD-FT10001 Datasheet
1Mb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7511 ONSEMI-FT7511 Datasheet
692Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
July 2012 Rev. 1.0.0
logo
Fairchild Semiconductor
FT7511 FAIRCHILD-FT7511 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
FT3001 FAIRCHILD-FT3001 Datasheet
673Kb / 10P
   Reset Timer with Configurable Delay
logo
ON Semiconductor
FT3001 ONSEMI-FT3001 Datasheet
483Kb / 12P
   Reset Timer with Configurable Delay
October 2012 Rev. 1.0.4
logo
Fairchild Semiconductor
FT7521 FAIRCHILD-FT7521 Datasheet
1Mb / 9P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT10001 ONSEMI-FT10001 Datasheet
667Kb / 13P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com