Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN364 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HN364
Description  HP5 CYCL-FLEX짰 Reset Timer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HN364 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HN364 Datasheet HTML 1Page - List of Unclassifed Manufacturers HN364 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EAGLE SIGNAL brand
Electric Timers
E
L
E
C
T
R
I
C
T
I
M
E
R
S
6
DANAHER SENSORS & CONTROLS
6.08
The HP5 CYCL-FLEX® series timer is a high quality, synchronous motor
driven reset timer housed in the standard CYCL-FLEX® plug-in housing.
s
16 standard time ranges from 5 seconds to 60 hours
s
Knob adjustable time ranges - progress pointer for each
s
Highly visible, calibrated dials (7.85 inch circumference)
s
Easily read and well-spaced calibrations
s
Red progress pointer displays remaining time interval
s
Pilot light indicates when timer motor is energized
s
Standard timers supplied with "power on" clutch operation
s
Optional reverse action clutch will not reset on power failure
s
15 terminal ABS (UL rated 94V-0) molded housing has high impact
resistance and will not support combustion
HP5 CYCL-FLEX® Reset Timer
Time Ranges Cont.:
Reset Time: 1/2 second at max. setting
Voltage/Frequency: 120V (+10, -15%), 60 Hz
240V (+10, -15%), 60 Hz
Burden: Motor: 2.45 VA, 120 VAC
Clutch: 10.5 VA
Output Rating: 10 amps, resistive, 120 VAC
5 amps, resistive, 240 VAC
Electrical Lifetime: Contingent on load characteristics. Average contact
life at full load is 250,000 operations. At 1 amp load, switch life increases
to 5 million cycles. Inrush current should not exceed 10 amps.
Power On Response: 28 ms average pull-in
17 ms average drop-out
Temperature Range: 0˚ to 140˚F (-18˚ to +60˚C)
Vibration: Unaffected by 2.5G sinusoidal vibration magnitudes in both
directions of three perpendicular mounting axes imposed from 10 to
900 Hz
Approximate Weight: 2 lb. 14 oz.
Agency Approvals: UL Recognition E61735
UL Recognition 71726 (Feature 92 only)
CSA Certification LR26861
CSA Certification (Feature 92 only)
FM Approval 15030
RoHS
OPERATION
Application of power to terminals 1, 2, and 11 energizes the clutch coil,
closes contacts 9-10 and 6-8, and starts the timing period. At time out,
contacts 4-3 close, 11-12 open, and the motor stops. The timer will
remain in this condition until power is removed from the clutch coil.
Contacts 6-7-8 and 9-10-C are instantaneous contacts and operate with
the application of power to the clutch coil. Contacts 3-4-5 and 11-12-A
operate at time out with contacts 3-4-5 operating prior to contacts
11-12-A.
SPECIFICATIONS
Time Ranges:
17
15
14
0
1
2
3
4
Sym.
5 Sec.
10 Sec.
15 Sec.
30 Sec.
60 Sec.
150 Sec.
5 Min.
10 Min.
Dial
Minimum
Setting
1/6 Sec.
1/3 Sec.
1/2 Sec.
1 Sec.
2 Sec.
4.5 Sec.
9 Sec.
20 Sec.
Dial
Divisions
.05 Sec.
1/6 Sec.
1/4 Sec.
1/2 Sec.
1 Sec.
2 Sec.
3 Sec.
10 Sec.
Repeat
Accuracy
±.05 Sec.
±.05 Sec.
±.08 Sec.
±.15 Sec.
±.3 Sec.
±.75 Sec.
±1.5 Sec.
±3 Sec.
18
5
6
7
8
9
10
11
Sym.
15 Min.
30 Min.
60 Min.
150 Min.
5 Hr.
10 Hr.
30 Hr.
60 Hr.
Dial
Minimum
Setting
30 Sec.
1 Min.
2 Min.
4.5 Min.
9 Min.
20 Min.
1 Hr.
2 Hr.
Dial
Divisions
15 Sec.
1/2 Min.
1 Min.
2 Min.
3 Min.
10 Min.
1/2 Hr.
1 Hr.
Repeat
Accuracy
±4.5 Sec.
±9 Sec.
±18 Sec.
±45 Sec.
±1.5 Min.
±3 Min.
±9 Min.
±18 Min.
CERTIFIED
RECOGNIZED
®
®
FM
APPROVED
The high quality timer
that has become an
industry standard...
knob setpoint, cycle
progress pointer, pilot
light, and patented
plug-in housing
Also see Series HP5E
in Section 5 for Solid-
State Model


Similar Part No. - HN364

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
HN327 SEMTECH-HN327 Datasheet
424Kb / 5P
   PNP Silicon Epitaxial Planar Transistor for switching and amplifier applications?
HN328 SEMTECH-HN328 Datasheet
424Kb / 5P
   PNP Silicon Epitaxial Planar Transistor for switching and amplifier applications?
HN337 SEMTECH-HN337 Datasheet
343Kb / 5P
   NPN Silicon Epitaxial Planar Transistor for switching and amplifier applications???
HN338 SEMTECH-HN338 Datasheet
343Kb / 5P
   NPN Silicon Epitaxial Planar Transistor for switching and amplifier applications???
HN3903 SEMTECH-HN3903 Datasheet
166Kb / 3P
   NPN Silicon Expitaxial Planar Transistor for switching and amplifier applications
More results

Similar Description - HN364

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43USB320A ATMEL-AT43USB320A Datasheet
36Kb / 2P
   Missed Watchdog Timer Reset
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800_16 Datasheet
399Kb / 10P
   Reset Timer with Delay Time
APE6800 A-POWER-APE6800 Datasheet
386Kb / 10P
   Reset Timer with Delay Time
logo
Fairchild Semiconductor
FT10001 FAIRCHILD-FT10001 Datasheet
1Mb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7511 ONSEMI-FT7511 Datasheet
692Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
July 2012 Rev. 1.0.0
logo
Fairchild Semiconductor
FT7511 FAIRCHILD-FT7511 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
FT3001 FAIRCHILD-FT3001 Datasheet
673Kb / 10P
   Reset Timer with Configurable Delay
logo
ON Semiconductor
FT3001 ONSEMI-FT3001 Datasheet
483Kb / 12P
   Reset Timer with Configurable Delay
October 2012 Rev. 1.0.4
logo
Fairchild Semiconductor
FT7521 FAIRCHILD-FT7521 Datasheet
1Mb / 9P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT10001 ONSEMI-FT10001 Datasheet
667Kb / 13P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com