Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82-650-10 Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 82-650-10
Description  Long, Stroke, Wiping Contact Lightable Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

82-650-10 Datasheet(HTML) 1 Page - Grayhill, Inc

  82-650-10 Datasheet HTML 1Page - Grayhill, Inc 82-650-10 Datasheet HTML 2Page - Grayhill, Inc 82-650-10 Datasheet HTML 3Page - Grayhill, Inc 82-650-10 Datasheet HTML 4Page - Grayhill, Inc 82-650-10 Datasheet HTML 5Page - Grayhill, Inc 82-650-10 Datasheet HTML 6Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Modular Keyboards
SERIES 82
Lightable
FEATURES
11/16" Between Button
Centers
• Long, Stroke, Wiping Contact
• Lightable Modules
• Choice of 5 Circuitries with
Unlighted Modules
• User Legendable
LIGHTABLE MODULES
Light Source and Lamp Mounting
Each lightable button fits over a T-1 size LED
or incandescent lamp mounted to PC board
(see Figure 2-2a). The height of the lamp
should not exceed .250" (6,35 mm) from the
surface of the board. (Note: Grayhill does not
manufacture or sell LED's or incandescent
lamps).
For easy light replacement, mount the lamp or
LED through the back or solder side of the
board (see Figure 2). This method of mounting
allows you to replace light source without
removing the keyboard module. The other
method of light mounting (Figure 2a) requires
MOUNTING
Build a custom keyboard with identical button
distances no matter how you stack them.
Designed to plug into any printed circuit board
from 1/16" to 1/8" thick, modules stack in any
configuration, maintaining 11/16" button centers.
For Lightable Modules which will be continuously
lit, mixing vertically mounted modules with
Figure 1 Panel Mount Cutout Diagram
Lightable Modules
Unlighted Modules
horizontally
mounted
modules
is
not
recommended; the orientation of the rectangular,
lighted area will differ. See drawings.
See Figure 1 Panel Cutout diagram for 6 button
module mounting dimensions. Refer to drawings
for other module dimensions.
desoldering the keyboard module then
desoldering the lamp when it's necessary to
replace the light source.
The chart below lists ratings for a size T-1
incandescent lamp. To extend the life of the
lamp, use an alternating current and reduced
voltage. The chart also lists maximum
temperatures the module can withstand. For
higher temperatures, Grayhill offers modules
made of special plastics, polyester switch
housing and polycarbonate internal button. All
measurements were determined under
laboratory conditions. (Mounted model
continuously lit in temperature controlled oven
with continuously circulating air for 24 hours.)
Maximum
Max, Temp.
Intensity and
Service
Allowable
for Modules
Lamp
Mean Spherical
Life
Current
Ambient
With Special
Number*
Candle Power
Volts
in Hours Per Lamp
Temperature
Plastics
715
Bright .15 MSCP
5 V
40,000
115 mA
130°F
200°F
680
Moderate .03 MSCP 5 V
100,000
60 mA
150°F
220°F
*Lamps not available from Grayhill.
Incandescent Lamp–Size T-1
Figure 2a
Mounted from
component side
Figure 2
Easy replacement
mounting
.250
(6,35)
MAX.
.170 (4,32)
.531
(13,49)
SQ.
.687 (17,45)
.687 (17,45)
.343
(8,71)
.687
(17,45)
C
L
C
L
Keypads
40


Similar Part No. - 82-650-10

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
82-6517 AMPHENOL-82-6517 Datasheet
137Kb / 1P
   N JACK STR IP-67 FOR LMR-400 CABLE
82-6553 AMPHENOL-82-6553 Datasheet
146Kb / 1P
   N STR PLUG IP-67 FOR LMR-400 CABLE
logo
EAO AG.
82-6571.1000 EAO-82-6571.1000 Datasheet
423Kb / 2P
   Pushbutton 22 mm Aluminium
05.09.2022
More results

Similar Description - 82-650-10

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
10-10 GRAYHILL-10-10 Datasheet
63Kb / 1P
   Wiping Contact Pushbutton Switches
logo
Omron Electronics LLC
B3AL OMRON-B3AL Datasheet
326Kb / 4P
   Long Stroke Tactile Switch
B3AL1000P OMRON-B3AL1000P Datasheet
285Kb / 3P
   Long-stroke Tactile Switch (SMT)
logo
Grayhill, Inc
46-101RED GRAYHILL-46-101RED Datasheet
132Kb / 3P
   Long Wipe Contact Assures High Reliability
70L-IDC5S GRAYHILL-70L-IDC5S Datasheet
116Kb / 2P
   Contact Closure DC Input Modules
logo
Crydom Inc.,
X4ODC5R5 CRYDOM-X4ODC5R5 Datasheet
150Kb / 2P
   Dry Contact DC Output Modules
logo
PHOENIX CONTACT
1942785 PHOENIX-1942785 Datasheet
123Kb / 4P
   Defined contact force ensures that contact remains stable over the long term
logo
Grayhill, Inc
70M-ODC5R GRAYHILL-70M-ODC5R Datasheet
113Kb / 2P
   Dry Contact and Mechanical Relay Output Modules
logo
Festo Corporation.
ADVC-10-5-A-P FESTO-ADVC-10-5-A-P Datasheet
90Kb / 1P
   Short-stroke cylinder
ADVC-20-5-I-P FESTO-ADVC-20-5-I-P Datasheet
86Kb / 1P
   Short-stroke cylinder
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com