Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82-350-12 Datasheet(PDF) 6 Page - Grayhill, Inc

Part # 82-350-12
Description  Long, Stroke, Wiping Contact Lightable Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

82-350-12 Datasheet(HTML) 6 Page - Grayhill, Inc

  82-350-12 Datasheet HTML 1Page - Grayhill, Inc 82-350-12 Datasheet HTML 2Page - Grayhill, Inc 82-350-12 Datasheet HTML 3Page - Grayhill, Inc 82-350-12 Datasheet HTML 4Page - Grayhill, Inc 82-350-12 Datasheet HTML 5Page - Grayhill, Inc 82-350-12 Datasheet HTML 6Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Modular Keyboards
ORDERING INFORMATION: STANDARD MODULES
Type of Module
Description
Part No.
6 Buttons, SPST
82-601-85
6 Buttons, 2PST
82-601-86
6 Buttons, 3PST
82-601-87
6 Buttons, 4PST
82-601-88
6 Buttons, SPST
82-601-89
6 Buttons, 2PST
82-601-90
6 Buttons, 3PST
82-601-91
6 Buttons, 4PST
82-601-92
1 Button, SPST
82-101-71
1 Button, 4PST
82-101-74
2 Buttons, SPST
82-201-41
2 Buttons, 4PST
82-201-44
3 Buttons, SPST
82-301-61
3 Buttons, 4PST
82-301-64
6 Buttons, SPST
82-601-81
6 Buttons, 4PST
82-601-84
1 Button, SPST
82-150-17
1 Button, 2PST
82-150-15
3 Buttons, SPST
82-350-10
3 Buttons, 2PST
82-350-8
6 Buttons, SPST
82-650-10
6 Buttons, 2PST
82-650-8
1 Button, SPST
82-150-38
1 Button, 2PST
82-150-16
3 Buttons, SPST
82-350-12
3 Buttons, 2PST
82-350-9
6 Buttons, SPST
82-650-19
6 Buttons, 2PST
82-650-9
1 Button, SPST
82-150-211
1 Button, 2PST
82-150-213
3 Buttons, SPST
82-350-41
3 Buttons, 2PST
82-350-43
6 Buttons, SPST
82-650-71
6 Buttons, 2PST
82-650-73
White: For Unlighted Gray
82AC2017-1
Black: For Lightable Gray
82AC2050-1
Deadfront: For Lightable Black
82AC2060
Top Half of Telephone
Legend (Molded-in)
Bottom of Telephone
Legend (Molded-in)
Unlighted Gray Modules
For Legend Inserts
Lightable Gray Modules
Non-Legend
Lightable Gray Modules
For Legend Inserts
Lightable Black Modules
For Legend Inserts
Legend Sheets
Available from your local Grayhill Distributor. For prices and discounts, contact a local Sales
Office, an authorized local Distributor or Grayhill.
ORDERING INFORMATION:
Special Legends
To order non-standard modules, information is
required for the areas listed below.
Your special order will be assigned a part number
for future identification. This number is
sequentially assigned and is non-descriptive.
1. Type of Module. Unlighted: 1-, 2-, 3-, or 6-
button. Lightable: 1-, 3-, or 6-button.
2. Mounting Orientation. Horizontal or
vertical.
3. Circuitry. Requirements for each button must
be listed by its reference letter designation.
For example: Button A = SPST, Button B =
4PST, Button C = 3PST, etc. For coded or
other available circuitry patterns a descriptive
diagram is required for each button.
4. Button Type (Legend). Grayhill offers four
legend types: molded-in; top surface printed;
sub-surface printed; and insertable. Unlighted
modules are available in all types. Lightable
modules are available in all types but molded-
in legends.
5. Button Color. Standard color for molded-in
legend modules is gray button with white
legend. Special button colors available are
white with black legends, red, green or black
buttons with white legends. Additional custom
colors are available by special order.
Lightable gray modules have a standard
translucent white button with black legend.
Special button color includes translucent red,
amber, yellow, blue and green. Lightable
black modules have a special opaque black
button; discuss special colors with Grayhill.
Colors can be intermixed, ie. buttons A-E
gray; and F, white.
6. Housing Color. Base in black. Upper
housing is black for lightable legends and
gray for all other module styles. Other stock
colors available include white, beige and
brown.
7. Legends. List legend requirement for each
button (Button A legend, "10", is type style
4GH088. Button B, "ON", is type style
1GH125, etc.). For legend information, see
page D-37.
Price: Contact Grayhill
Keypads
45


Similar Part No. - 82-350-12

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
82-3207 TEC-82-3207 Datasheet
574Kb / 12P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results

Similar Description - 82-350-12

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
10-10 GRAYHILL-10-10 Datasheet
63Kb / 1P
   Wiping Contact Pushbutton Switches
logo
Omron Electronics LLC
B3AL OMRON-B3AL Datasheet
326Kb / 4P
   Long Stroke Tactile Switch
B3AL1000P OMRON-B3AL1000P Datasheet
285Kb / 3P
   Long-stroke Tactile Switch (SMT)
logo
Grayhill, Inc
46-101RED GRAYHILL-46-101RED Datasheet
132Kb / 3P
   Long Wipe Contact Assures High Reliability
70L-IDC5S GRAYHILL-70L-IDC5S Datasheet
116Kb / 2P
   Contact Closure DC Input Modules
logo
Crydom Inc.,
X4ODC5R5 CRYDOM-X4ODC5R5 Datasheet
150Kb / 2P
   Dry Contact DC Output Modules
logo
PHOENIX CONTACT
1942785 PHOENIX-1942785 Datasheet
123Kb / 4P
   Defined contact force ensures that contact remains stable over the long term
logo
Grayhill, Inc
70M-ODC5R GRAYHILL-70M-ODC5R Datasheet
113Kb / 2P
   Dry Contact and Mechanical Relay Output Modules
logo
Festo Corporation.
ADVC-10-5-A-P FESTO-ADVC-10-5-A-P Datasheet
90Kb / 1P
   Short-stroke cylinder
ADVC-20-5-I-P FESTO-ADVC-20-5-I-P Datasheet
86Kb / 1P
   Short-stroke cylinder
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com