Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSR312L Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # HSR312L
Description  Photovoltaic Solid-State Relay Optocouplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HSR312L Datasheet(HTML) 4 Page - Fairchild Semiconductor

  HSR312L Datasheet HTML 1Page - Fairchild Semiconductor HSR312L Datasheet HTML 2Page - Fairchild Semiconductor HSR312L Datasheet HTML 3Page - Fairchild Semiconductor HSR312L Datasheet HTML 4Page - Fairchild Semiconductor HSR312L Datasheet HTML 5Page - Fairchild Semiconductor HSR312L Datasheet HTML 6Page - Fairchild Semiconductor HSR312L Datasheet HTML 7Page - Fairchild Semiconductor HSR312L Datasheet HTML 8Page - Fairchild Semiconductor HSR312L Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HSR312, HSR312L, HSR412, HSR412L Rev. 1.1.3
4
Typical Performance Curves
Figure 1. Forward Current vs. Forward Voltage
Figure 3. Normalized on Resistance vs. Ambient Temperature
Figure 2. Normalized on Resistance vs. Ambient Temperature
Figure 4. Load Current vs. Voltage Drop
Figure 5. Load Current vs. Voltage Drop
FORWARD VOLTAGE, VF (V)
1.0
1.1
1.2
1.3
1.4
1.5
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
85
°C
25
°C
-40
°C
AMBIENT TEMPERATURE, TA (°C)
AMBIENT TEMPERATURE, TA (°C)
-40
-20
0
20
40
60
80
100
0
1
2
HSR312
HSR312L
Series Connection
5mA Control
I
D = 10mA
Normalized at 25
°C
-40
-20
0
20
40
60
80
100
0
1
2
HSR412
Series Connection
5mA Control
= 10mA
Normalized at 25
°C
HSR412L
VOLTAGE DROP, VDD (V)
-3
-2
-1
0
1
2
3
VOLTAGE DROP, VDD (V)
-250
-200
-150
-100
-50
0
50
100
150
200
250
HSR312
HSR312L
HSR412
HSR412L
I
D
Series Connection
5mA Control
@25
°C, pulsed
-4
-2
0
2
4
-200
-100
0
100
200
Series Connection
5mA Control
@25
°C, pulsed
Figure 6. Maximum Load Current Vs Ambient Temperature
AMBIENT TEMPERATURE, T
A (°C)
020
40
6080
182
184
186
188
190
192
194
196
198
200
202
Vdd = 4V
IF = 2mA
IF = 5mA
Series Connection
HSR312


Similar Part No. - HSR312L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HSR312L FAIRCHILD-HSR312L Datasheet
371Kb / 8P
   PHOTOVOLTAIC SOLID-STATE RELAY OPTOCOUPLERS
HSR312L FAIRCHILD-HSR312L Datasheet
507Kb / 10P
   Photovoltaic Solid-State Relay Optocouplers
HSR312L FAIRCHILD-HSR312L Datasheet
262Kb / 10P
   Photovoltaic Solid-State Relay Optocouplers
More results

Similar Description - HSR312L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HSR312 FAIRCHILD-HSR312 Datasheet
371Kb / 8P
   PHOTOVOLTAIC SOLID-STATE RELAY OPTOCOUPLERS
HSR412LSR2 FAIRCHILD-HSR412LSR2 Datasheet
262Kb / 10P
   Photovoltaic Solid-State Relay Optocouplers
HSR312 FAIRCHILD-HSR312_06 Datasheet
507Kb / 10P
   Photovoltaic Solid-State Relay Optocouplers
logo
Vishay Siliconix
VO1263AAC VISHAY-VO1263AAC_V01 Datasheet
172Kb / 8P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
01-Jan-2022
LH1262 VISHAY-LH1262 Datasheet
158Kb / 6P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
Rev. 1.5, 31-Jan-2019
LH1262CB VISHAY-LH1262CB_V01 Datasheet
157Kb / 6P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
01-Jan-2022
LH1262CAC VISHAY-LH1262CAC_V01 Datasheet
157Kb / 6P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
01-Jan-2022
VO1263AAC VISHAY-VO1263AAC Datasheet
135Kb / 7P
   Dual Photovoltaic MOSFET Driver Solid State Relay
Rev. 1.6, 07-May-08
LH1262CAC VISHAY-LH1262CAC_11 Datasheet
139Kb / 6P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
Rev. 1.4, 26-Sep-11
VO1263AAC VISHAY-VO1263AAC_13 Datasheet
150Kb / 6P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
Rev. 1.8, 29-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com