Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HZU12B3TRF-E Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HZU12B3TRF-E
Description  Old Company Name in Catalogs and Other Documents
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZU12B3TRF-E Datasheet(HTML) 5 Page - Renesas Technology Corp

  HZU12B3TRF-E Datasheet HTML 1Page - Renesas Technology Corp HZU12B3TRF-E Datasheet HTML 2Page - Renesas Technology Corp HZU12B3TRF-E Datasheet HTML 3Page - Renesas Technology Corp HZU12B3TRF-E Datasheet HTML 4Page - Renesas Technology Corp HZU12B3TRF-E Datasheet HTML 5Page - Renesas Technology Corp HZU12B3TRF-E Datasheet HTML 6Page - Renesas Technology Corp HZU12B3TRF-E Datasheet HTML 7Page - Renesas Technology Corp HZU12B3TRF-E Datasheet HTML 8Page - Renesas Technology Corp HZU12B3TRF-E Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HZU Series
Rev.9.00 Jul 06, 2006 page 3 of 7
Zener Voltage
Reverse Current
Dynamic Resistance
VZ (V)*
1
Test
Condition
IR (
µA)
Test
Condition
rd (
Ω)
Test
Condition
Type
Grade
Min
Max
IZ (mA)
Max
VR (V)
Max
IZ (mA)
B
5.86
6.53
B1
5.86
6.12
B2
6.06
6.33
HZU6.2
B3
6.26
6.53
5
2
3.0
50
5
B
6.47
7.14
B1
6.47
6.73
B2
6.65
6.93
HZU6.8
B3
6.86
7.14
5
2
3.5
30
5
B
7.06
7.84
B1
7.06
7.36
B2
7.28
7.60
HZU7.5
B3
7.52
7.84
5
2
4.0
30
5
B
7.76
8.64
B1
7.76
8.10
B2
8.02
8.36
HZU8.2
B3
8.28
8.64
5
2
5.0
30
5
B
8.56
9.55
B1
8.56
8.93
B2
8.85
9.23
HZU9.1
B3
9.15
9.55
5
2
6.0
30
5
B
9.45
10.55
B1
9.45
9.87
B2
9.77
10.21
HZU10
B3
10.11
10.55
5
2
7.0
30
5
B
10.44
11.56
B1
10.44
10.88
B2
10.76
11.22
HZU11
B3
11.10
11.56
5
2
8.0
30
5
B
11.42
12.60
B1
11.42
11.90
B2
11.74
12.24
HZU12
B3
12.08
12.60
5
2
9.0
35
5
B
12.47
13.96
B1
12.47
13.03
B2
12.91
13.49
HZU13
B3
13.37
13.96
5
2
10.0
35
5
B
13.84
15.52
B1
13.84
14.46
B2
14.34
14.98
HZU15
B3
14.85
15.52
5
2
11.0
40
5
B
15.37
17.09
B1
15.37
16.01
B2
15.58
16.51
HZU16
B3
16.35
17.09
5
2
12.0
40
5
B
16.94
19.03
B1
16.94
17.70
B2
17.56
18.35
HZU18
B3
18.21
19.03
5
2
13.0
45
5
Note:
1. Tested with pulse (PW = 40 ms)


Similar Part No. - HZU12B3TRF-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZU12B3 RENESAS-HZU12B3 Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
HZU12B3L RENESAS-HZU12B3L Datasheet
77Kb / 6P
   Silicon Planar Zener Diode for Low Noise Application
More results

Similar Description - HZU12B3TRF-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74LS14P-E RENESAS-74LS14P-E Datasheet
129Kb / 9P
   Old Company Name in Catalogs and Other Documents
2SB1114 RENESAS-2SB1114 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1115A RENESAS-2SB1115A Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB736 RENESAS-2SB736 Datasheet
312Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SC1622A RENESAS-2SC1622A Datasheet
363Kb / 6P
   Old Company Name in Catalogs and Other Documents
UPA1914 RENESAS-UPA1914 Datasheet
201Kb / 10P
   Old Company Name in Catalogs and Other Documents
2SD1007 RENESAS-2SD1007 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1301 RENESAS-2SB1301 Datasheet
224Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SD1699 RENESAS-2SD1699 Datasheet
322Kb / 6P
   Old Company Name in Catalogs and Other Documents
HD64F3642AHV RENESAS-HD64F3642AHV Datasheet
3Mb / 551P
   Old Company Name in Catalogs and Other Documents
UPA1774G-E1-A RENESAS-UPA1774G-E1-A Datasheet
305Kb / 10P
   Old Company Name in Catalogs and Other Documents
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com