Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

96AB2-102-RS-EL Datasheet(PDF) 4 Page - Grayhill, Inc

Part # 96AB2-102-RS-EL
Description  Conductive Rubber
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

96AB2-102-RS-EL Datasheet(HTML) 4 Page - Grayhill, Inc

  96AB2-102-RS-EL Datasheet HTML 1Page - Grayhill, Inc 96AB2-102-RS-EL Datasheet HTML 2Page - Grayhill, Inc 96AB2-102-RS-EL Datasheet HTML 3Page - Grayhill, Inc 96AB2-102-RS-EL Datasheet HTML 4Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Standard Keypads
ORDERING INFORMATION
Grayhill Series Number
Keyboard Size: A = 3x4, B = 4x4
Circuitry: B2 = Matrix (terminal pin header)
96AB2-102-FS-EL
E.L. Panel Backlighting Option
EL = Backlit, Blank = Non-backlit
EMI/RFI Shielding Option
S = Shielded, Blank = Non-shielded
Mounting Option: F = Front panel mount, R = Rear panel mount
Standard Legend Choices
12 Position legends
102 = Black legends on a white button
152 = White legends on a black button
16 Position legends
006 = Black legends on a white button
056 = White legends on a black button
Available from your local Grayhill Distributor.
For prices and discounts, contact a local Sales
Office, an authorized local Distributor or Grayhill.
SPECIFICATIONS
Rating Criteria
Rating at 12 Vdc: 5 milliamps for .5 seconds
Contact Bounce: < 12 milliseconds
Contact Resistance: < 300 milliohms max.
Voltage Breakdown: 250 Vac between
components
Mechanical Operation Life: 1,000,000
operations per key
Insulation Resistance: > 1012 ohms @ 500 Vdc
Push Out Force Per Pin: 5 lbs.
Operating Features
Travel: .040 minimum
Operating Force: 175 ± 40 grams
Operating Temperature: -30°C to +80°C
Material and Finishes
Terminal Pin: Phosphor bronze
PC Board: FR-4 glass cloth epoxy
Keypad: Silicone rubber, durometer 50 ± 5
Housing: ABS, cycolac FR15
Housing Color: Black
Shielding Effectiveness
Results shown are typical for a standard Grayhill
Series 84S keyboard. A conductive gasket will
generally increase the shielding, depending on
the size and shape of the gasket and its material.
Data derived for E-Field Radiation.
Test Method:
Measurements were made with the keyboard
mounted to a brass plate, which in turn was
mounted to a shielded enclosure containing the
receiving equipment. A signal generator provided
the frequency source that was radiated from the
transmitting antenna to the enclosed receiving
antenna. The spacing between antennas was
maintained constant throughout the frequency
range. The effectiveness rating is determined
by establishing a reference reading without
obstruction between the two antennas and
determining the difference between that reading
and the test setup reading.
Note:
When measured in actual equipment, shielding
effectiveness is determined by many factors.
This method accurately represents the shielding
effectiveness of the Grayhill Series 84S under
Ideal test conditions.
Frequency
Rating
M Hz
in dB
0.1
66.2
10
94.8
100
90.5
400
64.2
800
42.3
2,000
40.5
6,000
33.1
10,000
34.4
18,000
37.0
STANDARD LEGENDS
-102
-006
-152
-056
Available through Grayhill Distributors
To order one of the configurations below, use the dash number shown here; select the keypad
size and code, and order the part number with the appropriate legend dash number.
1
4
7
2
5
8
0
3
6
9
A
B
C
D
OPER
0
1
2
ABC
3
DEF
4
GHI
5
JKL
6
MNO
7
PRS
WXY
9
8
TUV
1
4
7
2
5
8
0
3
6
9
A
B
C
D
OPER
0
1
2
ABC
3
DEF
4
GHI
5
JKL
6
MNO
7
PRS
WXY
9
8
TUV
100
80
60
40
20
0
SHIELDING EFFECTIVENESS OF
SERIES 96 E.L. KEYPADS
dB
0.1
10
100
400
800
2000
6000 10000 18000
MHz
Representsshielding effectiveness
greater than or equal to line.
Keypads
6


Similar Part No. - 96AB2-102-RS-EL

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
96AB2-102F GRAYHILL-96AB2-102F Datasheet
691Kb / 4P
   Conductive Rubber
96AB2-102FEL GRAYHILL-96AB2-102FEL Datasheet
691Kb / 4P
   Conductive Rubber
96AB2-102FS GRAYHILL-96AB2-102FS Datasheet
691Kb / 4P
   Conductive Rubber
96AB2-102FSEL GRAYHILL-96AB2-102FSEL Datasheet
691Kb / 4P
   Conductive Rubber
96AB2-102R GRAYHILL-96AB2-102R Datasheet
691Kb / 4P
   Conductive Rubber
More results

Similar Description - 96AB2-102-RS-EL

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
96 GRAYHILL-96 Datasheet
691Kb / 4P
   Conductive Rubber
logo
Amphenol Corporation
P-MUSB-2E151-0X5BP AMPHENOL-P-MUSB-2E151-0X5BP Datasheet
48Kb / 1P
   RUBBER: SILICONE RUBBER
logo
General Cable Technolog...
C3605A GENERAL-C3605A Datasheet
73Kb / 1P
   5C 20 26/34 TC RUBBER RUBBER MULTI-CONDUCTOR, RUBBER
C3602A GENERAL-C3602A Datasheet
72Kb / 1P
   2C 20 26/34 TC RUBBER RUBBER MULTI-CONDUCTOR, RUBBER
C3604A GENERAL-C3604A Datasheet
73Kb / 1P
   4C 20 26/34 TC RUBBER RUBBER MULTI-CONDUCTOR, RUBBER
C3606A GENERAL-C3606A Datasheet
72Kb / 1P
   6C 20 26/34 TC RUBBER RUBBER MULTI-CONDUCTOR, RUBBER
C3607A GENERAL-C3607A Datasheet
73Kb / 1P
   7C 20 26/34 TC RUBBER RUBBER MULTI-CONDUCTOR, RUBBER
C3608A GENERAL-C3608A Datasheet
73Kb / 1P
   8C 20 26/34 TC RUBBER RUBBER MULTI-CONDUCTOR, RUBBER
C3603A GENERAL-C3603A Datasheet
72Kb / 1P
   3C 20 26/34 TC RUBBER RUBBER MULTI-CONDUCTOR, RUBBER
C3610A GENERAL-C3610A Datasheet
73Kb / 1P
   10C 20 26/34 TC RUBBER RUBBER MULTI-CONDUCTOR, RUBBER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com