Electronic Components Datasheet Search |
|
HZU3.0 Datasheet(PDF) 7 Page - Renesas Technology Corp |
|
HZU3.0 Datasheet(HTML) 7 Page - Renesas Technology Corp |
7 / 10 page HZU Series Rev.9.00 Jul 06, 2006 page 5 of 7 Mark Code Type Grade Mark No. Type Grade Mark No. Type Grade Mark No. HZU2.0 B 2 ⋅ 0 B1 6 ⋅ 2 B1 1 3 ⋅ HZU2.2 B 2 ⋅ 2 B2 6 ⋅ 2 B2 1 3 ⋅ HZU2.4 B 2 ⋅ 4 HZU6.2 B3 6 ⋅ 2 HZU13 B3 1 3 ⋅ B1 2 ⋅ 7 B1 6 ⋅ 8 B1 1 5 ⋅ HZU2.7 B2 2 ⋅ 7 B2 6 ⋅ 8 B2 1 5 ⋅ B1 3 ⋅ 0 HZU6.8 B3 6 ⋅ 8 HZU15 B3 1 5 ⋅ HZU3.0 B2 3 ⋅ 0 B1 7 ⋅ 5 B1 1 6 ⋅ B1 3 ⋅ 3 B2 7 ⋅ 5 B2 1 6 ⋅ HZU3.3 B2 3 ⋅ 3 HZU7.5 B3 7 ⋅ 5 HZU16 B3 1 6 ⋅ B1 3 ⋅ 6 B1 8 ⋅ 2 B1 1 8 ⋅ HZU3.6 B2 3 ⋅ 6 B2 8 ⋅ 2 B2 1 8 ⋅ B1 3 ⋅ 9 HZU8.2 B3 8 ⋅ 2 HZU18 B3 1 8 ⋅ HZU3.9 B2 3 ⋅ 9 B1 9 ⋅ 1 B1 2 0 ⋅ B1 4 ⋅ 3 B2 9 ⋅ 1 B2 2 0 ⋅ B2 4 ⋅ 3 HZU9.1 B3 9 ⋅ 1 HZU20 B3 2 0 ⋅ HZU4.3 B3 4 ⋅ 3 B1 1 0 ⋅ B1 2 2 ⋅ B1 4 ⋅ 7 B2 1 0 ⋅ B2 2 2 ⋅ B2 4 ⋅ 7 HZU10 B3 1 0 ⋅ HZU22 B3 2 2 ⋅ HZU4.7 B3 4 ⋅ 7 B1 1 1 ⋅ B1 2 4 ⋅ B1 5 ⋅ 1 B2 1 1 ⋅ B2 2 4 ⋅ B2 5 ⋅ 1 HZU11 B3 1 1 ⋅ HZU24 B3 2 4 ⋅ HZU5.1 B3 5 ⋅ 1 B1 1 2 ⋅ HZU27 B 2 7 ⋅ B1 5 ⋅ 6 B2 1 2 ⋅ HZU30 B 3 0 ⋅ B2 5 ⋅ 6 HZU12 B3 1 2 ⋅ HZU33 B 3 3 ⋅ HZU5.6 B3 5 ⋅ 6 HZU36 B 3 6 ⋅ Notes: 1. Example of Marking (1) One grade type (B) (2) Two grade type (B1,B2) Upper (3) Three grade type (B1,B2,B3) 30 • 3•0 HZU30B HZU3.0B1 3 •0 HZU3.0B2 4•3 HZU4.3B1 4•3 HZU4.3B3 4 •3 HZU4.3B2 2 •0 HZU2.0B Center Lower 2. The grade B type includes from B1 min. to B3 (or B2) max. 3. B grade is standard and has better delivery, these are marked one of B1, B2, B3. 4. Type No. is as follows; HZU2.0B, HZU2.2B, ••• HZU36B. (B grade) 5. Type No. is as follows; HZU2.7B1, HZU2.7B2, ••• HZU24B3. (B 1, B2, B3 grade) |
Similar Part No. - HZU3.0 |
|
Similar Description - HZU3.0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |