Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GKG20067 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GKG20067
Description  CERAMIC DIELECTRIC TRIMMER CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GKG20067 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button GKG20067 Datasheet HTML 2Page - List of Unclassifed Manufacturers GKG20067 Datasheet HTML 3Page - List of Unclassifed Manufacturers GKG20067 Datasheet HTML 4Page - List of Unclassifed Manufacturers GKG20067 Datasheet HTML 5Page - List of Unclassifed Manufacturers GKG20067 Datasheet HTML 6Page - List of Unclassifed Manufacturers GKG20067 Datasheet HTML 7Page - List of Unclassifed Manufacturers GKG20067 Datasheet HTML 8Page - List of Unclassifed Manufacturers GKG20067 Datasheet HTML 9Page - List of Unclassifed Manufacturers GKG20067 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 • TEL: 516-334-8700 • FAX: 516-334-8771 • E-MAIL: info@ spraguegoodman.com
CERAMIC DIELECTRIC TRIMMER CAPACITORS
SG-305J
0.02
0.5
SLOTS
DP min
0.02
0.5
x
0.0 98 ± 0.01
2.5 ± 0.3
DIA
0.14 ± 0.008
3.5 ± 0.2
MAX CAP
INDIC ATION
0.25
6.3
max
0.21 ± 0.12
5.3 ± 0.5
0.12 ± 0.02
3.0 ± 0.5
0.25
6.3
max
0.02
0.5
0.051
1.3
DIA
(2 HOLES)
0.20
5.0
Mounting Hole Layout
ROTOR
0.008 ± 0.002
0.2 ± 0.05
STATOR
0.26 ± 0.02
6.6 ± 0.5
0.079 ± 0.008
2.0 ± 0.2
0.039
1.0
TYP
FEATURES
• Low cost due to automated production and sol-
derless touch contact construction.
• Wide selection of capacitance ranges.
• Color coded housings.
• Double plastic housing provides improved protec-
tion against dust & contamination.
• Rugged construction (working parts supported by
metal structure, not just plastic).
• Easy blind tuning (2 slots at 90° angle in adjust
cavity — accepts cross-slotted tool).
• Visual indication of maximum capacitance setting.
• Membrane seal on adjust screw access face
(optional) provides protection against contami-
nants (flux, solvents, etc.) during production.
Top Mount
Top Mount
Capacitance (pF)
Spring Lead Model No. Straight Lead Model No.
min
max
TCC (ppm / °C)
Q min (10 MHz)
Color Code
Unsealed
Sealed
Unsealed
Sealed
2.8
10.0
0 ± 250
300
White
GKG10011 GKG10051 GKG10012 GKG10052
4.0
20.0
N600 ± 300
300
Red
GKG20011 GKG20051 GKG20012 GKG20052
5.5
30.0
N750 ± 300
200
Green
GKG30011 GKG30051 GKG30012 GKG30052
6.5
40.0
N750 ± 400
200
Yellow
GKG40011 GKG40051 GKG40012 GKG40052
8.0
50.0
N1200 ± 600
200
Orange
GKG50011 GKG50051 GKG50012 GKG50052
10.5
60.0
N1200 ± 600
200 (1 MHz)
Brown
GKG60011 GKG60051 GKG60012 GKG60052
12.0
70.0
N1500 ± 600
200 (1 MHz)
Grey
GKG70011 GKG70051 GKG70012 GKG70052
20.0
90.0
N2200 ± 600
200 (1 MHz)
Black
GKG90011 GKG90051 GKG90012 GKG90052
All dimensions are in / mm.
Unless otherwise specified, the tolerance on dimensions is ± 0.004 / 0.1; except slot tolerance is ± 0.008 / 0.2.
6 mm Models
SPECIFICATIONS
Operating Temperature Range: –25°C to +85°C
Voltage Rating: 100 VDC
Dielectric Withstanding Voltage: 220 VDC
Insulation Resistance: 104 Megohms min
Torque: 20 to 200 g-cm (0.28 to 2.77 oz-in)
PLASTIC ENCASED TYPE: 6 mm
Available With or Without Membrane Adjust Cavity Seal
0.02
0.5
SLOTS
DP min
0.02
0.5
x
0.0 98 ± 0.01
2.5 ± 0.3
DIA
0.079 ± 0.008
2.0 ± 0.2
MAX C AP
INDIC ATION
STATOR
0.20 ± 0.02
5.2 ± 0.4
TYP
ROTOR
0.008 ± 0.002
0.2 ± 0.05
0.25
6.3
max
0.02
0.5
0.14 ± 0.008
3.5 ± 0.2
0.21 ± 0.02
5.3 ± 0.5
0.13 ± 0.02
3.4 ± 0.5
0.039
1.0
Mounting Hole Layout
0.20
5.0
0.047
1.2
DIA (2 HOLES)
0.25
6.3
max
CONSTRUCTION DETAILS OF 6 mm GKG MODELS
GKG _ _ _ 12, 52
CAGE RING WITH
SPRING FINGERS
METAL ROTOR
METALIZED
CERAMIC STA-
TOR
MOLDED PLASTIC
INNER HOUSING
SUB-ASSEMBLY
STATOR TERMINAL
AND CONTACT
ROTOR TERMINAL
AND CAGE
PLASTIC OUTER
HOUSING
CAGED
SUB-ASSEMBLY
COMPLETED
ASSEMBLY
GKG _ _ _ 11, 51


Similar Description - GKG20067

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG-500D ETC2-SG-500D Datasheet
104Kb / 4P
   MICA DIELECTRIC COMPRESSION TRIMMER CAPACITORS
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
   Ceramic Trimmer Capacitors
logo
Murata Manufacturing Co...
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2R200AC01R00 MURATA-TZY2R200AC01R00 Datasheet
639Kb / 32P
   Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZB4Z250AB10R00 MURATA-TZB4Z250AB10R00 Datasheet
626Kb / 46P
   Ceramic Trimmer Capacitors
TZ03R121F169B00 MURATA-TZ03R121F169B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
SG-660B ETC2-SG-660B Datasheet
125Kb / 4P
   AIRTRIM AIR DIELECTRIC MULTITURN TRIMMER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com