Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

527R-01LFT Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 527R-01LFT
Description  CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

527R-01LFT Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 527R-01LFT Datasheet HTML 2Page - Integrated Device Technology 527R-01LFT Datasheet HTML 3Page - Integrated Device Technology 527R-01LFT Datasheet HTML 4Page - Integrated Device Technology 527R-01LFT Datasheet HTML 5Page - Integrated Device Technology 527R-01LFT Datasheet HTML 6Page - Integrated Device Technology 527R-01LFT Datasheet HTML 7Page - Integrated Device Technology 527R-01LFT Datasheet HTML 8Page - Integrated Device Technology 527R-01LFT Datasheet HTML 9Page - Integrated Device Technology 527R-01LFT Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ICS527-01
CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
ZDB AND MULTIPLIER/DIVIDER
IDT™ / ICS™ CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER 6
ICS527-01
REV G 051310
Using the equation for selecting dividers gives:
If FDW = 0, then RDW = 8. This gives the required divide-by-5 function. Setting pin DIV2 = 1 gives both a
25 MHz and a 50 MHz output from the ICS527-01. The FBIN pin is connected to the QA7 output of the
MK74CB218. This aligns all the outputs of the MK74CB218 with the 25 MHz input since the ICS527-01
aligns rising edges on the ICLK and FBIN pins. The propagation delay of the buffer is compensated by the
PLL.
In this example, series termination resistors have been omitted for clarity but should be used on all clock
outputs.
PCB Layout Recommendations
For optimum device performance and lowest output
phase noise, the following guidelines should be
observed.
1) Each 0.01µF decoupling capacitor should be
mounted on the component side of the board as close
to the VDD pin as possible. No via’s should be used
125 MHz,
ICLK
25 MHz,
QA0-7
50 MHz,
QB0-7
F6
ICLK
F5
F4
GND
F3
OECLK2
2XDRIVE
F0
F1
F2
CLK1
CLK2
GND
S1
VDD
R0
VDD
DIV2
S0
R2
R1
R5
R6
R4
R3
FBIN
PDTS
0.01 F
125 MHz
25 MHz
0.01 F
VDD
QB5
QA3
QB6
QB7
VDD
GND
QA5
QA6
QA7
OE
QB3
QB4
GND
VDD
VDD
VDD
VDD
QA1
QA2
QB1
QB2
INA
QA0
INB
QB0
QA4
GND
GND
0.01 F
0.01 F
The layout design above produces the waveforms shown below.
Note: Series terminating resistors are not shown.
0.01 F
(FDW + 2)
(RDW + 2)
25 MHz = 125 MHz x


Similar Part No. - 527R-01LFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
527R-01LFT RENESAS-527R-01LFT Datasheet
280Kb / 12P
   CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
051310
More results

Similar Description - 527R-01LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS527-01 ICST-ICS527-01 Datasheet
113Kb / 8P
   Clock Slicer??User Configurable Zero Delay Buffer
logo
Renesas Technology Corp
ICS527-01 RENESAS-ICS527-01 Datasheet
280Kb / 12P
   CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
051310
logo
Integrated Circuit Syst...
ICS527-02 ICST-ICS527-02 Datasheet
162Kb / 8P
   Clock Slicer User Configurable PECL Input Zero Delay Buffer
ICS527-04 ICST-ICS527-04 Datasheet
170Kb / 9P
   Clock Slicer User Configurable PECL input Zero Delay Buffer
logo
Renesas Technology Corp
ICS527-02 RENESAS-ICS527-02 Datasheet
374Kb / 11P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZERO DELAY BUFFER
051310
logo
Integrated Circuit Syst...
ICS527-03 ICST-ICS527-03 Datasheet
166Kb / 8P
   Clock Slicer User Configurable PECL Output Zero Delay Buffer
logo
Renesas Technology Corp
ICS527-03 RENESAS-ICS527-03 Datasheet
365Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB
051310
ICS527-04 RENESAS-ICS527-04 Datasheet
379Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
051310
logo
Pericom Semiconductor C...
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
   Zero-Delay Clock Buffer
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
   Zero-Delay Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com