Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

527R-01ILF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 527R-01ILF
Description  CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

527R-01ILF Datasheet(HTML) 4 Page - Integrated Device Technology

  527R-01ILF Datasheet HTML 1Page - Integrated Device Technology 527R-01ILF Datasheet HTML 2Page - Integrated Device Technology 527R-01ILF Datasheet HTML 3Page - Integrated Device Technology 527R-01ILF Datasheet HTML 4Page - Integrated Device Technology 527R-01ILF Datasheet HTML 5Page - Integrated Device Technology 527R-01ILF Datasheet HTML 6Page - Integrated Device Technology 527R-01ILF Datasheet HTML 7Page - Integrated Device Technology 527R-01ILF Datasheet HTML 8Page - Integrated Device Technology 527R-01ILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ICS527-01
CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
ZDB AND MULTIPLIER/DIVIDER
IDT™ / ICS™ CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER 4
ICS527-01
REV G 051310
because of internal pull-ups) during Printed Circuit
Board layout, so the ICS527-01 automatically produces
the correct clock when all components are soldered. It
is also possible to connect the inputs to parallel I/O
ports in order to switch frequencies.
The output of the ICS527-01 can be determined by the
following simple equation:
Where:
Reference Divider Word (RDW) = 0 to 127
Feedback Divider Word (FDW) = 0 to 127
FB Frequency is the same as either CLK1 or
CLK2 depending on feedback connection
Also, the following operating ranges should be
observed:
S1 and S0 should be set for the frequency of CLK1,
according to the Frequency Range Table on page 2.
The device can be operated below the lower limits
stated in table 2, however, jitter and skew may be
higher. Therefore, if your expected output frequency
covers more than one frequency range, use the
setting for the highest frequency expected.
The dividers are expressed as integers. For example, if
a 50 MHz output on CLK1 is desired from a 40 MHz
input, the reference divider word (RDW) should be 2
and the feedback divider word (FDW) should be 3 which
gives the required 5/4 multiplication. Then R6:R0 is
0000010, F6:F0 is 0000011 and S1:S0 is 00. Also, this
example assumes CLK1 is connected to FBIN.S1:S0 is
set by referring to the Frequency Range Table. The
setting for 50 MHz is 00.
For assistance with configuring the device, please send
a description of your requirements using the “Technical
Support” link at www.idt.com.
FB Frequency
Input Frequency
FDW
2
+
RDW
2
+
------------------------
×
=
300kHz
Input Frequency
RDW
2
+
-------------------------------------------
<


Similar Part No. - 527R-01ILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
527R-01ILF RENESAS-527R-01ILF Datasheet
280Kb / 12P
   CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
051310
527R-01ILFT RENESAS-527R-01ILFT Datasheet
280Kb / 12P
   CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
051310
More results

Similar Description - 527R-01ILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS527-01 ICST-ICS527-01 Datasheet
113Kb / 8P
   Clock Slicer??User Configurable Zero Delay Buffer
logo
Renesas Technology Corp
ICS527-01 RENESAS-ICS527-01 Datasheet
280Kb / 12P
   CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
051310
logo
Integrated Circuit Syst...
ICS527-02 ICST-ICS527-02 Datasheet
162Kb / 8P
   Clock Slicer User Configurable PECL Input Zero Delay Buffer
ICS527-04 ICST-ICS527-04 Datasheet
170Kb / 9P
   Clock Slicer User Configurable PECL input Zero Delay Buffer
logo
Renesas Technology Corp
ICS527-02 RENESAS-ICS527-02 Datasheet
374Kb / 11P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZERO DELAY BUFFER
051310
logo
Integrated Circuit Syst...
ICS527-03 ICST-ICS527-03 Datasheet
166Kb / 8P
   Clock Slicer User Configurable PECL Output Zero Delay Buffer
logo
Renesas Technology Corp
ICS527-03 RENESAS-ICS527-03 Datasheet
365Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB
051310
ICS527-04 RENESAS-ICS527-04 Datasheet
379Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
051310
logo
Pericom Semiconductor C...
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
   Zero-Delay Clock Buffer
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
   Zero-Delay Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com