Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

527R-01ILFT Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 527R-01ILFT
Description  CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

527R-01ILFT Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 527R-01ILFT Datasheet HTML 3Page - Integrated Device Technology 527R-01ILFT Datasheet HTML 4Page - Integrated Device Technology 527R-01ILFT Datasheet HTML 5Page - Integrated Device Technology 527R-01ILFT Datasheet HTML 6Page - Integrated Device Technology 527R-01ILFT Datasheet HTML 7Page - Integrated Device Technology 527R-01ILFT Datasheet HTML 8Page - Integrated Device Technology 527R-01ILFT Datasheet HTML 9Page - Integrated Device Technology 527R-01ILFT Datasheet HTML 10Page - Integrated Device Technology 527R-01ILFT Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ICS527-01
CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
ZDB AND MULTIPLIER/DIVIDER
IDT™ / ICS™ CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER 9
ICS527-01
REV G 051310
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±10%, Ambient Temperature -40 to +85
° C
Note 1: Assumes clocks with same rise time, measured from rising edges at VDD/2.
External Components
The ICS527-01 requires two 0.01 µF decoupling capacitors to be connected between VDD and GND, one
on each side of the chip. They must be connected close to the device to minimize lead inductance. No
external power supply filtering is required for this device. A 33
Ω series terminating resistor should be used
on the CLK1 and CLK2 output pins.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
FIN
0.6
200
MHz
Output Frequency, CLK1
FOUT
0 to +70
° C4
160
MHz
-40 to +85
° C4
140
MHz
CLK1 Frequency for Correct
SYNC Operation
66
MHz
Output Rise Time
tOR
0.8 to 2.0 V
1
ns
Output Fall Time
tOF
2.0 to 0.8 V
1
ns
Output Clock Duty Cycle
tOD
Measured at VDD/2,
CL=15 pF
45
50
55
%
Power Down Time, PDTS low to
clocks tri-stated
50
ns
Power Up Time, PDTS high to
clocks stable
10
ms
Absolute Clock Period Jitter
tja
Deviation from mean
± 90
ps
One sigma Clock Period Jitter
tjs
40
ps
Skew of Output Clocks
tIO
CLK1 to CLK2, Note 1
-250
250
ps
Input Capacitance
CIN
4pF
Input to Output Skew
tIO
ICLK to FBIN, Note 1
-250
250
ps
Device to Device Skew
tpi
Common ICLK, at FBIN
0
500
ps


Similar Part No. - 527R-01ILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
527R-01ILFT RENESAS-527R-01ILFT Datasheet
280Kb / 12P
   CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
051310
More results

Similar Description - 527R-01ILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS527-01 ICST-ICS527-01 Datasheet
113Kb / 8P
   Clock Slicer??User Configurable Zero Delay Buffer
logo
Renesas Technology Corp
ICS527-01 RENESAS-ICS527-01 Datasheet
280Kb / 12P
   CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
051310
logo
Integrated Circuit Syst...
ICS527-02 ICST-ICS527-02 Datasheet
162Kb / 8P
   Clock Slicer User Configurable PECL Input Zero Delay Buffer
ICS527-04 ICST-ICS527-04 Datasheet
170Kb / 9P
   Clock Slicer User Configurable PECL input Zero Delay Buffer
logo
Renesas Technology Corp
ICS527-02 RENESAS-ICS527-02 Datasheet
374Kb / 11P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZERO DELAY BUFFER
051310
logo
Integrated Circuit Syst...
ICS527-03 ICST-ICS527-03 Datasheet
166Kb / 8P
   Clock Slicer User Configurable PECL Output Zero Delay Buffer
logo
Renesas Technology Corp
ICS527-03 RENESAS-ICS527-03 Datasheet
365Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB
051310
ICS527-04 RENESAS-ICS527-04 Datasheet
379Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
051310
logo
Pericom Semiconductor C...
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
   Zero-Delay Clock Buffer
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
   Zero-Delay Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com