Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMI-1324-TW-3V-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # SMI-1324-TW-3V-R
Description  THIS PART IS RoHS 2002/95/EC COMPLIANT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

SMI-1324-TW-3V-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  SMI-1324-TW-3V-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Indicator
SMI-1324-TW-3V-R
J.D.
B.R.
R.W.
6/1/2010
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
9/18/2006
Date
9/18/2006
Date
9/18/2006
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
SMI-1324-TW-3V-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
10/18/2006
A
REVISED DRAWING TO SHOW POSITIVE MARK
10/26/2006
R.W.
B
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
6/1/2010
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED VOLTAGE
3Vdc
OPERATING VOLTAGE RANGE
2 ~ 5
Vdc
RATED CURRENT (MAX)
30
mA
MINIMUM SPL @ 10 CM
75
dBA
RESONANT FREQUENCY
2,400 ± 400
Hz
TONE OR PULSE RATE
CONTINUOUS
0 pulse/sec
OPERATING TEMPERATURE
-20 ~ +70
°C
STORAGE TEMPERATURE
-30 ~ +80
°C
HOUSING MATERIAL
PPS
-
TERMINAL MATERIAL
Sn PLATED BRASS
-
WEIGHT
2
grams
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
12.8
`0.3
12.8
`0.3
9.8
`0.3
6.5
3
`0.3
2
`0.3
0.5
`0.1
3.5
0.6
R0.7 (3)
EPOXY
REMOVABLE
WASH TAB
n2.2 SOUND
EMISSION HOLE


Similar Part No. - SMI-1324-TW-3V-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
SMI-1324-TW-3V-R PUIAUDIO-SMI-1324-TW-3V-R Datasheet
158Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - SMI-1324-TW-3V-R

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B400006 E-SWITCH-B400006 Datasheet
121Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
B400012 E-SWITCH-B400012 Datasheet
80Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
B400014 E-SWITCH-B400014 Datasheet
193Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
B400005 E-SWITCH-B400005 Datasheet
108Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
B400008 E-SWITCH-B400008 Datasheet
105Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
B400009 E-SWITCH-B400009 Datasheet
106Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
B400007 E-SWITCH-B400007 Datasheet
66Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
B400010 E-SWITCH-B400010 Datasheet
106Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
B400015 E-SWITCH-B400015 Datasheet
102Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
B400011 E-SWITCH-B400011 Datasheet
136Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com