Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10A07 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 10A07
Description  10A RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

10A07 Datasheet(HTML) 2 Page - Diodes Incorporated

  10A07 Datasheet HTML 1Page - Diodes Incorporated 10A07 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS28010 Rev. B-2
2 of 2
10A01-10A07
2.0
4.0
6.0
8.0
0
0
TA, AMBIENT TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
12
10
50
100
150
200
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
0.1
1.0
10
100
0
0.4
0.8
1.2
1.6
Pulse Width = 300 ms
2% Duty Cycle
T = 25ºC
j
10
100
1000
1
10
100
V , REVERSE VOLTAGE (V)
Fig.4 Typical Junction Capacitance
R
1.0
T = 25°C
f = 1MHz
j
10A01 - 10A04
10A05 - 10A07
0
200
400
600
800
1000
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method


Similar Part No. - 10A07

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
10A07 MCC-10A07 Datasheet
88Kb / 2P
   10 Amp Rectifier 50 to 1000 Volts
logo
Diodes Incorporated
10A07 DIODES-10A07 Datasheet
67Kb / 3P
   10A RECTIFIER
DS28010 Rev. 4 - 2
logo
Taiwan Semiconductor Co...
10A07 TSC-10A07 Datasheet
60Kb / 2P
   10.0 AMPS. Silicon Rectifiers
logo
Shanghai Lunsure Electr...
10A07 CHENYI-10A07 Datasheet
51Kb / 2P
   10Amp Rectifier 50to1000Volts
logo
EIC discrete Semiconduc...
10A07 EIC-10A07 Datasheet
40Kb / 2P
   SILICON RECTIFIER DIODES
More results

Similar Description - 10A07

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
10A01 DIODES-10A01_1 Datasheet
67Kb / 3P
   10A RECTIFIER
DS28010 Rev. 4 - 2
10A01 DIODES-10A01_15 Datasheet
63Kb / 3P
   10A RECTIFIER
logo
Won-Top Electronics
KBU1000 WTE-KBU1000 Datasheet
42Kb / 3P
   10A BRIDGE RECTIFIER
logo
Sanyo Semicon Device
SB100-09 SANYO-SB100-09 Datasheet
80Kb / 3P
   90V, 10A Rectifier
SB100-18 SANYO-SB100-18 Datasheet
80Kb / 3P
   180V, 10A Rectifier
logo
Diodes Incorporated
PBPC1001 DIODES-PBPC1001_1 Datasheet
333Kb / 3P
   10A BRIDGE RECTIFIER
DS21312 Rev. 7 - 2
logo
Gamma Microelectronics ...
GMR10H100C GAMMA-GMR10H100C_1 Datasheet
110Kb / 6P
   10A SCHOTTKY RECTIFIER
GMR10H45C GAMMA-GMR10H45C Datasheet
110Kb / 6P
   10A SCHOTTKY RECTIFIER
logo
Sanyo Semicon Device
SB100-09K SANYO-SB100-09K Datasheet
81Kb / 3P
   90V, 10A Rectifier
SBA100-04J SANYO-SBA100-04J Datasheet
82Kb / 3P
   40V, 10A Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com