Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JW2SNDC12V Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # JW2SNDC12V
Description  Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

JW2SNDC12V Datasheet(HTML) 3 Page - Panasonic Semiconductor

  JW2SNDC12V Datasheet HTML 1Page - Panasonic Semiconductor JW2SNDC12V Datasheet HTML 2Page - Panasonic Semiconductor JW2SNDC12V Datasheet HTML 3Page - Panasonic Semiconductor JW2SNDC12V Datasheet HTML 4Page - Panasonic Semiconductor JW2SNDC12V Datasheet HTML 5Page - Panasonic Semiconductor JW2SNDC12V Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
JW
ASCTB190E 201210-T
2. Specifications
* Specifications will vary with foreign standards certification ratings.
Notes: *1. This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. Wave is standard shock voltage of
±1.2×50µs according to JEC-212-1981
*3. The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage
conditions in NOTES.
*4. The pick-up and drop out voltages rise approximately 0.4% for every 1
°C 33.8°F given a standard ambient temperature of 20°C 68°F.Therefore, when using relays
where the ambient temperature is high, please take into consideration the rise in pick-up and drop out voltages and keep the coil applied voltage within the
maximum applied voltage.
REFERENCE DATA
Characteristics
Item
Specifications
Standard type
High capacity type
Contact
Contact material
1 Form A: AgSnO2 type
1 Form C, 2 Form A and 2 Form C: AgNi type
Arrangement
1 Form A, 1 Form C, 2 Form A and 2 Form C
1 Form A and 1 Form C
Contact resistance (Initial)
Max. 100 m
Ω (By voltage drop 6 V DC 1A)
Rating
Nominal switching capacity (resistive load)
5A 250V AC, 5A 30V DC
10A 250V AC, 10A 30V DC
Max. switching power (resistive load)
1,250VA, 150W
2,500VA, 300W
Max. switching voltage
250V AC, 30V DC
Max. switching current
5A
10A
Min. switching capacity (reference value)*1
100mA, 5V DC
Electrical
characteristics
Insulation resistance (Initial)
Min. 1,000M
Ω (at 500V DC) Measurement at same location as “Breakdown voltage” section.
Breakdown voltage
(Initial)
Between open contacts
1,000 Vrms for 1 min. (Detection current: 10 mA)
Between contact and coil
5,000 Vrms for 1 min. (Detection current: 10 mA)
Between contact sets
3,000 Vrms for 1 min. (2 Form A, 2 Form C) (Detection current: 10 mA)
Temperature rise (coil)
1 Form A: Max. 45
°C 113°F,
1 Form C, 2 Form A and 2 Form C:
Max. 55
°C 131°F
(resistive method, with nominal coil voltage and
at nominal switching capacity, at 20
°C 68°F)
1 Form A: Max. 45
°C 113°F,
1 Form C: Max. 55
°C 131°F
(resistive method, with nominal coil voltage and
at nominal switching capacity, at 20
°C 68°F)
Surge breakdown voltage*2
(Between contact and coil) (Initial)
10,000 V
Operate time (at nominal voltage) (at 20
°C 68°F)
Max. 15 ms (excluding contact bounce time.)
Release time (at nominal voltage) (at 20
°C 68°F)
Max. 5 ms (excluding contact bounce time) (Without diode)
Mechanical
characteristics
Shock resistance
Functional
98 m/s2 (Half-wave pulse of sine wave: 11 ms; detection time: 10
µs.)
Destructive
980 m/s2 (Half-wave pulse of sine wave: 6 ms.)
Vibration resistance
Functional
10 to 55 Hz at double amplitude of 1.6 mm (Detection time: 10
µs.)
Destructive
10 to 55 Hz at double amplitude of 2.0 mm
Expected life
Mechanical (at 180 times/min.)
Min. 5
×106
Electrical (at 6 times/min.)
Min. 105 (at resistive load)
Conditions
Conditions for operation, transport and storage*3
Ambient temperature*4: –40
°C to +60°C –40°F to 140°F (Class E),
(Class B: –40
°C to +85°C –40°F to 185°F)
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Max. operating speed
(at nominal switching capacity)
Flux-resistant type: 20 times/min., Sealed type: 6 times/min.
Unit weight
Approx. 13 g .46 oz
JW 1 Form A Standard (5A) type
1. Maximum operating power
2. Operate/release time
Sample: JW1aSN-DC12V-F, 10 pcs.
Ambient temperature: 20
°C 68°F
3. Life curve
1 Form A Standard (5 A) type
10
100
10
100
1,000
1
Contact voltage, V
AC resistive
load
DC resistive
load
80
90
100
110
120
5
0
10
Min.
Max.
Min.
x-
x-
Max.
Coil applied voltage, %V
Operate time
Release time
100
10
510
15
Contact current, A
250 V AC resistive load
30 V DC resistive load


Similar Part No. - JW2SNDC12V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
JW2SN-DC12V NAIS-JW2SN-DC12V Datasheet
166Kb / 5P
   COMPACT PC BOARD POWER RELAY
logo
Panasonic Semiconductor
JW2SN-DC12V PANASONIC-JW2SN-DC12V Datasheet
230Kb / 4P
   COMPACT PC BOARD POWER RELAY
logo
Nais(Matsushita Electri...
JW2SN-DC18V NAIS-JW2SN-DC18V Datasheet
166Kb / 5P
   COMPACT PC BOARD POWER RELAY
logo
Panasonic Semiconductor
JW2SN-DC18V PANASONIC-JW2SN-DC18V Datasheet
230Kb / 4P
   COMPACT PC BOARD POWER RELAY
logo
Nais(Matsushita Electri...
JW2SN-DC24V NAIS-JW2SN-DC24V Datasheet
166Kb / 5P
   COMPACT PC BOARD POWER RELAY
More results

Similar Description - JW2SNDC12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JQ1APE-24V-H12 PANASONIC-JQ1APE-24V-H12 Datasheet
128Kb / 7P
   1a/1c 5A/10A small power relays
JQ1AP-B-24V-F PANASONIC-JQ1AP-B-24V-F Datasheet
93Kb / 6P
   1a/1c 5A/10A small power relays
JQ1AP-B-12V-F PANASONIC-JQ1AP-B-12V-F Datasheet
88Kb / 6P
   1a/1c 5A/10A small power relays
JQ1AP-24V-F PANASONIC-JQ1AP-24V-F Datasheet
128Kb / 7P
   1a/1c 5A/10A small power relays
JS1-B-24V-F PANASONIC-JS1-B-24V-F Datasheet
74Kb / 4P
   1a/1c 10A cubic type power relays
JS1-B-12V-F PANASONIC-JS1-B-12V-F Datasheet
102Kb / 5P
   1a/1c 10A cubic type power relays
JS1F-5V-F PANASONIC-JS1F-5V-F Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
JS1-B-18V PANASONIC-JS1-B-18V Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
JS1AF-B-24V-F PANASONIC-JS1AF-B-24V-F Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com