Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11K5015-ECAB Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 11K5015-ECAB
Description  CONTROL KNOBS Ideally Suited for Encoder and Rotary Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

11K5015-ECAB Datasheet(HTML) 2 Page - Grayhill, Inc

  11K5015-ECAB Datasheet HTML 1Page - Grayhill, Inc 11K5015-ECAB Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Control Knob Accessories
DIMENSIONS In inches (and millimeters)
.660
(16,76)
.092 (2,34)
TYP.
(4 PLACES)
.500
(12,7)
DIA.
Top View
Top View
Style 5020
Style 5019
Top View
Style 5028
.730
(18,54)
.710
(18,03)
DIA.
1.090
(27,69)
SPRING CLIP
.500
(12,7)
DIA.
.500
(12,7)
1.575 DIA.
(40,01)
OF
.220
(5,59) R.
C
L
.315
(8,00)
.550
(13,97)
DIA.
.220 R.
(5,59)
.400
(10,16)
.215
(5,46)
.393
(9,98)
Available in ABS, .250 dia. shaft in spring clip (press-on). The locking clip
is also available, requires a custom shaft.**
Top View
Style 5029
*See Ordering Information.
**Contact Grayhill representative
For prices and discounts, contact a local sales office or Grayhill.
Custom materials, styles and colors are available.
ORDERING INFORMATION
Series
Style*: 5013, 5014, 5015, 5017, 5019, 5020, 5028, 5029
(see dimension drawings for style options)
Shaft Diameter:
J = .125 dia. shaft
E = .157 (4mm) dia. shaft
K = .250 dia. shaft
11K5028-KCNB
Knob Color:
B = Black
G = Gray
Material:
A = ABS (available on the styles 5017 and 5020 only)
N = Nylon
Version:
C = Spring Clip (press-on)
L = Locking Clip (available on the style 5020 only)
M = Metal Insert w/Set Screw(s)
Encoder
69


Similar Part No. - 11K5015-ECAB

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
11KA2C3P TOKEN-11KA2C3P Datasheet
367Kb / 3P
   UPR Extra Precision Network Resistors
11KA2C5P TOKEN-11KA2C5P Datasheet
367Kb / 3P
   UPR Extra Precision Network Resistors
11KA2C6P TOKEN-11KA2C6P Datasheet
367Kb / 3P
   UPR Extra Precision Network Resistors
11KA2C7P TOKEN-11KA2C7P Datasheet
367Kb / 3P
   UPR Extra Precision Network Resistors
11KA2C9P TOKEN-11KA2C9P Datasheet
367Kb / 3P
   UPR Extra Precision Network Resistors
More results

Similar Description - 11K5015-ECAB

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
KABS12 DYELEC-KABS12 Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
SS12 DYELEC-SS12 Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
SS24L DYELEC-SS24L Datasheet
2Mb / 2P
   Ideally Suited for Automatic Assembly
KMB22S DYELEC-KMB22S Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
logo
Nanjing International G...
BC847 DGNJDZ-BC847 Datasheet
228Kb / 3P
   Ideally suited for automatic insertion
logo
DIYI Electronic Technol...
S14L DYELEC-S14L Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
S32U DYELEC-S32U Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
logo
TT Electronics.
PWP TTELEC-PWP Datasheet
2Mb / 3P
   Ideally suited for medical applications
logo
Diodes Incorporated
T5V0S5-7 DIODES-T5V0S5-7 Datasheet
153Kb / 4P
   Ideally Suited for ESD Protection
logo
Sangdest Microelectroni...
ER3A SMC-ER3A Datasheet
144Kb / 4P
   Ideally Suited for Automatic Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com