Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2677IRGVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2677IRGVT
Description  Dual, Wideband, High Output Current Operational Amplifier
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2677IRGVT Datasheet(HTML) 1 Page - Texas Instruments

  OPA2677IRGVT Datasheet HTML 1Page - Texas Instruments OPA2677IRGVT Datasheet HTML 2Page - Texas Instruments OPA2677IRGVT Datasheet HTML 3Page - Texas Instruments OPA2677IRGVT Datasheet HTML 4Page - Texas Instruments OPA2677IRGVT Datasheet HTML 5Page - Texas Instruments OPA2677IRGVT Datasheet HTML 6Page - Texas Instruments OPA2677IRGVT Datasheet HTML 7Page - Texas Instruments OPA2677IRGVT Datasheet HTML 8Page - Texas Instruments OPA2677IRGVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
OPA267
7
OPA2677
Dual, Wideband, High Output Current
Operational Amplifier
OPA2677
SBOS126I – APRIL 2000 – REVISED JULY 2008
www.ti.com
Copyright © 2000-2008, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
FEATURES
q WIDEBAND +12V OPERATION: 200MHz (G = +4)
q UNITY-GAIN STABLE: 220MHz (G = +1)
q HIGH OUTPUT CURRENT: 500mA
q OUTPUT VOLTAGE SWING:
±5V
q HIGH SLEW RATE: 1800V/
µs
q LOW SUPPLY CURRENT: 18mA
q FLEXIBLE SUPPLY RANGE:
+5 to +12V Single Supply
±2.5 to ±6V Dual Supplies
APPLICATIONS
q xDSL LINE DRIVER
q CABLE MODEM DRIVER
q MATCHED I/Q CHANNEL AMPLIFIER
q BROADBAND VIDEO LINE DRIVER
q ARB LINE DRIVER
q POWER LINE MODEM
q HIGH CAP LOAD DRIVER
DESCRIPTION
The OPA2677 provides the high output current and low distortion
required in emerging xDSL and Power Line Modem driver
applications. Operating on a single +12V supply, the OPA2677
consumes a low 9mA/ch quiescent current to deliver a very high
500mA output current. This output current supports even the
most demanding ADSL CPE requirements with > 380mA mini-
mum output current (+25
°C minimum value) with low harmonic
distortion. Differential driver applications will deliver < –85dBc
distortion at the peak upstream power levels of full rate ADSL.
The high 200MHz bandwidth will also support the most demand-
ing VDSL line driver requirements.
Specified on
±6V supplies (to support +12V operation), the
OPA2677 will also support a single +5V or dual
±5V supply.
Video applications will benefit from its very high output
current to drive up to 10 parallel video loads (15
Ω) with
< 0.1%/0.1
° dG/dP nonlinearity.
The OPA2677 is available in either an SO-8 or QFN-16 and an
HSOP-8 PowerPAD
 package.
OPA2677 RELATED PRODUCTS
SINGLES
DUALS
TRIPLES
NOTES
OPA691
OPA2691
OPA3691
Single +12V Capable
THS6042
±15V Capable
OPA2674
Single +12V Capable
with current limit
All trademarks are the property of their respective owners.
Single-Supply ADSL CPE Driver
82.5
2k
2k
1
µF
17.4
100
2V
PP
AFE
Output
324
20
324
1/2
OPA2677
1/2
OPA2677
+12V
1:1.7
15V
PP
Twisted Pair
17.7V
PP
20
17.4
+6.0V
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
www.ti.com


Similar Part No. - OPA2677IRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2677IRGVT TI1-OPA2677IRGVT Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
OPA2677IRGVTG4 TI1-OPA2677IRGVTG4 Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
More results

Similar Description - OPA2677IRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
logo
Burr-Brown (TI)
OPA2677 BURR-BROWN-OPA2677 Datasheet
138Kb / 12P
   Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS617 STMICROELECTRONICS-TS617 Datasheet
339Kb / 19P
   Dual wideband high output current operational amplifier
November 2008 Rev 1
logo
Texas Instruments
OPA2613 TI1-OPA2613_14 Datasheet
742Kb / 34P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2613 TI-OPA2613 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2674 TI-OPA2674 Datasheet
617Kb / 33P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2674 TI1-OPA2674_17 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2681 TI1-OPA2681 Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH4101 NSC-LH4101 Datasheet
151Kb / 5P
   WIDEBAND HIGH CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com